Part Number Hot Search : 
NJM2110 MAX30001 LC386D STESB01 TCXNL L1223 39100 ACTF9037
Product Description
Full Text Search
 

To Download CDLL3030B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N3016BUR-1 thru 1N3045BUR-1 AVAILABLE IN JAN, JANTX AND JANTXV PER MIL-PRF-19500/115 * 1 WATT ZENER DIODES * LEADLESS PACKAGE FOR SURFACE MOUNT * DOUBLE PLUG CONSTRUCTION * METALLURGICALLY BONDED
1N3016BUR-1 thru 1N3045BUR-1 and CDLL3016B thru CDLL3045B
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 1watt @ TEC = +125C Power Derating: 20 mW / C above TEC = +125C Forward Voltage @ 200mA: 1.2 volts maximum
ELECTRICAL CHARACTERISTICS @ 25C
CDI TYPE NUMBER (NOTE 1) NOMINAL ZENER VOLTAGE 1 VZ @ ZT (NOTE 2) VOLTS CDLL3016B CDLL3017B CDLL3018B CDLL3019B CDLL3020B CDLL3021B CDLL3022B CDLL3023B CDLL3024B CDLL3025B CDLL3026B CDLL3027B CDLL3028B CDLL3029B CDLL3030B CDLL3031B CDLL3032B CDLL3033B CDLL3034B CDLL3035B CDLL3036B CDLL3037B CDLL3038B CDLL3039B CDLL3040B CDLL3041B CDLL3042B CDLL3043B CDLL3044B CDLL3045B 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 ZENER TEST CURRENT 1ZT MAXIMUM ZENER IMPEDANCE (NOTE 3) ZZT @ 1ZT mA 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 2.3 OHMS 3.5 4.0 4.5 5 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 450 ZZK @ 1ZK OHMS 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 mA 1.0 .5 .5 .5 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 mA 140 125 115 105 95 85 80 74 63 60 52 47 43 40 34 31 28 26 23 21 19 18 17 15 14 12 11 10 9.0 8.3 MAX. DC ZENER CURRENT 1ZM MAX. REVERSE LEAKAGE CURRENT lR @ VR
A
5.0 5.0 5.0 5.0 5.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VOLTS 5.2 5.7 6.2 6.9 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6
DIM D F G G1 S
MILLIMETERS MIN MAX 2.39 2.66 0.41 0.55 4.80 5.20 4.11 REF. 0.03 MIN.
INCHES MIN MAX .094 .105 .016 .022 .189 .205 .159 REF. .001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AB, Hermetically sealed glass case. (MELF, LL41) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 50 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 15 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive with respect to the opposite end. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
NOTE 1 NOTE 2 NOTE 3
No suffix signifies + 20%. "A" Suffix signifies + 10%, "B" Suffix signifies + 5%. "C" suffix signifies + 2% and "B" suffix signifies + 1%. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C +3C. Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of 1ZT
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N3016UR-1 CDLL3016
thru 1N3045UR-1 and thru CDLL3045B
FIGURE 2
Pd, Rated Power Dissipation (mW) 1000 800 600 400 200 0 0 25 50 75 100 125 150 175
TEC , End cap temperature (C)
POWER DERATING CURVE
1000
ZZT, Zener Impedance (OHMS)
100
10
1 .1 1.0 10 OPERATING CURRENT lZT (mA) 100
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of CDLL3030B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X