Part Number Hot Search : 
CO4580 S20S35PT TGH20A TC74A 1SMB13 S1603 COMPONEN SG2644J
Product Description
Full Text Search
 

To Download CD40181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD40181BMS
December 1992
CMOS 4 Bit Arithmetic Logic Unit
Description
The CD40181BMS is a low power four bit parallel arithmetic logic unit (ALU) capable of providing 16 binary arithmetic operations on two four-bit words and 16 logical functions of two Boolean variables. The mode control input M selects logical (M = High) or arithmetic (M = Low) operation. The four select inputs (S0, S1, S2, and S3) select the desired logical or arithmetic functions, which include AND, OR, NAND, NOR and exclusive-OR and-NOR in the logic mode, and addition, subtraction, decrement, left-shift and straight transfer in the arithmetic mode, according to the truth table. The CD40181BMS operation may be interpreted with either active-low or active-high data at the A and B word inputs and the function outputs F, by using the appropriate truth table. The CD40181BMS contains logic for full look ahead carry operation for fast carry generation using the carry-generate and carry-propagate outputs G and P for the four bits of the CD40181BMS. Use of the CD40182BMS look-ahead carry generator in conjunction with multiple CD40181BMS's permits high speed arithmetic operations on long words. A ripple carry output Cn+4 is available for use in systems where speed is not of primary importance. Also included in the CD40181BMS is a comparator output A = B, which assumes a high level whenever the two four-bit input words A and B are equal and the device is in the subtract mode. In addition, relative magnitude information may be derived from the carry-in input Cn and ripple carryout output Cn+4 by placing the unit in the subtract mode and externally decoding using the information in Table B. The CD40181BMS is similar to industry types MC14581 and 74181.
CD40181BMS ACTIVE-LOW DATA TOP VIEW
Features
* High Voltage Type (20V Rating) * Full Look Ahead Carry for Speed Operations on Long Words * Generates 16 Logic Functions of Two Boolean Variables * Generates 16 Arithmetic Functions of Two 4 Bit Binary Words * A = B comparator Output Available * Ripple Carry Input and Output Available * Typical Addition Time 200ns at VDD = 10V * 100% Tested for Quiescent Current at 20V * 5V, 10V and 15V Parametric Ratings * Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC * Noise Margin (Over Full Package/Temperature Range) - 1V at VDD = 5V - 2V at VDD = 10V - 2.5V at VDD = 15V * Standardized Symmetrical Output Characteristics * Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of `B' Series CMOS Devices"
Applications
* Parallel Arithmetic Units * Process Controllers * Low Power Minicomputers
Pinout
The CD40181BMS is supplied in these 24-lead outline packages: Braze Seal DIP Ceramic Flatpack HNZ H4P
B0 A0 S3 S2 S1 S0 Cn M F0
1 2 3 4 5 6 7 8 9
24 VDD 23 A1 22 B1 21 A2 20 B2 19 A3 18 B3 17 G 16 Cn+4 15 P 14 A = B 13 F3
F1 10 F2 11 VSS 12
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
3361
7-1400
CD40181BMS Functional Diagrams
FUNCTION SELECT INPUTS S0 S1 S2 S3 6 A0 WORD A A1 A2 A3 B0 WORD B B1 B2 B3 Cn CARRY IN MODE M CONTROL 2 23 21 19 1 22 20 18 7 8 5 4 3 9 10 11 13 F0 F1 F2 F3 OUTPUT FUNCTION
14 A = B COMPARE OUT 16 Cn+4 RIPPLE CARRY OUT 17 15 G P LOOK AHEAD CARRY OUTPUTS
VDD = 24 VSS = 12
ACTIVE-LOW DATA
FUNCTION SELECT INPUTS S0 S1 S2 S3 6 A0 WORD A A1 A2 A3 B0 WORD B B1 B2 B3 Cn CARRY IN MODE M CONTROL 2 23 21 19 1 22 20 18 7 8 5 4 3 9 10 11 13 F0 F1 F2 F3 OUTPUT FUNCTION
14 A = B COMPARE OUT 16 Cn+4 RIPPLE CARRY OUT 17 15 G P LOOK AHEAD CARRY OUTPUTS
VDD = 24 VSS = 12
ACTIVE-HIGH DATA
7-1401
Specifications CD40181BMS
Absolute Maximum Ratings
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 1/32 Inch (1.59mm 0.79mm) from case for 10s Maximum
Reliability Information
Thermal Resistance ja jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W Maximum Package Power Dissipation (PD) at +125oC For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K). . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2 VDD = 18V, VIN = VDD or GND Input Leakage Current IIL VIN = VDD or GND VDD = 20 3 1 2 VDD = 18V Input Leakage Current IIH VIN = VDD or GND VDD = 20 3 1 2 VDD = 18V Output Voltage Output Voltage Output Current (Sink) Output Current (Sink) Output Current (Sink) Output Current (Source) Output Current (Source) Output Current (Source) Output Current (Source) N Threshold Voltage P Threshold Voltage Functional VOL15 VOH15 IOL5 IOL10 IOL15 IOH5A IOH5B IOH10 IOH15 VNTH VPTH F VDD = 15V, No Load VDD = 15V, No Load (Note 3) VDD = 5V, VOUT = 0.4V VDD = 10V, VOUT = 0.5V VDD = 15V, VOUT = 1.5V VDD = 5V, VOUT = 4.6V VDD = 5V, VOUT = 2.5V VDD = 10V, VOUT = 9.5V VDD = 15V, VOUT = 13.5V VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VDD = 2.8V, VIN = VDD or GND VDD = 20V, VIN = VDD or GND VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Input Voltage Low (Note 2) Input Voltage High (Note 2) Input Voltage Low (Note 2) Input Voltage High (Note 2) VIL VIH VIL VIH VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V 3 1, 2, 3 1, 2, 3 1 1 1 1 1 1 1 1 1 7 7 8A 8B 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 +25oC, +25oC, LIMITS TEMPERATURE +25oC +125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +125oC, +125oC, +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +125oC -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC 3.5 11 1.5 4 V V V V -55oC -55oC MIN -100 -1000 -100 14.95 0.53 1.4 3.5 -2.8 0.7 MAX 10 1000 10 100 1000 100 50 -0.53 -1.8 -1.4 -3.5 -0.7 2.8 UNITS A A A nA nA nA nA nA nA mV V mA mA mA mA mA mA mA V V V
PARAMETER Supply Current
SYMBOL IDD
CONDITIONS (NOTE 1) VDD = 20V, VIN = VDD or GND
VOH > VOL < VDD/2 VDD/2
NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max.
7-1402
Specifications CD40181BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS TEMPERATURE 9 10, 11 VDD = 5V, VIN = VDD or GND 9 10, 11 VDD = 5V, VIN = VDD or GND 9 10, 11 VDD = 5V, VIN = VDD or GND 9 10, 11 VDD = 5V, VIN = VDD or GND 9 10, 11 +25oC +125oC, -55oC LIMITS MIN o
PARAMETER Propagation Delay A or B to F (Logic Mode), A or B to G or P Propagation Delay A or B to F, Cn+4, or A = B Propagation Delay Cn to F Propagation Delay Cn to Cn+4 Transition Time
SYMBOL TPHL1 TPLH1 TPHL2 TPLH2 TPHL3 TPLH3 TPHL4 TPLH4 TTHL TTLH
CONDITIONS (NOTE 1, 2) VDD = 5V, VIN = VDD or GND
MAX 800 1080 1000 1350 640 864 400 540 200 270
UNITS ns ns ns ns ns ns ns ns ns ns
+25oC +125 C, -55 C +25oC +125oC, -55oC
o
-
+25oC +125oC, -55oC
+25oC +125oC, -55oC
NOTES: 1. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current SYMBOL IDD CONDITIONS VDD = 5V, VIN = VDD or GND VDD = 10V, VIN = VDD or GND VDD = 15V, VIN = VDD or GND Output Voltage Output Voltage Output Voltage Output Voltage Output Current (Sink) Output Current (Sink) Output Current (Sink) Output Current (Source) Output Current (Source) Output Current (Source) Output Current (Source) VOL VOL VOH VOH IOL5 IOL10 IOL15 IOH5A IOH5B IOH10 IOH15 VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, VOUT = 0.4V VDD = 10V, VOUT = 0.5V VDD = 15V, VOUT = 1.5V VDD = 5V, VOUT = 4.6V VDD = 5V, VOUT = 2.5V VDD = 10V, VOUT = 9.5V VDD =15V, VOUT = 13.5V NOTES 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 1, 2 TEMPERATURE -55oC, +25oC +125 C -55oC, +25oC +125oC -55oC, +25oC +125oC +25 C, +125 C, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC
o o o
MIN 4.95 9.95 0.36 0.64 0.9 1.6 2.4 4.2 -
MAX 5 150 10 300 10 600 50 50 -0.36 -0.64 -1.15 -2.0 -0.9 -1.6 -2.4 -4.2
UNITS A A A A A A mV mV V V mA mA mA mA mA mA mA mA mA mA mA mA mA mA
7-1403
Specifications CD40181BMS
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Input Voltage Low Input Voltage High Propagation Delay A or B to F (Logic Mode) A or B to G or P Propagation Delay A or B to F, Cn+4 or A = B Propagation Delay Cn to F Propagation Delay Cn to Cn+4 Transition Time Input Capacitance NOTES: 1. All voltages referenced to device GND. 2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial design release and upon design changes which would affect these characteristics. 3. CL = 50pF, RL = 200K, Input TR, TF < 20ns. SYMBOL VIL VIH TPHL1 TPLH1 TPHL2 TPLH2 TPHL3 TPLH3 TPHL4 TPLH4 TTHL TTLH CIN CONDITIONS VDD = 10V, VOH > 9V, VOL < 1V VDD = 10V, VOH > 9V, VOL < 1V VDD = 10V VDD = 15V VDD = 10V VDD = 15V VDD = 10V VDD = 15V VDD = 10V VDD = 15V VDD = 10V VDD = 15V Any Input NOTES 1, 2 1, 2 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2 TEMPERATURE +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC +25 C +25oC +25oC +25oC +25 C +25oC +25oC +25 C +25oC +25 C
o o o o
MIN +7 -
MAX 3 320 240 400 280 270 200 200 140 100 80 7.5
UNITS V V ns ns ns ns ns ns ns ns ns ns pF
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current N Threshold Voltage N Threshold Voltage Delta P Threshold Voltage P Threshold Voltage Delta Functional SYMBOL IDD VNTH VTND VTP VTPD F CONDITIONS VDD = 20V, VIN = VDD or GND VDD = 10V, ISS = -10A VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VSS = 0V, IDD = 10A VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Propagation Delay Time TPHL TPLH VDD = 5V 1, 2, 3, 4 +25oC NOTES 1, 4 1, 4 1, 4 1, 4 1, 4 1 TEMPERATURE +25 C +25oC +25 C +25oC +25 C +25oC
o o o
MIN -2.8 0.2 VOH > VDD/2 -
MAX 25 -0.2 1 2.8 1 VOL < VDD/2 1.35 x +25oC Limit
UNITS A V V V V V
ns
NOTES: 1. All voltages referenced to device GND. 2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit. 4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC PARAMETER Supply Current - MSI-2 Output Current (Sink) Output Current (Source) SYMBOL IDD IOL5 IOH5A 1.0A 20% x Pre-Test Reading 20% x Pre-Test Reading DELTA LIMIT
7-1404
Specifications CD40181BMS
TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Pre Burn-In) Interim Test 1 (Post Burn-In) Interim Test 2 (Post Burn-In) PDA (Note 1) Interim Test 3 (Post Burn-In) PDA (Note 1) Final Test Group A Group B Subgroup B-5 Subgroup B-6 Group D MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 Sample 5005 Sample 5005 Sample 5005 Sample 5005 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 Subgroups 1, 2, 3, 9, 10, 11 IDD, IOL5, IOH5A READ AND RECORD IDD, IOL5, IOH5A IDD, IOL5, IOH5A IDD, IOL5, IOH5A
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION MIL-STD-883 METHOD 5005 TEST PRE-IRRAD 1, 7, 9 POST-IRRAD Table 4 READ AND RECORD PRE-IRRAD 1, 9 POST-IRRAD Table 4
CONFORMANCE GROUPS Group E Subgroup 2
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION Static Burn-In 1 (Note 1) Static Burn-In 2 (Note 1) Dynamic BurnIn (Note 1) Irradiation (Note 2) NOTES: 1. Each pin except VDD and GND will have a series resistor of 10K 5%, VDD = 18V 0.5V 2. Each pin except VDD and GND will have a series resistor of 47K 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 0.5V OPEN 9-11, 13-17 9-11, 13-17 9-11, 13-17 GROUND 1-8, 12, 18-23 12 4-6, 8, 12 12 VDD 24 1-8, 18-24 3, 24 1-8, 18-24 9-11, 13-17 1, 2, 18-23 7 9V -0.5V 50kHz 25kHz
7-1405
CD40181BMS Logic Diagram
S3
3*
S2
4*
S1
5*
S0
6* 17 18* G
B3 16 Cn+4
15
P
19* A3 20* B2
13
F3
21* A2 11 22* B1 F2
14
A=B
23* A1 10 B0 1* F1
9 A0 2*
VDD
F0
M
8*
*
ALL INPUTS ARE PROTECTED BY CMOS PROTECTION NETWORK
n
7*
VSS
FIGURE 1. ACTIVE LOW DATA
7-1406
CD40181BMS
TRUTH TABLE
INPUTS/OUTPUTS ACTIVE LOW FUNCTION SELECT S3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 S2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 S1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 S0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 LOGIC FUNCTION M=H A AB A+B Logic 1 A+B B AB A+B AB AB B A+B Logic 0 AB AB A ARITHMETIC* FUNCTION M = L Cn = L A minus 1 AB minus 1 AB minus 1 minus 1 A plus (A + B) AB plus (A + B) A minus B minus 1 A+B A plus (A + B) A plus B AB plus (A + B) A+B A plus A AB plus A AB plus A A Cn = H A AB AB Zero A plus (A + B) plus 1 AB plus (A + B) plus 1 A minus B (A + B) plus 1 A plus (A + B) plus 1 A plus B plus 1 AB plus (A + B) plus 1 A + B plus 1 A plus A plus 1 AB plus A plus 1 AB plus A plus 1 A plus 1 S3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 FUNCTION SELECT S2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 S1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 S0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 LOGIC FUNCTION M=H A A+B AB Logic 0 AB B AB AB A+B AB B AB Logic 1 A+B A+B A INPUTS/OUTPUTS ACTIVE HIGH ARITHMETIC* FUNCTION M = L Cn = H A A+B A+B minus 1 A plus AB (A + B) plus AB A minus B minus 1 AB minus 1 A plus AB A plus B (A + B) plus AB AB minus 1 A plus A (A + B) plus A (A+ B) plus A A minus 1 Cn = L A plus 1 (A + B) plus 1 (A + B) plus 1 Zero A plus AB plus 1 (A + B) plus AB plus 1 A minus B AB A plus AB plus 1 A plus B plus 1 (A + B) plus AB plus 1 AB A plus A plus 1 (A + B) plus A plus 1 (A + B) plus A plus 1 A
* Expressed as two's complement 1 = High level 0 = Low level
Typical Performance Characteristics
AMBIENT TEMPERATURE (TA) = +25oC AMBIENT TEMPERATURE (TA) = +25oC
OUTPUT LOW (SINK) CURRENT (IOL) (mA)
OUTPUT LOW (SINK) CURRENT (IOL) (mA)
30 25 20 15 10 5
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
15.0 GATE-TO-SOURCE VOLTAGE (VGS) = 15V 12.5 10.0 7.5 5.0 2.5 10V
10V
5V 0 5 10 15
5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
1407
CD40181BMS Typical Performance Characteristics
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V 0
(Continued)
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA) AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V -5
0 -5 -10 -15
0
0 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA)
-10V
-20 -25
-10V
-10
-15V
-30
-15V
-15
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
800 AMBIENT TEMPERATURE (TA) = +25oC
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
PROPAGATION DELAY TIME (tPHL, tPLH) (ns)
AMBIENT TEMPERATURE (TA) = +25oC TRANSITION TIME (tTHL, tTLH) (ns)
600
200 SUPPLY VOLTAGE (VDD) = 5V
SUPPLY VOLTAGE (VDD) = 5V 400
150
100 10V 50 15V
200
10V 15V
0 0
20
60 80 40 LOAD CAPACITANCE (CL) (pF)
100
0 0
20
40 60 80 100 LOAD CAPACITANCE (CL) (pF)
FIGURE 6. TYPICAL PROPAGATION DELAY TIME AS A FUNCTION OF LOAD CAPACITANCE (FOR A OR B TO F, LOGIC MODE
106 POWER DISSIPATION PER (PD) (W)
8 6 4 2
FIGURE 7. TYPICAL TRANSITION TIME AS A FUNCTION OF LOAD CAPACITANCE
AMBIENT TEMPERATURE (TA) = +25oC
105
SUPPLY VOLTAGE (VDD) = 15V
8 6 4 2
5V 10V
104
8 6 4 2
103
8 6 4 2
LOAD CAPACITANCE CL = 50pF CL = 15pF
2 4 68
102 1
10
102 103 104 INPUT FREQUENCY (fIN) (kHz)
2
4 68
2
4 68
2
4 68
2
4 68
105
FIGURE 8. TYPICAL DYNAMIC DISSIPATION AS A FUNCTION OF INPUT FREQUENCY
7-1408
CD40181BMS
TABLE A. AC TEST SETUP REFERENCE (ACTIVE LOW DATA) AC PATHS TEST DELAY TIMES SUMIN to SUMOUT SUMIN to P SUMIN to G SUMIN to Cn+4 Cn to SUMOUT Cn to Cn+4 SUMIN to A = B SUMIN to SUMOUT (Logic Mode) B0 A0 B0 B0 Cn Cn B0 All B's INPUTS OUTPUTS Any F P G Cn+4 Any F Cn+4 A=B Any F DC DATA INPUTS TO VSS B1, B2, B3, M, Cn A1, A2, A3, M, Cn All A's, M, Cn All A's, M, Cn All A's, M All A's, M All A's, B1, B2, B3, M All A's, Cn TO VDD All A's All B's B1, B2, B3 B1, B2, B3 All B's All B's Cn M Add Add Add Add Add Add Subtract Exclusive OR MODE*
* Add Mode: S0, S3 = VDD; S1, S2 = VSS. Subtract Mode: S0, S3 = VSS; S1, S2 = VDD.
TABLE B. MAGNITUDE COMPARISON ACTIVE HIGH DATA INPUT Cn 1 0 1 0 1 = High level OUTPUT Cn+4 1 1 0 0 0 = Low level MAGNITUDE AB AB AB INPUT Cn 0 1 0 1 ACTIVE LOW DATA OUTPUT Cn+4 0 0 1 1 MAGNITUDE AB AB AB
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch).
METALLIZATION: Thickness: 11kA - 14kA, PASSIVATION: BOND PADS: 10.4kA - 15.6kA, Silane
AL.
0.004 inches X 0.004 inches MIN 0.0198 inches - 0.0218 inches
DIE THICKNESS:
7-1409


▲Up To Search▲   

 
Price & Availability of CD40181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X