Part Number Hot Search : 
10900 TM50D D5NK4 BPC2510 10V10X1 THD200FI 06A1A CLM4121
Product Description
Full Text Search
 

To Download BU4069UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Hex inverter
BU4069UB / BU4069UBF / BU4069UBFV
The BU4069UB, BU4069UBF and BU4069UBFV are six-circuit inverters with no buffers. A single-stage gate configuration reduces the propagation time.
*Features dissipation. 1) Low power
2) Wide range of operating power supply voltages. 3) High input impedance.
4) High fan-out. 5) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.
*Logic circuit diagram
VDD
*Block diagram
I1 1 14 VDD 13 I6 12 O6 11 I5 10 O5 9 O1 2
I2
3
IN
OUT
O2
4
I3
5
O3 VSS VSS
6
I4
7
8
O4
*Absolute maximum ratings (VSS = 0V, Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Input voltage Symbol VDD Pd Topr Tstg VIN Limits - 0.3 ~ + 18 1000 (DIP), 450 (SOP), 350 (SSOP-B14) - 40 ~ + 85 - 55 ~ + 150 - 0.3 ~ VDD + 0.3 Unit V mW C C V
1
Standard ICs
BU4069UB / BU4069UBF / BU4069UBFV
*Electrical characteristics otherwise noted, VSS = 0V, Ta = 25C) DC characteristics (unless
Parameter Symbol Min. 4.0 Input high level voltage VIH 8.0 12.5 -- Input low level voltage VIL -- -- Input high level current Input low level current IIH IIL -- -- 4.95 Output high level voltage VOH 9.95 14.95 -- Output low level voltage VOL -- -- - 0.16 Output high level current IOH - 0.4 - 1.2 0.44 Output low level current IOL 1.1 3.0 -- Static current dissipation IDD -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max. -- -- -- 1.0 2.0 2.5 0.3 - 0.3 -- -- -- 0.05 0.05 0.05 -- -- -- -- -- -- 1 2 4 A mA mA V V A A V V Unit VDD (V) 5 10 15 5 10 15 15 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 VI = VDD or GND -- VOH = 4.6V VOH = 9.5V VOH = 13.5V VOL = 0.4V VOL = 0.5V VOL = 1.5V Fig.1 Fig.1 IO = 0mA Fig.1 IO = 0mA Fig.1 VIH = 15V VIL = 0V Fig.1 Fig.1 -- Fig.1 -- Fig.1 Conditions Measurement circuit
2
Standard ICs
BU4069UB / BU4069UBF / BU4069UBFV
Switching characteristics (unless otherwise noted, Ta = 25C, VSS = 0V, CL = 50pF)
Parameter Symbol Min. -- Output rise time tTLH -- -- -- Output fall time tTHL -- -- -- "L" to "H" Propagation delay time tPLH -- -- -- "H" to "L" Propagation delay time Input capacitance tPHL -- -- CIN -- Typ. 180 90 65 100 50 40 90 50 40 65 40 30 5 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- pF ns ns ns ns Unit Conditions Measurement circuit
VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 --
--
Fig.2
--
Fig.2
--
Fig.2
--
Fig.2
--
--
*Measurement circuits
VDD VDD 20ns 20ns VDD Input A V P.G. GND Output VOL tTHL tTLH CL tPHL tPLH VOH VSS
GND
Fig. 1 DC characteristics
Fig. 2 Switching characteristics
3
Standard ICs
BU4069UB / BU4069UBF / BU4069UBFV
*Electrical characteristic curve
1200 POWER DISSIPATION: Pd (mW) DIP14 1000 800
600 SOP14 400 SSOP-B14 200 0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE: Ta (C)
Fig. 3 Power dissipation vs. Ta
*External dimensions (Units: mm)
BU4069UB
19.4 0.3 6.5 0.3 14 8 14 6.2 0.3 4.4 0.2
BU4069UBF
8.7 0.2 8
1 4.25 0.3 0.51Min.
7 7.62
1.5 0.1
1
7
3.2 0.2
0.3 0.1
0.11
1.27
0.4 0.1
0.3Min. 0.15
2.54
0.5 0.1 0 ~ 15
DIP14
BU4069UBFV
5.0 0.2 14 6.4 0.3 4.4 0.2 8
SOP14
1.15 0.1
1 0.1
7
0.65
0.22 0.1
0.3Min. 0.1
SSOP-B14
4
0.15 0.1
0.15 0.1


▲Up To Search▲   

 
Price & Availability of BU4069UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X