Part Number Hot Search : 
MF501 MSM6648 ITS4141N AT28C010 MAX602 1N6157US TJC125A SIT9366
Product Description
Full Text Search
 

To Download BU4001B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard ICs
Quad 2-input NOR gate
BU4001B / BU4001BF
The BU4001B and BU4001BF are 2-input positive logic NOR gates, each with four built-in circuits. A buffer achieved by an inverter added at the gate output improves the input / output propagation characteristic and minimizes variation in the propagation time caused by increase of the load capacitance.
*Features dissipation. 1) Low power
2) Wide range of operating power supply voltage. 3) High input impedance.
4) High fan-out. 5) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.
*Block diagram
A1 1 14 VDD B1 2 13 A4
O1 O2
3 4
12 B4 11 O4
B2
5
10 O3
A2 VSS
6 7
9
B3
8
A3
*Absolute maximum ratings (VSS = 0V, Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Input voltage Symbol VDD Pd Topr Tstg VIN Limits - 0.3 ~ + 18 1000 (DIP), 450 (SOP) - 40 ~ + 85 - 55 ~ + 150 - 0.3 ~ VDD + 0.3 Unit V mW C C V
1
Standard ICs
BU4001B / BU4001BF
*Electrical characteristics otherwise noted, VSS = 0V, Ta = 25C) DC characteristics (unless
Parameter Symbol Min. 3.5 Input high level voltage VIH 7.0 11.0 -- Input low level voltage VIL -- -- Input high level current Input low level current IIH IIL -- -- 4.95 Output high level voltage VOH 9.95 14.95 -- Output low level voltage VOL -- -- - 0.16 Output high level current IOH - 0.4 - 1.2 0.44 Output low level current IOL 1.1 3.0 -- Static current dissipation IDD -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max. -- -- -- 1.5 3.0 4.0 0.3 - 0.3 -- -- -- 0.05 0.05 0.05 -- -- -- -- -- -- 1 2 4 A mA mA V V A A V V Unit VDD (V) 5 10 15 5 10 15 15 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 VI = VDD or GND -- VOH = 4.6V VOH = 9.5V VOH = 13.5V VOL = 0.4V VOL = 0.5V VOL = 1.5V Fig.1 Fig.1 IO = 0mA Fig.1 IO = 0mA Fig.1 VIH = 15V VIL = 0V Fig.1 Fig.1 -- Fig.1 -- Fig.1 Conditions Measurement circuit
2
Standard ICs
Switching characteristics (unless otherwise noted, VSS = 0V, Ta = 25C, CL = 50pF)
Parameter Symbol Min. -- Output rise time tTLH -- -- -- Output fall time tTHL -- -- -- Propagation delay time, "L" to "H" tPLH -- -- -- Propagation delay time, "H" to "L" Input capacitance tPHL -- -- CIN -- Typ. 180 90 65 100 50 40 90 50 40 90 50 40 5 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- pF ns ns ns ns Unit
BU4001B / BU4001BF
VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 --
Conditions
Measurement circuit
--
Fig.2
--
Fig.2
--
Fig.2
--
Fig.2
--
--
*Measurement circuits
VDD VDD 20ns 90% Input A tPHL V
P.G
20ns
50% 10% 90% 50% 10% tPLH
CL = 50pF
Output
GND
GND tTHL tTLH
Fig.1 DC characteristics
Fig.2 Switching characteristics
*Electrical characteristic curve
1200 POWER DISSIPATION: Pd (mW) 1000 800 DIP14
600 SOP14 400
200 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE: Ta (C)
Fig.3 Power dissipation vs. Ta characteristic
3
Standard ICs
BU4001B / BU4001BF
*External dimensions (Units: mm)
BU4001B BU4001BF
8.7 0.2 6.5 0.3 8 14 6.2 0.3 4.4 0.2 8
19.4 0.3 14
1 4.25 0.3 0.51Min.
7 7.62
1.5 0.1
1
7
0.11
3.2 0.2
0.3 0.1
1.27
0.4 0.1
0.3Min. 0.15
2.54
0.5 0.1 0 ~ 15
DIP14
SOP14
4
0.15 0.1


▲Up To Search▲   

 
Price & Availability of BU4001B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X