Part Number Hot Search : 
C9018 CMHZ4120 01MXA 74LVCH 5LN01S 106M16 CDLL4711 06400
Product Description
Full Text Search
 

To Download BT151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Thyristors
BT151 series
GENERAL DESCRIPTION
Glass passivated thyristors in a plastic envelope, intended for use in applications requiring high bidirectional blocking voltage capability and high thermal cycling performance. Typical applications include motor control, industrial and domestic lighting, heating and static switching.
QUICK REFERENCE DATA
SYMBOL VDRM, VRRM IT(AV) IT(RMS) ITSM PARAMETER BT151Repetitive peak off-state voltages Average on-state current RMS on-state current Non-repetitive peak on-state current MAX. MAX. MAX. UNIT 500R 500 7.5 12 100 650R 650 7.5 12 100 800R 800 7.5 12 100 V A A A
PINNING - TO220AB
PIN 1 2 3 tab DESCRIPTION cathode anode gate anode
PIN CONFIGURATION
tab
SYMBOL
a
k
1 23
g
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER CONDITIONS MIN. half sine wave; Tmb 109 C all conduction angles half sine wave; Tj = 25 C prior to surge t = 10 ms t = 8.3 ms t = 10 ms ITM = 20 A; IG = 50 mA; dIG/dt = 50 mA/s -40 MAX. -500R -650R -800R 5001 6501 800 7.5 12 100 110 50 50 2 5 5 5 0.5 150 125 UNIT V A A A A A2s A/s A V V W W C C
VDRM, VRRM Repetitive peak off-state voltages IT(AV) IT(RMS) ITSM Average on-state current RMS on-state current Non-repetitive peak on-state current
I2t dIT/dt IGM VGM VRGM PGM PG(AV) Tstg Tj
I2t for fusing Repetitive rate of rise of on-state current after triggering Peak gate current Peak gate voltage Peak reverse gate voltage Peak gate power Average gate power over any 20 ms period Storage temperature Operating junction temperature
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may switch to the on-state. The rate of rise of current should not exceed 15 A/s. September 1997 1 Rev 1.200
Philips Semiconductors
Product specification
Thyristors
BT151 series
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER CONDITIONS MIN. TYP. 60 MAX. 1.3 UNIT K/W K/W Thermal resistance junction to mounting base Thermal resistance in free air junction to ambient
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL IGT IL IH VT VGT ID, IR PARAMETER Gate trigger current Latching current Holding current On-state voltage Gate trigger voltage Off-state leakage current CONDITIONS VD = 12 V; IT = 0.1 A VD = 12 V; IGT = 0.1 A VD = 12 V; IGT = 0.1 A IT = 23 A VD = 12 V; IT = 0.1 A VD = VDRM(max); IT = 0.1 A; Tj = 125 C VD = VDRM(max); VR = VRRM(max); Tj = 125 C MIN. 0.25 TYP. 2 10 7 1.4 0.6 0.4 0.1 MAX. 15 40 20 1.75 1.5 0.5 UNIT mA mA mA V V V mA
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL dVD/dt PARAMETER Critical rate of rise of off-state voltage Gate controlled turn-on time Circuit commutated turn-off time CONDITIONS VDM = 67% VDRM(max); Tj = 125 C; exponential waveform; Gate open circuit RGK = 100 ITM = 40 A; VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s VD = 67% VDRM(max); Tj = 125 C; ITM = 20 A; VR = 25 V; dITM/dt = 30 A/s; dVD/dt = 50 V/s; RGK = 100 MIN. TYP. MAX. UNIT
tgt tq
50 200 -
130 1000 2 70
-
V/s V/s s s
September 1997
2
Rev 1.200
Philips Semiconductors
Product specification
Thyristors
BT151 series
15
Ptot / W
conduction angle degrees 30 60 90 120 180 form factor
BT151
a
4 2.8 2.2 1.9 1.57
Tmb(max) / C a = 1.57 2.2 1.9
105.5
120 100
ITSM / A
BT151 IT ITSM
10
2.8 4
112
80 60
time T Tj initial = 25 C max
5
118.5
40 20
0
0
1
2
3
4 5 IT(AV) / A
6
7
125 8
0
1
10 100 Number of half cycles at 50Hz
1000
Fig.1. Maximum on-state dissipation, Ptot, versus average on-state current, IT(AV), where a = form factor = IT(RMS)/ IT(AV).
BT151
Fig.4. Maximum permissible non-repetitive peak on-state current ITSM, versus number of cycles, for sinusoidal currents, f = 50 Hz.
1000
ITSM / A
25
IT(RMS) / A
BT151
20
dI T /dt limit 100
15
10
IT T I TSM time
5
Tj initial = 25 C max 10 10us 100us T/s 1ms 10ms
0 0.01
0.1 1 surge duration / s
10
Fig.2. Maximum permissible non-repetitive peak on-state current ITSM, versus pulse width tp, for sinusoidal currents, tp 10ms.
Fig.5. Maximum permissible repetitive rms on-state current IT(RMS), versus surge duration, for sinusoidal currents, f = 50 Hz; Tmb 109C.
VGT(Tj) VGT(25 C)
15
IT(RMS) / A
BT151
1.6
109 C
BT151
1.4 1.2 1
10
5
0.8 0.6
0 -50
0
50 Tmb / C
100
150
0.4 -50
0
50 Tj / C
100
150
Fig.3. Maximum permissible rms current IT(RMS) , versus mounting base temperature Tmb.
Fig.6. Normalised gate trigger voltage VGT(Tj)/ VGT(25C), versus junction temperature Tj.
September 1997
3
Rev 1.200
Philips Semiconductors
Product specification
Thyristors
BT151 series
3 2.5 2 1.5 1 0.5
IGT(Tj) IGT(25 C)
BT151
30 25
IT / A Tj = 125 C Tj = 25 C
Vo = 1.06 V Rs = 0.0304 ohms
BT151
20 15 10 5 0
typ
max
0 -50
0
50 Tj / C
100
150
0
0.5
1 VT / V
1.5
2
Fig.7. Normalised gate trigger current IGT(Tj)/ IGT(25C), versus junction temperature Tj.
IL(Tj) IL(25 C)
Fig.10. Typical and maximum on-state characteristic.
3 2.5 2 1.5 1
BT145
10
Zth j-mb (K/W)
BT151
1
0.1
P D tp
0.01
0.5 0 -50
0.001 10us 0.1ms 1ms 10ms tp / s 0.1s 1s
t
0
50 Tj / C
100
150
10s
Fig.8. Normalised latching current IL(Tj)/ IL(25C), versus junction temperature Tj.
IH(Tj) IH(25 C)
Fig.11. Transient thermal impedance Zth j-mb, versus pulse width tp.
dVD/dt (V/us)
3 2.5
BT151
10000
1000
2
RGK = 100 Ohms
1.5 1 0.5 0 -50
10 100
gate open circuit
0
50 Tj / C
100
150
0
50 Tj / C
100
150
Fig.9. Normalised holding current IH(Tj)/ IH(25C), versus junction temperature Tj.
Fig.12. Typical, critical rate of rise of off-state voltage, dVD/dt versus junction temperature Tj.
September 1997
4
Rev 1.200
Philips Semiconductors
Product specification
Thyristors
BT151 series
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.13. TO220AB; pin 2 connected to mounting base.
Notes 1. Refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1997
5
Rev 1.200
Philips Semiconductors
Product specification
Thyristors
BT151 series
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1997
6
Rev 1.200


▲Up To Search▲   

 
Price & Availability of BT151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X