![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BDW93CF BDW93CF Hammer Drivers, Audio Amplifiers Applications * Power Darlington TR * Complement to BDW94CF respectively 1 TO-220F 2.Collector 3.Emitter 1.Base NPN Epitaxial Silicon Transistor Absolute Maximum Ratings TC=25C unless otherwise noted Symbol VCBO VCEO IC ICP IB PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Collector Current (DC) *Collector Current (Pulse) Base Current Collector Dissipation (TC=25C) Junction Temperature Storage Temperature Value 100 100 12 15 0.2 30 150 - 65 ~ 150 Units V V A A A W C C Electrical Characteristics TC=25C unless otherwise noted Symbol BVCEO(sus) ICBO ICEO IEBO hFE Parameter * Collector-Emitter Sustaining Voltage Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current * DC Current Gain Test Condition IC = 100mA, IB = 0 VCB = 100V, IE = 0 VCE = 100V, IB = 0 VEB = 5V, IC = 0 VCE = 3V, IC = 3A VCE = 3V, IC = 5A VCE = 3V, IC = 10A IC = 5A, IB = 20mA IC = 10A, IB = 100mA IC = 5A, IB = 20mA IC = 10A, IB = 100mA IF = 5A IF = 10A 1.3 1.8 1000 750 100 Min. 100 Typ. Max. 100 1 2 20000 2 3 2.5 4 2 4 V V V V V V Units V A mA mA VCE(sat) VBE(sat) VF * Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage * Parallel Diode Forward Voltage * Pulse Test: PW=300s, duty Cycle =1.5% Pulsed (c)2000 Fairchild Semiconductor International Rev. A, February 2000 BDW93CF Typical characteristics 100k 10 VCE = 3V IC= 250 IB 10k VCE(sat) [V], SATURATION VOLTAGE 1 10 100 hFE, DC CURRENT GAIN 1 1k 100 0.1 0.1 0.1 1 10 100 IC [A], COLLECTOR CURRENT IC [A], COLLECTOR CURRENT Figure 1. DC Current Gain Figure 2. Collector-Emitter Saturation Voltage 20 1000 VCE = 3 V 16 f=1MHz 12 Cob [pF], OUTPUT CAPACTIANCE IE=0 IC [A], COLLECTOR CURRENT 100 8 4 0 0.0 10 0.8 1.6 2.4 3.2 4.0 1 10 100 VBE [V], BASE-EMITTER VOLTAGE VCB [V], COLLECTOR-BASE VOLTAGE Figure 3. Base-Emitter On Voltage Figure 4. Collector Output Capacitance 100 50 PD [W], POWER DISSIPATION IC [A], COLLECTOR CURRENT 40 IC MAX. 100 us 10 DC 1 ms 30 20 1 5 ms 10 0.1 1 10 100 1000 0 0 25 50 o 75 100 125 150 175 VCE [V], COLLECTOR EMITTER VOLTAGE TC [ C], CASE TEMPERATURE Figure 5. Safe Operating Area Figure 6. Power Derating (c)2000 Fairchild Semiconductor International Rev. A, February 2000 BDW93CF Package Demensions TO-220 9.90 0.20 1.30 0.10 2.80 0.10 4.50 0.20 (8.70) o3.60 0.10 (1.70) 1.30 -0.05 +0.10 9.20 0.20 (1.46) 13.08 0.20 (1.00) (3.00) 15.90 0.20 1.27 0.10 1.52 0.10 0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20] 10.08 0.30 18.95MAX. (3.70) (45 ) 0.50 -0.05 +0.10 2.40 0.20 10.00 0.20 Dimensions in Millimeters (c)2000 Fairchild Semiconductor International Rev. A, February 2000 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM DISCLAIMER HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench(R) QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2000 Fairchild Semiconductor International Rev. E |
Price & Availability of BDW93CF
![]() |