Part Number Hot Search : 
DTC12 TM6117 ON0527 UT54AC MC74HC SH682K HMC10 SR1100PT
Product Description
Full Text Search
 

To Download BCW68G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW68G
Discrete POWER & Signal Technologies
BCW68G
C
E
SOT-23
Mark: DG
B
PNP General Purpose Amplifier
This device is designed for general purpose amplifier and switching applications at currents to 500 mA. Sourced from Process 63.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
45 60 5.0 800 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
*BCW68C 350 2.8 357
Units
mW mW/C C/W
*Device mounted on FR-4 PCB 40 mm X 40 mm X 1.5 mm.
a 1997 Fairchild Semiconductor Corporation
BCW68G
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CES V(BR)CBO V(BR)EBO ICES IEBO Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current Emitter-Cutoff Current IC = 10 mA, IB = 0 IC = 10 A IC = 100 A, IE = 0 IE = 10 A, IC = 0 VCE = 45 V VCE = 45 V, TA = 150 C VEB = 4.0 V 45 60 60 5.0 20 10 20 V V V V nA A nA
ON CHARACTERISTICS
hFE DC Current Gain IC = 10 mA, VCE = 1.0 V IC = 100 mA, VCE = 1.0 V IC = 300 mA, VCE = 1.0 V IC = 300 mA, IB = 30 mA IC = 500 mA, IB = 50 mA 120 160 60 400 1.5 2.0 V V
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
SMALL SIGNAL CHARACTERISTICS
fT Cobo Cibo NF Current Gain - Bandwidth Product Ouput Capacitance Input Capacitance Noise Figure IC = 20 mA, VCE = 10 V, f = 100 MHz VCB = 10 V, IE = 0, f = 1.0 MHz VEB = 0.5 V, IE = 0, f = 1.0 MHz IC = 0.2 mA V, VCE = 5.0 V, RS = 1.0 k, f = 1.0 kHz, BW = 200 Hz 100 18 105 10 MHz pF pF dB
Typical Characteristics
V CESAT - COLLECTOR EMITTER VOLTAGE (V)
hFE - TYPICAL PULSED CURRENT GAIN
Typical Pulsed Current Gain vs Collector Current
500
VCE = 5V
Collector-Emitter Saturation Voltage vs Collector Current
0.5 = 10 0.4 0.3
25 C
400 300 200 100 0 0.1
125 C
25 C
0.2 0.1 0
125 C - 40 C
- 40 C
0.3
1 3 10 30 100 I C - COLLECTOR CURRENT (mA)
300
1
10 100 I C - COLLECTOR CURRENT (mA)
500
BCW68G
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
VBEON - BASE EMITTER ON VOLTAGE (V)
V BESAT - BASE EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1 0.8 0.6
125 C - 40 C 25 C
Base Emitter ON Voltage vs Collector Current
1 0.8
- 40 C
0.6 0.4 0.2 0 0.1
25 C 125 C
0.4 = 10 0.2 0
VCE = 5V
1
10 100 I C - COLLECTOR CURRENT (mA)
500
1 10 I C - COLLECTOR CURRENT (mA)
25
Collector-Cutoff Current vs. Ambient Temperature
ICBO- COLLECTOR CURRENT (nA) 100 V CB = 35V 10 CAPACITANCE (pF) 16 12 20
Input and Output Capacitance vs Reverse Bias Voltage
1
C ib
8 4 0 0.1
C ob
0.1
0.01 25
50 75 100 TA - AMBIENT TEMPERATURE ( C)
125
1 10 REVERSE BIAS VOLTAGE (V)
50
Power Dissipation vs Ambient Temperature
350 P D - POWER DISSIPATION (mW) 300 250 200 150 100 50 0 0 25 50 75 100 TEMPERATURE ( o C) 125 150
SOT-23
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of BCW68G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X