Part Number Hot Search : 
Y10EL SFH3219 560ML KBPC1506 ZXMS600 THI1222 48S12 HP5FR2
Product Description
Full Text Search
 

To Download APM3055L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM3055L
N-Channel Enhancement Mode MOSFET
Features
* * * *
30V/12A, RDS(ON)=100m(max) @ VGS=10V RDS(ON)=200m(max) @ VGS=4.5V Super High Dense Cell Design High Power and Current Handling Capability TO-252 and SOT-223 Packages
Pin Description
1
1 2 3
2
3
G
D
S
Applications
* *
Switching Regulators Switching Converters
G
D
S
Top View of TO-252
Top View of SOT-223
Ordering and Marking Information
A P M 3 055 L
H a n d lin g C o d e Tem p. R ange Package C ode AP M 3055L XXXXX Package C ode U : T O -2 5 2 V : S O T -2 2 3 O p e ra tio n J u n c tio n T e m p . R a n g e C : -5 5 to 1 5 0 C H a n d lin g C o d e TR : Tape & R eel
A P M 3 0 5 5 L U /V :
X X X X X - D a te C o d e
Absolute Maximum Ratings
Symbol VDSS VGSS ID IDM Drain-Source Voltage Gate-Source Voltage Parameter
(TA = 25C unless otherwise noted)
Rating 30 20 15 30 A V Unit
Maximum Drain Current - Continuous Maximum Drain Current - Pulsed
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002 1 www.anpec.com.tw
APM3055L
Absolute Maximum Ratings
Symbol PD Parameter Maximum Power Dissipation TA=25C TO-252 SOT-223 TO-252 TA=100C TJ TSTG Maximum Junction Temperature Storage Temperature Range SOT-223
(TA = 25C unless otherwise noted)
Rating 50 3 20 1.2 150 -55 to 150 C C W Unit
Electrical Characteristics
Symbol Static BVDSS IDSS VGS(th) IGSS RDS(ON) Parameter Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance VSD Dynamic Qg Q gs Q gd tON td(ON) tr td(OFF) tf tOFF Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Time Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time Turn-off Time Diode Forward Voltage
(TA = 25C unless otherwise noted)
APM3055L Min. Typ. Max. 30 1 1 3 100 75 100 0.6 100 200 1.3 m V
Test Condition VGS =0V, ID=250A VDS =24V, VGS=0V VDS =VGS, ID=250A VGS =20V, VDS =0V VGS =10V, ID=12A VGS =4.5V, ID =6A IS=6A, VGS =0V
Unit
V A V nA
VDS =15V, VGS=10V, ID=2A
8.5 1.1 1.8
12 nC
VDD=15V, ID=2A, VGS =10V, RG=6 11 17 37 20
40
ns
60
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002
2
www.anpec.com.tw
APM3055L
Typical Characteristics
Output Characteristics
25 VGS = 10, 9, 8, 7, 6V 20 25 -55 C
o
Transfer Characteristics
ID- Drina current (A)
IDS- Drain Current(A)
VGS = 5V
20 +25 C
o o
15 VGS = 4V
15
+125 C
10
10
5
VGS = 3V
5
0
0
1
2
3
4
0 0 1 2 3 4 5 6
VDS- Drain-to-Source Voltage (V)
VGS- Gate-to-Source Voltage (V)
Threshold Voltage v.s.TJ
1.6
Normalized V GS(th) v.s. TJ
1.2 1.1
VGS(th)- Normalized
1.5
IDS =250A
VGS(th) (V)
1.4 1.3 1.2 1.1 1.0 -50 -25 0 25 50 75 100
o
1.0 0.9 0.8 0.7
IDS =250 A
125
150
-50
-25
0
25
50
75
100
o
125
150
Tj - Junction Temperature( C)
Tj - Junction Temperature( C)
On-Resistance v.s. Gate to Source Voltage
170
On-Resistance v.s. Junction Temperature
1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 VGS =10V IDS =12A
RDS(ON)- On-Resistance (m )
150 140 130 120 110 100 90 80 70 3 4 5 6 7 8 9 ID=10A
RDS(ON)- On-Resistance () (Normalized)
160
-50
-25
0
25
50
75
o
100
125
150
VGS- Gate Voltage (V)
TJ-Junction Temperature( C)
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002
3
www.anpec.com.tw
APM3055L
Typical Characteristics (Cont.)
Gate Charge
10 500
Capacitance
VGS - Gate to Source Voltage (V)
6
VDS=15V IDS = 2A
Capacitance (pF)
8
400
300
Ciss
200
4
2
100
Coss Crss
0 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30
0
QG-Gate Charge(nC)
VDS- Drain-to-Source Voltage(V)
Source-Drain Diode Forward Voltage
50
Single Pulse Power Capability
IS- Source Current(A)
10
Peak Power (W)
1.6 2.0 2.4
TJ=150 C
o
o
40
30
TJ=25 C 1
20
10
0.1
0.4
0.8
1.2
0 1E-5
1E-4
1E-3
0.01
0.1
1
10
VSD- Source to Drain Voltage
Time (sec)
Normalized Thermal Transient Impedance, Junction to Ambient
Normalized Effective Transient Thermal Impedance
1
Duty Cycle=0.5
2DM
D=0.2 D=0.1
J J
0.1
D=0.05 D=0.02 D=0.01
SINGLE PULSE
1.Duty Cycle , D=t1/t2 1. Duty Cycle, D= t1/t2 o 2. Per Unit Base=RthJA=50 C/W Base=RthJA=50C/W 2.Per 3. TJM-TA=PDMZthJA 3.TJM A=PDMZthJA 4. Surface Mounted
0.01 1E-5
1E-4
1E-3
0.01
0.1
1
10
100
Square Wave Pulse Duration(sec)
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002 4 www.anpec.com.tw
APM3055L
Package Information
TO-252( Reference JEDEC Registration TO-252)
E b2 L2 A C1
D H L1 L b e1 C A1
Dim A A1 b b2 C C1 D E e1 H L L1 L2
Mi ll im et er s Min . 2. 1 8 0. 8 9 0. 5 08 5. 2 07 0. 4 6 0. 4 6 5. 3 34 6. 3 5 3. 9 6 9. 3 98 0. 5 1 0. 6 4 0. 8 9 1. 0 2 2. 0 32
5
Inc he s Ma x . 2. 3 9 1. 2 7 0. 8 9 5. 4 61 0. 5 8 0. 5 8 6. 2 2 6. 7 3 5. 1 8 10 . 41 Min . 0. 0 86 0. 0 35 0. 0 20 0. 2 05 0. 0 18 0. 0 18 0. 2 10 0. 2 50 0. 1 56 0. 3 70 0. 0 20 0. 0 25 0. 0 35 0. 0 40 0. 0 80
www.anpec.com.tw
Ma x . 0. 0 94 0. 0 50 0. 0 35 0. 2 15 0. 0 23 0. 0 23 0. 2 45 0. 2 65 0. 2 04 0. 4 10
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002
APM3055L
Package Information
SOT-223( Reference JEDEC Registration SOT-223)
D B1
A c
a
H
E L K e e1 b A1
B
Dim A A1 B B1 c D E e e1 H L K Min. 1.50 0.02 0.60 2.90 0.28 6.30 3.30
Millimeters Max. 1.80 0.08 0.80 3.10 0.32 6.70 3.70 2.3 BSC 4.6 BSC 6.70 0.91 1.50 0 13
6
Inches Min. 0.06 0.02 0.11 0.01 0.25 0.13 0.09 BSC 0.18 BSC 7.30 1.10 2.00 10 0.26 0.04 0.06 0 13
www.anpec.com.tw
Max. 0.07 0.03 0.12 0.01 0.26 0.15
0.29 0.04 0.08 10
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002
APM3055L
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb) Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
Reference JEDEC Standard J-STD-020A APRIL 1999
temperature
Peak temperature
183C Pre-heat temperature
Time
Classification Reflow Profiles
Convection or IR/ Convection Average ramp-up rate(183C to Peak) 3C/second max. 120 seconds max Preheat temperature 125 25C) 60 - 150 seconds Temperature maintained above 183C Time within 5C of actual peak temperature 10 -20 seconds Peak temperature range 220 +5/-0C or 235 +5/-0C Ramp-down rate 6 C /second max. 6 minutes max. Time 25C to peak temperature VPR 10 C /second max.
60 seconds 215-219C or 235 +5/-0C 10 C /second max.
Package Reflow Conditions
pkg. thickness 2.5mm and all bgas Convection 220 +5/-0 C VPR 215-219 C IR/Convection 220 +5/-0 C pkg. thickness < 2.5mm and pkg. volume 350 mm pkg. thickness < 2.5mm and pkg. volume < 350mm Convection 235 +5/-0 C VPR 235 +5/-0 C IR/Convection 235 +5/-0 C
www.anpec.com.tw
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002
7
APM3055L
R e lia b ilit y te s t p r o g r a m
Te s t ite m S O L D E R A B IL IT Y H O LT PCT TST ESD L a tc h -U p M e th o d M IL -S T D -8 8 3 D -2 0 0 3 M IL -S T D -8 8 3 D -1 0 0 5 .7 J E S D -2 2 - B , A 1 0 2 M IL -S T D -8 8 3 D -1 0 11 .9 M IL -S T D -8 8 3 D -3 0 1 5 .7 JESD 78 D e s c rip tio n 2 45 C , 5 S E C 1 0 0 0 H rs B ia s @ 1 2 5 C 1 6 8 H rs , 1 0 0 % R H , 1 2 1 C -6 5 C ~ 1 5 0 C , 2 0 0 C y c le s V H B M > 2 K V, V M M > 2 0 0 V 1 0 m s , I tr > 1 0 0 m A
Carrier Tape
Po E P1 P D
t
F W
Bo
Ao
Ko D1
T2
J C A B
T1
Application
A 330 3
B 100 2 D 1.5 +0.1 B 621.5 D 1.5+ 0.1
C 13 0. 5 D1 1.5 0.25 C 12.75 0.15 D1 1.5+ 0.1
J 2 0.5 Po 4.0 0.1 J 2 0.6 Po
T1 16.4 + 0.3 -0.2 P1 2.0 0.1 T1 12.4 +0.2 P1
T2 2.5 0.5 Ao 6.8 0.1 T2 2 0.2 Ao
W 16+ 0.3 - 0.1 Bo 10.4 0.1 W 12 0.3 Bo 7.5 0.1
P 8 0.1 Ko 2.5 0.1 P 8 0.1 Ko 2.1 0.1
E 1.75 0.1 t 0.30.05 E 1.75 0.1 t 0.30.05
TO-252
F 7.5 0.1
Application
A 3301
SOT-223
F 5.5 0.05
4.0 0.1 2.0 0.05 6.9 0.1
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002
8
www.anpec.com.tw
APM3055L
Cover Tape Dimensions
Application SOT- 223 TO- 252 Carrier Width 12 16 Cover Tape Width 9.3 13.3 Devices Per Reel 2500 2500
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2002
9
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM3055L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X