Part Number Hot Search : 
23240 1100E 2SC544 AM28F021 NJW1190 D4066 1802FX TDA9556
Product Description
Full Text Search
 

To Download AP1702 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Features
- Precision Monitoring of +3V, +3.3V, and +5V Power-Supply Voltages - Fully Specified Over Temperature - Available in Three Output Configurations - Push-Pull RESET Low Output (AP1701/3) - Push-Pull RESET High Output (AP1702/4) - 140ms min Power-On Reset Pulse Width - 12A Supply Current - Guaranteed Reset Valid to VCC = +1V - Power Supply Transient Immunity - No External Components - 3-pin SOT23 package
General Description
The AP1701/2/3/4 are used for microprocessor (P) supervisory circuits to monitor the power supplies in P and digital systems. They provide excellent circuit reliability and low cost by eliminating external components and adjustments when used with +5V, +3.3V, +3.0V powered circuits. These circuits perform a single function: they assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the reset threshold. Reset thresholds suitable for operation with a variety of supply voltages are available. The AP1701/2/3/4 have push pull outputs. The AP1701/3 have an active low RESET output, while the AP1702/4 has an active high RESET output. The reset comparator is designed to ignore fast transients on VCC, and the outputs are guaranteed to be in the correct logic state for VCC down to 1V. Low supply current makes the AP1701/2/3/4 ideal for use in portable equipment. The AP1701/2/3/4 is available in a 3-pin SOT23 package.
Applications
- Computers - Controllers - Intelligent Instruments - Critical P and C Power Monitoring - Portable/Battery Powered Equipment - Automotive
Pin Assignments
(Top View)
Pin Descriptions
Name GND Ground Reset output pin L: for AP1701/3 H: for AP1702/4 Operating voltage input Description
GND
1 AP1701 AP1702 3 VCC
RESET (RESET) VCC
RESET (RESET)
2 SOT-23 (Top View)
RESET (RESET)
1 AP1703 AP1704 2 SOT-23 3 VCC
GND
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev.1.0 1/8
May. 7, 2004
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Ordering Information
AP170X X X X Enable 1: Active-Low 2: Active-High 3: Active-Low 4: Active-High Voltage A: 4.63 B: 4.38 C: 4.00 D: 3.08 E: 2.93 F: 2.63 Package W:SOT23 Lead Free Blank : Normal L : Lead Free Package
Absolute Maximum Ratings
Symbol VCC VRESET ICC IO VR PD TOP TST TLEAD Parameter Terminal Voltage (with respect to GND) RESET, RESET (push-pull) Input Current, VCC Output Current, RESET, RESET Rate of Rise, VCC Continuous Power Dissipation (TA = +70C), de-rate 4mW/C above +70C Operating Temperature Range Storage Temperature Range Lead Temperature (soldering, 10s) Rating -0.3 to +6.0 -0.3 to (VCC + 0.3) 20 20 100 320 -40 to +105 -65 to +150 +300 Unit V V mA mA V/S mW C C C
Anachip Corp. www.anachip.com.tw 2/8
Rev.1.0 May.7, 2004
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Electrical Characteristics
Symbol VCC ICC Parameter VCC Range Supply Current
o
(TA=25C) Conditions Min. 1.0 19 17 4.54 4.29 3.92 3.02 2.87 2.57 4.63 4.38 4.00 3.08 2.93 2.63 30 20 240 380 0.3 0.4 Typ. Max. 5.5 60 50 4.72 4.47 4.08 3.14 2.99 2.68 ppm/oC s ms V Unit V A A
TA = 0 C to +70 C VCC < 5.5V VCC < 3.6V AP1701/2/3/4A AP1701/2/3/4B
o
VTH
Reset Threshold TA=25C
AP1701/2/3/4C AP1701/2/3/4D AP1701/2/3/4E AP1701/2/3/4F
TDELAY
VOL
VOH VOL VOH
Reset Threshold Tempco VCC to Reset Delay VCC = VTH to (VTH - 100mV) Reset Active TA = 0oC to +70oC 100 Timeout Period VCC = VTH min, ISINK = 1.2mA, AP1701/3 RESET Output VCC = VTH min, ISINK = 3.2mA Voltage Low VCC > 1.0V, ISINK = 50uA VCC > VTH max, ISOURCE = 500uA, 0.8VCC RESET Output AP1701/3 Voltage-High VCC -1.5 VCC > VTH max, ISOURCE = 800uA
V
0.3 V 0.3 0.4 V V
RESET Output Voltage-Low RESET Output Voltage-High
VCC = VTH max, ISINK = 1.2mA, AP1702/4 VCC = VTH max, ISINK = 3.2mA 1.8V < VCC < VTH min, ISOURCE = 150uA, AP1702/4 0.8 VCC
Application Circuit
VCC
VCC
VCC
AP170X
RESET (RESET)
Microprocessor
RESET INPUT
GND
GND
Anachip Corp. www.anachip.com.tw 3/8
Rev.1.0 May.7, 2004
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Function Description
A microprocessor's (P's) reset input starts the P in a known state. The AP1701/2/3/4 assert reset to prevent code-execution errors during power-up, power-down, or brownout conditions. They assert a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the reset threshold. The AP1701/2/3/4 have a push-pull output stage.
Applications Information Negative-Going VCC Transients In addition to issuing a reset to the P during power-up, power-down, and brownout conditions, the AP1701/2/3/4 are relatively immune to short-duration negative-going VCC transients (glitches). The AP1701/2/3/4 do not generate a reset pulse. The graph was generated using a negative going pulse applied to VCC, starting 0.5V above the actual reset threshold and ending below it by the magnitude indicated (reset comparator overdrive). The graph indicates the maximum pulse width a negative going VCC transient can have without causing a reset pulse. As the magnitude of the transient increases (goes farther below the reset threshold), the maximum allowable pulse width decreases. Typically, a VCC transient that goes 100mV below the reset threshold and lasts 20s or less will not cause a reset pulse. A 0.1F bypass capacitor mounted as close as possible to the VCC pin provides additional transient immunity. Ensuring a Valid Reset Output Down to VCC = 0
RESET is guaranteed to be a logic low for VCC > 1V. Once VCC exceeds the reset threshold, an
When VCC falls below 1V, the AP1701/3 RESET output no longer sinks current--it becomes an open circuit. Therefore, high-impedance CMOS logic inputs connected to RESET can drift to undetermined voltages. This presents no problem in most applications since most P and other circuitry is inoperative with VCC below 1V. However, in applications where RESET must be valid down to 0V, adding a pull down resistor to RESET causes any stray leakage currents to flow to ground, holding RESET low. R1's value is not critical; 100k is large enough not to load RESET and small enough to pull RESET to ground. For the AP1702/4 if RESET is required to remain valid for VCC < 1V.
Benefits of Highly Accurate Reset Threshold Most P supervisor ICs have reset threshold voltages between 5% and 10% below the value of nominal sup-ply voltages. This ensures a reset will not occur within 5% of the nominal supply, but will occur when the supply is 10% below nominal. When using ICs rated at only the nominal supply 5%, this leaves a zone of uncertainty where the supply is between 5% and 10% low, and where the reset may or may not be asserted.
internal timer keeps RESET low for the reset timeout period; after this interval, RESET goes high. If a brownout condition occurs (VCC dips
below the reset threshold), RESET goes low. Any time VCC goes below the reset threshold, the internal timer resets to zero, and RESET goes low. The internal timer starts after VCC returns above the reset threshold, and RESET remains low for the reset timeout period.
Anachip Corp. www.anachip.com.tw 4/8
Rev.1.0 May.7, 2004
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Function Block
Driver Delay Circuit VREF RESET / RESET
Performance Characteristics
Threshold
24 20 16 Iq 12 8 4 0 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120
2.92 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 2.924 2.922 2.928 2.926
Temp ( C )
Temp
Iq v.s Temp
Threshold v.s. Temp
Anachip Corp. www.anachip.com.tw 5/8
Rev.1.0 May.7, 2004
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Timing Diagram
VTH
VCC
t1 Active Low t1
Active High
t1
t1
Giltch Immunity
3500 Maximum Transient Duration(us) 3000 2500 2000 1500 1000 500 0 0 100 900 270 200 140 90 70 500 58 600 50 700 50 800 48 48 3000
300
400
900 1000 1100
RESET COMPARATOR OVERDRIVE(mV)
Anachip Corp. www.anachip.com.tw 6/8
Rev.1.0 May.7, 2004
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Marking Information
(Top View) 3
Identification code ( See appendix ) Blank: normal L: Lead Free Package Month: A~L Year:0~9
XX Y M X
1 2
SOT23-3L
Appendix Part Identification Part Number Code Number AP1701A EA AP1703A AP1701B EB AP1703B AP1701C EC AP1703C AP1701D ED AP1703D AP1701E EE AP1703E AP1701F EF AP1703F AP1702A E0 AP1704A AP1702B E2 AP1704B AP1702C E3 AP1704C AP1702D E4 AP1704D AP1702E E5 AP1704E AP1702F E6 AP1704F
Identification Code EG EH EI EJ EK EL E7 E8 E9 EM EN EP
Anachip Corp. www.anachip.com.tw 7/8
Rev.1.0 May.7, 2004
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits Package Information
Package Type: SOT23-3L
e
D
A2
A
HE
E
b
Symbol
A A1 A2 b C D E e HE L
Dimensions In Millimeters Min. 1.00 0.00 1.00 0.35 0.10 2.70 1.40 1.70 2.40 0.30 Nom. 1.20 1.15 0.175 2.90 1.60 2.00 2.70 Max. 1.40 0.10 1.30 0.50 0.25 3.10 1.80 2.30 3.00 0.55
A1
C
L
Dimensions In Inches Min. 0.039 0.000 0.039 0.014 0.004 0.106 0.055 0.067 0.094 0.012 Nom. 0.047 0.045 0.007 0.114 0.063 0.079 0.106 Max. 0.055 0.004 0.051 0.020 0.010 0.122 0.071 0.091 0.118 0.022
Anachip Corp. www.anachip.com.tw 8/8
Rev.1.0 May.7, 2004


▲Up To Search▲   

 
Price & Availability of AP1702

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X