Part Number Hot Search : 
M6271X A5800423 FN155 LT124 AN5125 OPI125 APU429 07370
Product Description
Full Text Search
 

To Download AN6914UBS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AN6914UBS
Industrial Surface Mounting Package Comparator
s Overview
The AN6914UBS is available for automotive and industrial equipments which require high reliability through an enhanced screening process.
0.40.25 Unit:mm
0.60.3
1 2 3 4
8 7 6 5 5.00.3 1.50.2
s Features
* Temperature cycle test conducted for all the products * All the products inspected at Ta=25C and =100C to assure the characteristics * Operating temperature range: -40C to +100C * Either of the following types of packing is selectable: Embossed taping*****AN6914UBS-(E1) Magazine*****************AN6914UBS * Quantity of packed ICs AN6914UBS-(E1) 2000 pcs./reel AN6914UBS 90 pcs./magazine
0.10.1
1.27
0.3
4.20.3 6.50.3
8-pin PANAFLAT Plastic Package (SOP008-P-0225A)
s Block Diagram
VCC 8 VO 7 Vin 6 - Ch.2 Vin 5 +
Ch.1 - 1 VO 2 Vin +
3 Vin
4 GND
0.15 0.65
s Absolute Maximum Ratings (Ta=25)
Parameter Supply voltage Commom-mode input voltage Differential input voltage Output applied voltage Power dissipation Operating ambient temperature Storage temperature Symbol VCC VICM VID V1, V7 PD Topr Tstg Rating 36 - 0.3 to +36 *1 36 *2 24 360 -40 to +100 -55 to +125 Unit V V V V mW C C
*1 The common-mode input voltage is applied to the non-inverting input pin and inverting input pin simultaneously. *2 Differential input corresponds to the potential difference between the non-inverting input pin and inverting input pin.
s Electical Characteristics (VCC=5V)
Parameter Input offset voltage Input offset current Input bias current Voltage gain Common-mode input voltage width Supply current Response time Output sink current Output voltage low level Output pin leak current Symbol VI
(offset)
Condition
min *4
typ *3 1
max *4 5 50 250
Unit mV nA nA V/mV V mA s mA
IIO IBias GV VCM ICC tr ISINK VOL IO (Leak) RL= RL=5.1k < VREF=0V, VIN=1V, VO =1.5V VREF=0V, VIN=1V, ISINK=3mA VREF=1V, VIN=0V, VO=5V 10 0.2 0.1 RL=15k 0 0.6 1.3 200
VCC-1.5 1.5
0.4
V nA
*3 Typical value:Ta=25C *4 Maximum and minimum values:All the ICs are inspected at two conditional temperatures of Ta=25C and Ta=100C to assure the characteristics.
s Characteristics Curve
ICC -VCC
1.6 RL= 1.4 120 VCC=5V 3.5 100
IBias-Ta
4.0
VOL- ISINK
VCC=5V
Input Bias Current IBias (nA)
Supply Current ICC (mA)
1.2 1.0 0.8 0.6 0.4 0.2 0
Output Voltage VOL (V)
Ta=-30C
3.0 2.5 2.0 1.5 1.0 0.5 Ta=25C -30C 85C
80
Ta=25C Ta=85C
60
40
20
0
10
20
30
40
0 -40 -20
0
20
40
60
80 100 120
0
0
5
10
15
20
25
30
Supply Voltage VCC (V)
Ambient Temperature Ta (C)
Output Sink Current ISINK (mA)
0.24 VCC=5V ISINK=3mA 0.20
Output Voltage VO (V)
6 Overdrive 5 4 3 2 1 0 100 50 0 0 1 2 3 4 5mV 20mV 50mV 80mV
Output Voltage VO (V)
VOL-Ta
Transfer Characteristic (1)
Transfer Characteristic (2)
6 5 4 3 2 1 0 0 -50 -100 0 1 2 3 4 Overdrive 5mV 20mV 50mV 80mV
Output Voltage VOL (V)
VCC=5V VIN
- +
5.1k VO
VCC=5V 5.1k VIN
- +
0.16
VO
0.08
0.04
0 -40 -20
0
20
40
60
80 100 120
Ambient Temperature Ta (C)
Input Voltage VIN (mV)
Time t (s)
Input Voltage VIN (mV)
0.12
Time t (s)
s Characteristics Dispersion Charts
ICC -Ta
1.5 VCC=5V
Supply Current ICC (mA)
1.0
0.5
0 -50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (C)
VI (offset) -Ta (CH-1)
5 5 VCC=5V 4 3 2 1 0 -1 -2 -3 -4 -5 -50 -25 0 25 50 75 100 125 150
VI (offset) -Ta (CH-2)
(mV)
VCC=5V 4 3 2 1 0 -1 -2 -3 -4 -5 -50 -25 0 25 50 75 100 125 150
(mV)
(offset)
Input Offset Voltage VI
Ambient Temperature Ta (C)
Input Offset Voltage VI
(offset)
Ambient Temperature Ta (C)
IIO -Ta (CH-1)
50 VCC=5V 40 40 50
IIO-Ta (CH-2)
VCC=5V
Input Offset Voltage I1O (nA)
30 20 10 0 -10 -20 -30 -40 -50 -50 -25 0 25 50 75 100 125 150
Input Offset Voltage IIO (nA)
30 20 10 0 -10 -20 -30 -40 -50 -50 -25 0 25 50 75 100 125 150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
VOL-Ta (CH-1)
0.40 0.35 VCC=5V ISINK=3mA 0.40 0.35
VOL-Ta (CH-2)
VCC=5V ISINK=3mA
0.30 0.25 0.20 0.15 0.10 0.05 0 -50 -25 0 25 50 75 100 125 150
Output Voltage VOL (V)
Output Voltage VOL (V)
0.30 0.25 0.20 0.15 0.10 0.05 0 -50 -25 0 25 50 75 100 125 150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
VOL-Ta (CH-1)
1.0 0.9 VCC=5V ISINK=10mA 1.0 0.9
VOL-Ta (CH-2)
VCC=5V ISINK=10mA
Output Voltage VOL (V)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -50 -25 0 25 50 75 100 125 150
Output Voltage VOL (V)
0.8
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -50 -25 0 25 50 75 100 125 150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
s Reliability of AN6914UBS
1. Results of Reliability Test Test item High-temperature operation Leaving under high temperature Thermal shock Temperature cycle Test condition Ta=125C VCC=12V Ta=125C +150C -65C 500 cycles +125 - 40C 10000 cycles No.of tested pieces 150 120 160 50 Total test time 16000 3600 No. of failures 0 0 0 0
2. Failure Rate (Refer to JIS-C-5003) Assuming that the total test time = T(No. of test pieces x test time) and the No. of failures = r, the failure rate can be calculated by obtaining r/T and multiplying it by the numerical values commensurate with the reliability level and the number of defective ICs. If the failure rate (FR) is calculated from the results of the above high temperature test of the AN6914UBS, assuming that the reliability level is 60%; T=150 x 16000=2.4 x 106 (hours) r=0 comes to 0.92 at the level of 60%. FR=0.92/2.4 x 106=3.8 x 10-7=380Fit Assuming that activation energy is 1.0 eV, FR will be 38 Fit at worst (Ta=100C) because an acceleration factor differs by about 1 digit between at 125C and 100C. Screening Regulations
Flow Chart Assembly Assembly Finish
Condition
Temperature Cycle Test Screening High Temperature Characteristics Inspection Normal Temperature Characteristics Inspection Shipping Inspection Shipping Inspection
150C=30min., -50C=30min., Move=5min., Frequency=5times Ta=100C Ta=25C


▲Up To Search▲   

 
Price & Availability of AN6914UBS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X