Part Number Hot Search : 
STM32F PU160 AAT3783 ES3BB IRF9Z30 CXD2443Q SBMJ160 P504A
Product Description
Full Text Search
 

To Download AMS4040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Monolithic Systems
FEATURES
* Tight Output Voltage Tolerance * Low Output Noise * Operating Current 250A to 100mA * Low Dynamic Impedance * Low Temperature Coefficient * Available in the sub-miniature SOT-23 Package * 1.2V Device ( AMS4041) also available
AMS4040
MICROPOWER SHUNT VOLTAGE REFERENCE
APPLICATIONS
* Battery Powered Systems * Instrumentation * Energy Management * Automotive * Precision Audio Components * Product Testing * Data Acquisition Systems
GENERAL DESCRIPTION
The AMS4040 is a two-terminal micropower band-gap voltage reference diode featuring a very low dynamic impedance and good temperature coefficient, operating over a 250A to 100mA current range. On-chip trimming is used to provide tight voltage tolerance. Since the AMS4040 band-gap reference uses only transistors and resistors, low noise and good long term stability result. The wide dynamic operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain of the AMS4040 makes these reference diodes useful for micropower circuitry. These voltage references can be used to make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life. The AMS4040 is operational in the full industrial temperature range of -40C to +85and is available in small space saving TO-92, SO-8, SOT-89 and SOT-23 packages.
ORDERING INFORMATION:
TOL. 0.25% 0.5% 1.0% TO-92 AMS4040AN AMS4040BN AMS4040CN PACKAGE TYPE 8 LEAD SOIC AMS4040AS AMS4040BS AMS4040CS SOT-89 AMS4040AL AMS4040BL AMS4040CL 3 LEAD SOT-23 AMS4040AM AMS4040BM AMS4040CM OPERATING TEMP. RANGE -40 to +85 C -40 to +85 C -40 to +85 C
PIN CONNECTIONS
TO-92 Plastic Package (N)
N/C 3 + 2 1
8L SOIC SO Package (S)
N/C N/C N/C 1 2 3 4 8 7 6 5 + N/C N/C
SOT-89 (L)
3L SOT-23 (M)
3*
1 N/C
2
3
1 +
2 -
*This pin must be left floating or connected to pin 2
Bottom View
Top View
Top View
Top View
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS4040
ABSOLUTE MAXIMUM RATINGS (Note 1)
Reverse Current Forward Current Storage temperature Lead Temperature TO-92 package (Soldering 10 sec.) SO-8 and SOT-23 packages: Vapor phase (60 sec) Infrared (15 sec.) SOT-89 package (Soldering 10 sec.) 100mA 10mA -65C to +150C 265C 215C 220C 265C Internal Power Dissipation (PD) TO-92 Package SO-8 Package SOT-89 Package SOT-23 Package Thermal Resistance (JA) TO-92 Package SO-8 Package SOT-89 Package SOT-23 Package 0.78W 0.71W 0.91W 0.28W 160C/W 175C/W 110C/W 410C/W
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR =100 A and TA = +25C unless otherwise specified. Parameter
Reverse Breakdown Voltage Deviation of Reverse Breakdown Voltage over Temperature Reverse Breakdown Voltage Change with Operating Current Change Reverse Breakdown Voltage Long Term Stability Wide Band Noise Reverse Dynamic Impedance Minimum Operating Current TA = Full Range IRMIN IR 1mA 1mA IR 15mA
Conditions
Min
2.494
AMS4040A Typ Max
2.500 2.506
Min
2.488
AMS4040B Typ Max
2.500 2.512
Min
2.475
AMS4040C Typ Max
2.500 2.525
Units
V
8.0
17
8.0
17
8.0
25
mV
0.3
0.8 1.0
0.3
0.8 1.0
0.3
0.8 1.0
mV
2.5
6.0 8.0
2.5
6.0 8.0
2.5
6.0 8.0
mV
TA=25C.1C T = 1000 Hr 10HZ f 10kHz IR = 1mA, f = 120Hz, IAC = 0.1IR
120
120
120
ppm Vrms 0.5 250 A
35 0.25 80 0.5 2500
35 0.25 80 0.5 250
35 0.25 80
Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25C.
TYPICAL APPLICATIONS
Shunt Regulator
VS
RS VR AMS4040-2.5
IQ + IL IL IQ
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS4040
TYPICAL APPLICATIONS
Precision 1 A to 1mA Current Sources
AMS4040-2.5 12V AMS4040-2.5 R1 20k
2
-
8 1/2 LMC6062 1 4
R1 20k
2
3 IOUT* -1.0V TO -12V
+
8 1/2 LMC6062 3 4 + IOUT* 1.0V TO 12V
-
1
R2
R2
-15V
IOUT=2.5V/R2
Precision 2.500V Reference
+5V 5%
904, 1% +2.500V AMS4040-2.5 47k, 0.1% 47k, 0.1% +5V 0.1F
1/2 LMC6062 + -2.500V
0.1F -5V
START-UP CHARACTERISTICS
AMS4040-2.5
RS
RS = 30 k
VR AMS4040-2.5
VIN (V)
VIN 1Hz rate
5 0 TJ = 25C
Test Circuit
3
VR (V)
2 1 0
0
20
40
60
80
RESPONSE TIME (s)
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS4040
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Drift for Different Average Temperature Coefficient +0.5 +0.4 +0.3 VR CHANGE (%) +0.2 +0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 -40 -20 0 20 40 60 80 100 TEMPERATURE ( C)
-51ppm/ C -22ppm/ C IR = 150 A
Reverse Characteristics and Minimum Operating Current 120 REVERSE CURRENT (A)
T J =25 C
Noise Voltage vs Frequency 10 5.0 NOISE (mV/Hz) 2.0 1.0 0.5 0.2 0.1
I R = 200 A T J =25 C
100 80 60 40 20 0 0 0.5 1.0 1.5 2.0 2.5 REVERSE VOLTAGE (V)
+12ppm/ C
1
10
1k 10k 100 FREQUENCY (Hz)
100k
Ouput Impedance vs Frequency 1k
IR= 100 mA T J =25 C, IR= 0.1I R
Ouput Impedance vs Frequency 1k
IR= I RMIN+100 A T J =25 C, IR= 0.1I R C L= 0
IMPEDANCE ()
C L= 0
IMPEDANCE ()
100
100
10
C L= 1 F TANTALUM
10
C L= 1 F TANTALUM
1
XC L
1
XC L
0.1 100
1k 10k 100k FREQUENCY (Hz)
1M
0.1 100
1k 10k 100k FREQUENCY (Hz)
1M
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS4040
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3 LEAD TO-92 PLASTIC PACKAGE (N)
0.0600.005 (1.5240.127) DIA
0.1800.005 (4.5720.127) 0.0600.010 (1.5240.254) 0.1400.010 (3.5560.127)
0.1800.005 (4.5720.127)
0.90 (2.286) NOM
5 NOM 0.500 (12.70) MIN
10 NOM
0.050 (1.270) MAX
UNCONTROLLED LEAD DIMENSIONS
0.0500.005 (1.2700.127)
0.0160.003 (0.4060.076)
0.0150.002 (0.3810.051)
N (TO-92 ) AMS DRW# 042391
8 LEAD SOIC PLASTIC PACKAGE (S)
0.189-0.197* (4.801-5.004) 8 7 6 5
0.228-0.244 (5.791-6.197)
0.150-0.157** (3.810-3.988)
1
2
3
4
0.053-0.069 (1.346-1.752) 0.004-0.010 (0.101-0.254) 0.008-0.010 (0.203-0.254)
0.010-0.020 x 45 (0.254-0.508) 0-8 TYP
0.014-0.019 (0.355-0.483)
0.050 (1.270) TYP
0.016-0.050 (0.406-1.270)
S (SO-8 ) AMS DRW# 042293
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS4040
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
SOT-89 PLASTIC PACKAGE (L)
0.173-0.181 (4.40-4.60) 0.064-0.072 (1.62-1.83)
0.055-0.063 (1.40-1.60) 0.014-0.017 (0.35-0.44)
0.155-0.167 (3.94-4.25) 0.090-0.102 (2.29-2.60) 0.084-0.090 (2.13-2.29)
0.035-0.047 (0.89-1.20) 0.059 (1.50) BSC 0.118 (3.00) BSC 0.014-0.019 (0.36-0.48) 0.017-0.022 (0.44-0.56)
L (SOT-89 ) AMS DRW# 042392
3 LEAD SOT-23 PLASTIC PACKAGE (M)
0.110-0.120 (2.794-3.048) 0.015-0.017 (0.381-0.432)
0.083-0.098 (2.108-2.489) 0.047-0.055 (1.194-1.397)
0.035-0.040 (0.889-1.016)
0.018-0.024 (0.457-0.610)
10 NOM
0.035-0.041 (0.089-1.041) 0.0034-0.0050 (0.086-0.127) 0.0005-0.0040 (0.013-0.102) 0.070-0.080 (1.778-2.032) 10 NOM 0.018-0.024 (0.457-0.610)
(SOT-23 ) AMS DRW# 051991
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140


▲Up To Search▲   

 
Price & Availability of AMS4040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X