Part Number Hot Search : 
H6062 AK4707EQ CM7133 CXP87300 1N3214 U1510 DR300 51216
Product Description
Full Text Search
 

To Download AHK1117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ANALOGIC
TECH
General Description
TM
AHK1117
1 Amp Linear Regulator
PowerLinear
Features
* * * * * * The AHK1117 is a Positive Linear Regulator designed to deliver 1 amp. It features adjustable or fixed output voltages and excellent performance over line and load variations. The device is able to protect itself and the load from short circuit conditions with integrated current limiting circuitry. Thermal shutdown is activated to prevent damage under extreme conditions. The AHK1117 is available in surface mount SOT223 or TO-252 (DPAK), and through-hole TO-220 packages.
TM
Guaranteed 1.2V max Dropout at max current Adjustable or Factory programmed output voltages Excellent performance over line, load Current limit protection Over-Temperature protection SOT-223, TO-252 (DPAK) and TO-220 packages
Applications
* * * * * Active SCSI Terminators High Efficiency Linear Regulators Post Regulators for Switching Supplies Battery Chargers 5V to 3.3V Linear Regulators
Preliminary Information
Typical Application
INPUT IN
OUTPUT
AHK1117
GND/ADJ
OUT
10uF
10uF
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-1
1117.2000.05.0.92
ANALOGIC
TECH
Symbol
VIN IOUT TJ JA JA JA PD PD PD TLEAD
TM
AHK1117
1 Amp Linear Regulator
Absolute Maximum Ratings (TA=25C unless otherwise noted)
Description
Input Voltage DC Output Current Operating Junction Temperature Range Thermal Resistance (SOT-223) Thermal Resistance (TO-252) Thermal Resistance (TO-220) Maximum Power Dissipation (SOT-223) Maximum Power Dissipation (TO-252) Maximum Power Dissipation (SOT-220) Maximum Soldering Temperature (at leads, 10 sec)
Max
15 PD/(VIN-VO) 0 to 125 150 80 60 Internally Limited 300
Units
V mA C C/W C/W C/W mW mW mW C
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Recommended Operating Conditions
Symbol
VIN T
Description
Input Voltage Ambient Temperature Range
Rating
VOUT+1.2 to 13.2
Units
V C
-40 to +85
Electrical Characteristics AHK1117-ADJ(TJ=25C unless otherwise noted)
Symbol VREF VOUT/ VOUT VOUT/ VOUT VDO ILIM TC V/T IADJ IADJ IOUTMIN VN PSRR Description Reference Voltage Conditions VIN = 5V, IOUT = 10mA TJ=25C Full temp Min 1.238 1.225 Typ 1.250 1.250 Max 1.262 1.275 0.2 0.3 0.4 0.3 0.4 1.2 % Units V
Line Regulation
Load Regulation Dropout Voltage
1
Current Limit Ouput Voltage Temp. Coeff. Temperature Stability Adjust Pin Current Adjust Pin Current Change Minimum Load Current RMS Output Noise Ripple Rejection Ratio
VIN = 4.75 - 7V, TJ=25C IOUT = 10mA TJ=25C VIN = 4.75 - 15V, IOUT = 10mA Full temp TJ=25C VIN = 5V, IOUT = 10mA -1A Full temp IOUT = 10mA -1A, Full temp VOUT = 1% VIN = 2.75 - 7V Full temp VIN = 2.75 - 7V, IOUT = 10mA - 1A VIN = 5V, IOUT = 100mA, Full temp TJ=25C VIN = 2.75 - 7V, IOUT = 10mA - 1A Full temp VIN = 2.75 - 7V, IOUT = 10mA - 1A, Full temp VIN = 5V TJ = 25C VIN = 5V, IOUT = 1A, Full temp
0.05 0.2 1.0 1.0 0.005 0.5 55
% V A %/C %
90 0.2 5 0.003 72 5 10
A A
mA %VOUT dB
60
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-2
1117.2000.05.0.92
ANALOGIC
TECH
Symbol VOUT VOUT/ VOUT VOUT/ VOUT VDO ILIM IQ TC V/T VN PSRR Description Output Voltage
TM
AHK1117
1 Amp Linear Regulator
Electrical Characteristics AHK1117-3.3 (fixed)(TJ=25C unless otherwise noted)
Conditions VIN = 5V, IOUT = 0A TJ=25C Full temp Min 3.270 3.234 Typ 3.30 3.30 Max 3.330 3.336 0.2 0.3 0.4 0.3 0.4 1.2 % Units V
Line Regulation
Load Regulation Dropout Voltage
1
Current Limit Quiescent Current Ouput Voltage Temp. Coeff. Temperature Stability RMS Output Noise Ripple Rejection Ratio
VIN = 4.75 - 7V, TJ=25C IOUT = 0A TJ=25C VIN = 4.75 - 15V, IOUT = 0A Full temp TJ=25C VIN = 5V, IOUT = 0A -1A Full temp IOUT = 0A -1A, VOUT = 1%, Full temp VIN = 4.75 - 7V, Full temp VIN = 5V, IOUT = 0-1A, Full temp VIN = 4.75 - 7V, IOUT = 0 - 1A VIN = 5V, IOUT = 100mA, Full temp TJ = 25C VIN = 5V, IOUT = 1A, Full temp
0.05 0.2 1.0 1.0 6 0.005 0.5 0.003 72
% V A mA %/C % %VOUT dB
13
60
Note 1: VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-3
1117.2000.05.0.92
ANALOGIC
TECH
Pin Descriptions
Pin #
1
TM
AHK1117
1 Amp Linear Regulator
Symbol
GND/ADJ
Function
For the fixed version of AHK1117, pin 1 is the ground connection. For the adjustable version, this pin is the ADJ pin. See detailed description for further information regarding configurations. Output pin - should be decoupled with 10F tantalum or greater output capacitor. Input pin - should be decoupled with 10F tantalum or greater capacitor.
2 3
OUT IN
Functional Block Diagram
VIN
VOUT
Over-Current Protection Over-Temp Protection
VREF
GND/ADJ
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-4
1117.2000.05.0.92
ANALOGIC
TECH
TM
AHK1117
1 Amp Linear Regulator
Ordering Information
Output Voltage 3.3V 3.3V 3.3V Adjustable Adjustable Adjustable Package SOT-223 TO-252 (DPAK) TO-220 SOT-223 TO-252 (DPAK) TO-220 Marking Part Number Bulk AHK1117XMY-3.3-B1 N/A AHK1117XPY-3.3-B1 AHK1117XMY-ADJB1 N/A AHK1117XPY-ADJ-B1 Tape and Reel AHK1117XMY-3.3-T1 AHK1117XNY-3.3-T1 N/A AHK1117XMY-ADJ-T1 AHK1117XNY-ADJ-T1 N/A
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-5
1117.2000.05.0.92
ANALOGIC
TECH
TM
AHK1117
1 Amp Linear Regulator
Pin Configuration
SOT-223 (Top View) TO-252 (Top View)
VIN VOUT GND/ADJ
V IN
V OUT (connected with heat sink)
GND
TO-220 (Top View)
VIN VOUT ADJ/GND
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-6
1117.2000.05.0.92
ANALOGIC
TECH
Package Information
TO 220
TM
AHK1117
1 Amp Linear Regulator
E
A
F
Q CP H1
a (5X)
D
E - PIN
b1 L
R
e3 b
C1 H
e e1
A b C1 D E e e1 e3 F H1 K CP Q L a b1 R
Note:
Millimeters Min Max 4.06 4.83 0.63 1.02 0.38 0.56 14.22 14.99 9.78 10.54 2.29 2.79 4.83 5.33 1.14 1.40 1.14 1.40 5.94 6.55 2.29 2.92 3.71 3.96 2.62 2.87 13.16 13.79 3 7 1.14 1.52 6.17 REF
Inches Min Max 0.160 0.190 0.025 0.040 0.015 0.022 0.560 0.590 0.385 0.415 0.090 0.110 0.190 0.210 0.045 0.055 0.045 0.055 0.234 0.258 0.090 0.115 0.146 0.156 0.103 0.113 0.518 0.543 3 7 0.045 0.060 0.243 REF
1. Dimension C1 apply for TIN plate finish. 2. For solder DIP lead finish dimension, C1 should be 0.015"~0.027" (0.38mm~0.69mm)
SOT 223
D B
Dim A A1 B B1 C D e e1 E H S t 1 2
Note:
02 0 c
H
E
e
S
A 01
Millimeters Min Max 1.50 4.83 0.02 1.02 2.95 0.56 0.65 14.99 0.25 10.54 6.30 2.79 2.30 TYP 4.60 TYP 3.30 1.40 6.70 6.55 0.85 2.92 1.10 3.96 10 MAX 10 16 10 16
Inches Min Max 0.060 0.067 0.001 0.004 0.116 0.124 0.026 0.033 0.100 0.014 0.248 0.264 0.0905 TYP 0.181 TYP 0.130 0.146 0.264 0.287 0.033 0.041 0.043 0.051 10 MAX 10 16 10 16
t A1 B1 e1
1. 2.
Package outline exclusive of any mold flashes dimension. Package outline exclusive of burr dimension.
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-7
1117.2000.05.0.92
ANALOGIC
TECH
TO - 252 ( D PA K )
TM
AHK1117
1 Amp Linear Regulator
Dim A B C D E F G H I J K L
Note: 1. 2.
E K L B A
F
Millimeters Min Max 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80 2.20 2.85 0.00 *2.30 0.00 0.90 0.00 0.80 5.20 5.50 1.20 1.60
Inches Min Max 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2126 0.2283 0.0866 0.1122 0.0000 *0.0906 0.0000 0.0354 0.0000 0.0315 0.2047 0.2165 0.0472 0.0630
M J H
G C D
Controlling dimension: Millimeters. Maximum lead thickness includes lead finish thickness; minimum lead thickness is the minimum thickness of base material.
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086 (408)524-9684 Fax (408)524-9689 2-8
1117.2000.05.0.92


▲Up To Search▲   

 
Price & Availability of AHK1117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X