Part Number Hot Search : 
B632E2T 2SK150 10N10 74HCT4 Z5221B XRD6406 D1961 80022
Product Description
Full Text Search
 

To Download AF4953P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AF4953P
Dual P-Channel 30-V (D-S) MOSFET Features
-Low rDS(on) Provides Higher Efficiency and Extends Battery Life -Miniature SO-8 Surface Mount Package Saves Board Space -High power and current handling capability -Extended VGS range (25) for battery pack applications
General Description
These miniature surface mount MOSFETs utilize High Cell Density process. Low rDS(on) assures minimal power loss and conserves energy, making this device ideal for use in power management circuitry. Typical applications are PWMDC-DC converters, power management in portable and battery-powered products such as computers, printers, battery charger, telecommunication power system, and telephones power system.
Product Summary
VDS (V) -30 rDS(on) (m) 52@VGS=-10V 89@VGS=-4.5V ID (A) -5.2 -4.0
Pin Assignments
S1 G1 S2 G2
1 2 3 4 8 7 6 5
Pin Descriptions
D1 D1 D2 D2
Pin Name S1/2 G1/2 D1/2
Description Channel 1/2 Source Channel 1/2 Gate Channel 1/2 Drain
SOP-8
Ordering information
AX Feature F :MOSFET PN 4953P X X X Package S: SOP-8 Lead Free Blank : Normal L : Lead Free Package Packing Blank : Tube or Bulk A : Tape & Reel
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Jul 20, 2004 1/5
AF4953P
Dual P-Channel 30-V (D-S) MOSFET Absolute Maximum Ratings (TA=25C unless otherwise noted)
Symbol VDS VGS ID IDM IS PD TJ, TSTG Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (Note 1) TA=25C TA=70C Pulsed Drain Current (Note 2) Continuous Source Current (Diode Conduction) (Note 1) TA=25C Power Dissipation (Note 1) TA=70C Operating Junction and Storage Temperature Range Rating -30 25 5.2 4.2 30 -1.6 2.1 1.3 -55 to 150 Units V V A A A W C
Thermal Resistance Ratings
Symbol RJC RJA Parameter Maximum Junction-to-Case (Note 1) Maximum Junction-to-Ambient (Note 1) t < 5 sec t < 10 sec Maximum 40 60 Units C/W C/W
Note 1: surface Mounted on 1"x 1" FR4 Board. Note 2: Pulse width limited by maximum junction temperature
Specifications (TA=25C unless otherwise noted)
Symbol Static V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) Parameter Drain-Source breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current (Note 3) Drain-Source On-Resistance (Note 3) Test Conditions VGS=0V, ID=-250uA VDS=VGS, ID=-250uA VDS=0V, VGS=25V VDS=-24V, VGS=0V VDS=-24V, VGS=0V, TJ=55C VDS=-5V, VGS=-10V VGS=-10V, ID=-5.2A VGS=-4.5V, ID=-4.0A VGS=-10V, ID=-5.2A, TJ=55C VDS=-15V, ID=-5.2A IS=-2.1A, VGS=0V VDS=-15V, VGS=-10V, ID=-5.2A Min. -30 -1 -30 Limits Typ. -1.6 40 67 44 19 -0.7 15 2.2 1.7 7 13 14 9 Max. -3 100 -1 -5 52 89 57 -1.2 19 14 24 25 17 S V Unit V V nA uA A m
gfs Forward Tranconductance (Note 3) VSD Diode Forward Voltage Dynamic (Note 4) Qg Total Gate Charge Qgs Gate-Source Charge Qgd Gate-Drain Charge Switching td(on) Turn-On Delay Time tr Rise Time td(off) Turn-Off Delay Time tf Fall-Time
nC
VDD=-15, RL=15, ID=-1A, VGEN=-10V, RG=6
nS
Note 3: Pulse test: PW < 300us duty cycle < 2%. Note 4: Guaranteed by design, not subject to production testing.
Anachip Corp. www.anachip.com.tw 2/5
Rev. 1.1 Jul 20, 2004
AF4953P
Dual P-Channel 30-V (D-S) MOSFET Typical Performance Characteristics
Anachip Corp. www.anachip.com.tw 3/5
Rev. 1.1 Jul 20, 2004
AF4953P
Dual P-Channel 30-V (D-S) MOSFET Typical Performance Characteristics (Continued)
Anachip Corp. www.anachip.com.tw 4/5
Rev. 1.1 Jul 20, 2004
AF4953P
Dual P-Channel 30-V (D-S) MOSFET Marking Information
SOP-8L
( Top View )
8
Logo Part Number
4953 P AA Y W X
1
Lot code: "X": Non-Lead Free; "X": Lead Free "A~Z": 01~26; "A~Z": 27~52 Week code: "A~Z": 01~26; "A~Z": 27~52 Year code: "4" =2004 Factory code ~
Package Information
Package Type: SOP-8L
E
H
L VIEW "A" D 7 (4X)
0.015x45
7 (4X)
A2
A
A1
e
B y
C
VIEW "A"
Symbol A A1 A2 B C D E e H L y
Dimensions In Millimeters Min. Nom. Max. 1.40 1.60 1.75 0.10 0.25 1.30 1.45 1.50 0.33 0.41 0.51 0.19 0.20 0.25 4.80 5.05 5.30 3.70 3.90 4.10 1.27 5.79 5.99 6.20 0.38 0.71 1.27 0.10 0O 8O
Dimensions In Inches Min. Nom. Max. 0.055 0.063 0.069 0.040 0.100 0.051 0.057 0.059 0.013 0.016 0.020 0.0075 0.008 0.010 0.189 0.199 0.209 0.146 0.154 0.161 0.050 0.228 0.236 0.244 0.015 0.028 0.050 0.004 0O 8O
Anachip Corp. www.anachip.com.tw 5/5
Rev. 1.1 Jul 20, 2004


▲Up To Search▲   

 
Price & Availability of AF4953P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X