Part Number Hot Search : 
SP723ABG 8100K LLST500 0KXXX P8253 2N55550 S1ZZGP PCL851
Product Description
Full Text Search
 

To Download ADA10000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADA10000
Linear Amplifier MMIC
Data Sheet - Rev 2.3
FEATURES
* * * * * * * High Linearity : +15 dBm IIP3 (+8 V supply) Low Distortion Low Noise Figure: 2.0 dB 15 dB Gain Single +4 V to +9 V Supply Wide Bandwidth: 50 MHz to 1 GHz SOIC-16 and SOT-89 Package Options
S3 Package Modified 16 Pin SOIC
S24 Package SOT-89
PRODUCT DESCIPTION
The ADA10000 is a monolithic IC intended for use in applications requiring high linearity, such as Cellular Telephone Base Station Driver Amplifiers, CATV Fiber Receiver and Distribution Amplifiers, and CATV Drop Amplifiers. Offered in both a modified 16 lead SOIC package and SOT-89 package, it is well suited for use in amplifiers where small size, reduced component count, and high reliability are important.
RF Input
RF Output / Bias
Figure 1: Block Diagram
06/2003
ADA10000
1 2 3 4 5 6 7 8
GND GND GND GND GND RFIN GND GND
GND GND RFOUT GND GND GND GND GND
16 15 14 13 12 11 10 9
Figure 2: Pinout - S3 Package
Table 1: Pin Description - S3 Package
PIN 1 2 3 4 5 6 7 8
NAME GND GND GND GND GND RFIN GND GND
DESCRIPTION Ground Ground Ground Ground Ground RF Input Ground Ground
PIN 16 15 14 13 12 11 10 9
NAME GND GND RFOUT GND GND GND GND GND
DESCRIPTION Ground Ground RF Output / Bias Ground Ground Ground Ground Ground
2
Data Sheet - Rev 2.3 06/2003
ADA10000
GND
4
1
RFIN
2
GND
3
RFOUT
Figure 3: Pinout - S24 Package
Table 2: Pin Description - S24 Package
PIN 1 2 3 4 NAME RFIN GND RFOUT GND DESCRIPTION RF Input Ground RF Output / Bias Ground
Data Sheet - Rev 2.3 06/2003
3
ADA10000
ELECTRICAL CHARACTERISTICS
Table 3: Absolute Minimum and Maximum Ratings
PARAMETER Supply (S3 package: pin 14) (S24 package: pin 3) RF Power at Input (S3 package: pin 6) (S24 package: pin 1) Storage Temperature
MIN 0
MAX +12
UNIT VD C
-65
+10 +150
dB m C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability. Notes: (1) RF input pin must be AC-coupled. No DC external bias should be applied.
Table 4: Operating Ranges PARAMETER RF Input / Output Frequency Supply Voltage (VDD) Case Temperature MIN 50 +4 -40 TYP +8 MAX 1000 +9 +85
(1)
UNIT MHz VD C C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Notes: (1) Median time to failure will degrade above this temperature.
4
Data Sheet - Rev 2.3 06/2003
ADA10000 Table 5: Electrical Specifications (TA = +25 C, VDD = +8 VDC, 75 system, see Figures 4 and 5) PARAMETER CSO (1) / CSO (2) CTB Gain Noise Figure 2nd Order Input Intercept Point (IIP2) (3) 3rd Order Input Intercept Point (IIP3) (3) Thermal Resistance Current Consumption (4)
(1)
MIN 60 / 62 65 / 74 14 +29 +13 50
TYP 15 2.0 +34 +15 -
MAX 3.5 35 20 150
UNIT dB c dB c dB dB dB m dB m
COMMENT
/CTB
(2)
C/W mA
S 3 p a cka g e S 2 4 p a cka g e
Notes: (1) 160 channels, +17 dBmV per channel (measured at output), 6 MHz channel spacing. (2) 80 channels, +19 dBmV per channel (measured at output), 6 MHz channel spacing. (3) Two tones, -10 dBm per tone at input. (4) The device can be operated at VDD = +6 VDC for lower power dissipation. Refer to Figures 7, 8, 13, and 16 for performance variation with supply voltage.
Data Sheet - Rev 2.3 06/2003
5
ADA10000
VDD 3.9 uH 0.1 uF
1000 pF RFOUT 1000 pF RFIN 5.6 nH
ADA10000
Figure 4: Test Circuit - S3 Packaged Device (75 terminations)
VDD 820 nH 0.01 uF
1000 pF RFIN 0.5 pF 100 W
10 nH
1
ADA10000
2,4
3
180 pF RFOUT 0.5 pF 50 W
Figure 5: Test Circuit - S24 Packaged Device (75 terminations)
6
Data Sheet - Rev 2.3 06/2003
ADA10000
PERFORMANCE DATA
As measured in test circuits shown in Figures 4 and 5.
18
Figure 6: Gain and Noise Figure vs. Frequency - S3 Packaged Device o (TA = +25 C, VDD = +8 V, 75 W system)
4.0
16.0
Figure 7: Gain and Noise Figure vs. Supply Voltage - S3 Packaged Device (TA = +25 oC, f = 500 MHz, 75 W system)
2.2
17 16
3.5
15.8
2.1
Noise Figure (dB)
3.0 2.5 2.0 Gain NF
Gain (dB)
15 14
Gain (dB)
15.6
2.0
15.4
1.9
13 12 0 200 400 600
1.5 1.0 1000
15.2
Gain NF
1.8
15.0 4 5 6 7 8 9
1.7
800
Frequency (MHz)
Supply Voltage (V)
40 35 30
Figure 8: IIP2 and IIP3 vs. Supply Voltage - S3 Packaged Device (TA = +25 oC, 75 W system)
Figure 9: Output Power vs. Input Power S3 Packaged Device (TA = +25 oC, VDD = +8 V, f = 500 MHz, 75 W system)
26 24
Output Power (dBm)
IIP2, IIP3 (dBm)
22
25 20 15 10 5 4 5 6 7 8 9 IIP2 IIP3
20
18
16
14 0 2 4 6 8 10 12
Supply Voltage (V) Notes: 1. IIP2 measured at 986.5 MHz; Input = two tones at 55.25 MHz and 931.25 MHz at -10 dBm. 2. IIP3 measured with two tones at the input: 986.5 MHz and 992.5 MHz at -10 dBm.
Input Power (dBm)
Figure 10: Unmatched Device Input Impedance S3 Packaged Device o (TA = +25 C, VDD = +8 V, 75 W system)
Figure 11: Unmatched Device Output Impedance S3 Packaged Device (TA = +25 oC, VDD = +8 V, 75 W system)
50 MHz 1 GHz
1 GHz
50 MHz
Refer to the ANADIGICS web site for full 2-port s-parameter data. Data Sheet - Rev 2.3 06/2003
7
Noise Figure (dB)
ADA10000
Figure 12: Gain and Noise Figure vs. Frequency - S24 Packaged Device (TA = +25 oC, VDD = +8 V, 75 W system) Figure 13: Gain and Noise Figure vs. Supply Voltage - S24 Packaged Device (TA = +25 oC, f = 500 MHz, 75 W system)
18
4.0
16.0
2.2
17 16
3.5
15.8
2.1
Noise Figure (dB)
3.0 2.5 2.0 Gain NF
Gain (dB)
15 14
Gain (dB)
15.6
2.0
15.4
1.9
13 12 0 200 400 600
1.5 1.0 1000
15.2
Gain NF
1.8
15.0 4 5 6 7 8 9
1.7
800
Frequency (MHz)
Supply Voltage (V)
0 -5 -10 -15 -20 -25 -30 -35 -40 0
Figure 14: Input Return Loss vs. Frequency - S24 Packaged Device (TA = +25 oC, VDD = +8 V, 75 W system)
0 -5 -10 -15 -20 -25 -30 -35 -40
Figure 15: Output Return Loss vs. Frequency - S24 Packaged Device (TA = +25 oC, VDD = +8 V, 75 W system)
Output Return Loss (dB)
Input Return Loss (dB)
200
400
600
800
1000
0
200
400
600
800
1000
Frequency (MHz)
Frequency (MHz)
40 35 30
Figure 16: IIP2 and IIP3 vs.Supply Voltage - S24 Packaged Device (TA = +25 oC, 75 W system)
Figure 17: Output Power vs. Input Power S24 Packaged Device (TA = +25 oC,VDD = +8 V, f = 500 MHz, 75 W system)
26 24
Output Power (dBm)
IIP2, IIP3 (dBm)
22
25 20 15
20
18
16
10 5 4 5 6 7
IIP2 IIP3
14 0 2 4 6 8 10 12
8
9
Input Power (dBm)
Notes: 1. IIP2 measured at 986.5 MHz; Input = two tones at 55.25 MHz and 931.25 MHz at -10 dBm. 2. IIP3 measured with two tones at the input: 986.5 MHz and 992.5 MHz at -10 dBm.
Supply Voltage (V)
8
Data Sheet - Rev 2.3 06/2003
Noise Figure (dB)
ADA10000
Figure 18: Unmatched Device Input Impedance S24 Packaged Device (TA = +25 oC, VDD = +8 V, 75 W system) Figure 19: Unmatched Device Output Impedance S24 Packaged Device (TA = +25 oC, VDD = +8 V, 75 W system)
50 MHz 1 GHz
50 MHz
1 GHz
Refer to the ANADIGICS web site for full 2-port s-parameter data.
Data Sheet - Rev 2.3 06/2003
9
ADA10000
PACKAGE OUTLINE
D C
LE
E
H
0.015 [0.38]X45
L
a
A A2 A1
GAUGE PLANE SEATING PLANE
0.003 [0.076mm]
e
B1
B
S
Y M
INCHES
B O L
MILLIMETERS
MIN. MAX.
NOTE
NOTES: 1. CONTROLLING DIMENSION: INCHES 2. DIMENSION "D" DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS AND GATE BURRS SHALL NOT EXCEED 0.006 [0.15mm] PER SIDE. 3. DIMENSION "E" DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSIONS. INTER-LEAD FLASH AND PROTRUSIONS SHALL NOT EXCEED 0.010 [0.25mm] PER SIDE.
MIN.
MAX.
A A1 A2
B
0.058 0.004 0.055 0.013 0.062 0.008 0.380 0.150
0.068 0.010 0.065 0.020 0.070 0.010 0.400 0.160
1.47 0.10 1.40 0.33 1.58 0.20 9.66 3.81
1.73 0.25 1.65 0.50 1.78 0.25 10.16 4.06 4 2 3
B1 C D E e H L LE
4. LEAD THICKNESS AFTER PLATING TO BE 0.013 [0.33mm] MAXIMUM.
0.050 BSC 0.226 0.016 0.030 0 8 0.244 0.040
1.27 BSC 5.74 0.41 0.76 0 8 6.20 1.02
a
Figure 20: S3 Package Outline - Modified 16 Pin SOIC
10
Data Sheet - Rev 2.3 06/2003
ADA10000
Figure 21: S24 Package Outline - SOT-89
Data Sheet - Rev 2.3 06/2003
11
ADA10000
ORDERING INFORMATION
ORDER NUMBER ADA10000S3CTR A D A 10000S 3C ADA10000S24Q1 TEMPERATURE RANGE -40 C to +85 C -40 C to +85 C -40 C to +85 C PACKAGE DESCRIPTION Modified 16 Pin SOIC Modified 16 Pin SOIC SOT-89 Package COMPONENT PACKAGING 3,500 piece Tape and Reel Plastic tubes (50 pieces per tube) 1,000 piece Tape and Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
12
Data Sheet - Rev 2.3 06/2003


▲Up To Search▲   

 
Price & Availability of ADA10000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X