|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES 3-Wire Serial I/F for Digital Control 18 MHz Correlated Double Sampler Low Noise PGA with 0 dB-30 dB Range Analog Pre-Blanking Function AUX Input with Input Clamp and PGA 10-Bit 18 MSPS A/D Converter Direct ADC Input with Input Clamp Internal Voltage Reference Two Auxiliary 8-Bit DACs +3 V Single Supply Operation Low Power: 150 mW at 2.7 V Supply 48-Lead LQFP Package CCD Signal Processor for Electronic Cameras AD9803 PRODUCT DESCRIPTION The AD9803 is a complete CCD and video signal processor developed for electronic cameras. It is well suited for video camera and still-camera applications. The 18 MHz CCD signal processing chain consists of a CDS, low noise PGA, and 10-bit ADC. Required clamping circuitry and a voltage reference are also provided. The AUX input features a wideband PGA and input clamp, and can be used to sample analog video signals. The AD9803 nominally operates from a single 3 V power supply, typically dissipating 170 mW. The AD9803 is packaged in a space-saving 48-lead LQFP and is specified over an operating temperature range of -20C to +70C. FUNCTIONAL BLOCK DIAGRAM PBLK PGACONT1-2 CLPOB CLAMP 0-30dB CCDIN CDS PGA AD9803 10 MUX S/H ADC DOUT CLAMP CLPDM DAC1 8-BIT DAC 8-BIT DAC 10-BIT DAC INTF 3 TIMING GENERATOR PGA REF CLAMP DAC2 0-10dB AUXCONT VRT VRB 3-W INTF ADCIN AUXIN ACLP SHP SHD ADCCLK REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999 AD9803-SPECIFICATIONS GENERAL SPECIFICATIONS (T Parameter TEMPERATURE RANGE Operating Storage POWER SUPPLY VOLTAGE (For Functional Operation) Analog Digital Digital Driver POWER CONSUMPTION (Power-Down Modes Selected Through Serial I/F) Normal Operation (D-Reg 00) High Speed AUX-MODE (D-Reg 01) Reference Standby (D-Reg 10 or STBY Pin Hi) Shutdown Mode (D-Reg 11) MAXIMUM CLOCK RATE S/H AMPLIFIER Gain Clock Rate A/D CONVERTER Resolution Differential Nonlinearity 0-255 Code 256-1023 Code No Missing Codes Full-Scale Input Range Clock Rate REFERENCE Reference Top Voltage Reference Bottom Voltage Specifications subject to change without notice. MIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fADCCLK = 18 MHz unless otherwise noted) Min -20 -65 Typ Max 70 150 Units C C 2.7 2.7 2.7 3.0 3.0 3.0 3.6 3.6 3.6 V V V (Specified Under Each Mode of Operation) (Specified Under AUX-MODE) 10 10 (Specified Under Each Mode of Operation) 0 27 10 0.5 0.5 GUARANTEED 1.0 0.01 1.75 1.25 0.8 1.0 mW mW dB MHz Bits LSBs LSBs V p-p MHz V V 18 DIGITAL SPECIFICATIONS (T Parameter LOGIC INPUTS High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Input Capacitance LOGIC OUTPUTS High Level Output Voltage Low Level Output Voltage High Level Output Current Low Level Output Current MIN to TMAX, DRVDD = +2.7 V, CL = 20 pF unless otherwise noted) Symbol VIH VIL IIH IIL CIN VOH VOL IOH IOL Min 2.1 0.6 10 10 10 2.1 0.6 50 50 10 10 Typ Max Units V V A A pF V V A A MHz ns SERIAL INTERFACE TIMING (Figure 35) Maximum SCLK Frequency SDATA to SCLK Setup tDS SCLK to SDATA Hold SLOAD to SCLK Setup SCLK to SLOAD Hold Specifications subject to change without notice. tDH tLS tLH 10 10 10 ns ns ns -2- REV. 0 AD9803 CCD-MODE SPECIFICATIONS Parameter POWER CONSUMPTION VDD = 2.7 VDD = 2.8 VDD = 3.0 MAXIMUM CLOCK RATE CDS Gain Allowable CCD Reset Transient 1 Max Input Range Before Saturation 1 PGA Max Input Range Max Output Range Digital Gain Control (See Figure 26) Gain Control Resolution Minimum Gain (Code 0) Low Gain (Code 207) Medium Gain (Code 437) High Gain (Code 688) Max Gain (Code 1023) Analog Gain Control (See Figure 25) PGACONT1 = 0.7 V, PGACONT2 = 1.5 V PGACONT1 = 1.8 V, PGACONT2 = 1.5 V BLACK-LEVEL CLAMP Clamp Level (Selected by the Serial I/F) CLP(0) (E-Reg 00) CLP(1) (E-Reg 01) CLP(2) (E-Reg 10) CLP(3) (E-Reg 11) Even-Odd Offset2 SIGNAL-TO-NOISE RATIO 3 (@ Minimum PGA Gain) TIMING SPECIFICATIONS 4 Pipeline Delay Even-Odd Offset Correction Disabled Even-Odd Offset Correction Enabled Internal Clock Delay5 (tID) Inhibited Clock Period (tINHIBIT) Output Delay (tOD) Output Hold Time (tHOLD) ADCCLK, SHP, SHD, Clock Period ADCCLK Hi-Level, Or Low Level SHP, SHD Minimum Pulsewidth 6 SHP Rising Edge to SHD Rising Edge NOTES 1 Input Signal Characteristics defined as shown: (TMIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fSHP = fSHD = fADCCLK = 18 MHz unless otherwise noted) Min Typ 150 170 185 18 0 500 1000 1000 1000 10 (Fixed) -1.5 4 15 26 Max Units mW mW mW MHz dB mV mV p-p mV p-p mV p-p Bits dB dB dB dB dB dB dB -3.5 0 22 32 0 8 30 4.5 26 34 50 66 18 0.5 61 LSB LSB LSB LSB LSB dB 5 7 3 15 20 2 47 20 10 20 55.6 28 14 28 Cycles Cycles ns ns ns ns ns ns ns ns 500mV TYP RESET TRANSIENT 50mV MAX OPTICAL BLACK PIXEL 1V MAX INPUT SIGNAL RANGE 2V MAX INPUT SIGNAL W/PBLK ENABLED 2 3 4 Even-Odd Offset is described under the Theory of Operation section. The Even-Odd Offset is measured with the Even-Off Offset correction enabled. SNR = 20 log10 (Full-Scale Voltage/RMS Output Noise). 20 pF loading; timing shown in Figure 1. 5 Internal aperture delay for actual sampling edge. 6 Active Low Clock Pulse Mode (C-Reg 00). Specifications subject to change without notice. REV. 0 -3- AD9803-SPECIFICATIONS AUX-MODE SPECIFICATIONS Parameter POWER CONSUMPTION Normal (D-Reg 00) High Speed (D-Reg 01) MAXIMUM CLOCK RATE PGA Max Input Range Max Output Range Digital Gain Control Gain Control Resolution Gain (Selected by the Serial I/F) Gain(0) Gain(255) ACTIVE CLAMP (CLAMP ON) Clamp Level (Selectable by the Serial I/F) CLP(0) (E-Reg 00) CLP(1) (E-Reg 01) CLP(2) (E-Reg 10) CLP(3) (E-Reg 11) TIMING SPECIFICATIONS 1 Pipeline Delay Internal Clock Delay (tID) Output Delay (tOD) Output Hold Time (tHOLD) NOTES 1 20 pF loading; timing shown in Figure 2. Specifications subject to change without notice. (TMIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fADCCLK = 18 MHz unless otherwise noted) Min Typ 80 110 18 700 1000 8 (Fixed) -3.5 10.5 Max Units mW mW MHz mV p-p mV p-p Bits dB dB 34 50 66 18 4 (Fixed) 5 20 2 LSB LSB LSB LSB Cycles ns ns ns ADC-MODE SPECIFICATIONS (T Parameter MAXIMUM CLOCK RATE ACTIVE CLAMP (Same as AUX-MODE) MIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fADCCLK = 18 MHz unless otherwise noted) Min Typ 65 18 Max Units mW MHz POWER CONSUMPTION (Normal D-Reg 00) TIMING SPECIFICATIONS (Same as AUX-MODE) Specifications subject to change without notice. DAC SPECIFICATIONS (DAC1 and DAC2) Parameter RESOLUTION MIN OUTPUT MAX OUTPUT MAX CURRENT LOAD MAX CAPACITIVE LOAD Specifications subject to change without notice. Min Typ 8 (Fixed) 0.1 VDD - 0.1 1 500 Max Units Bits V V mA pF -4- REV. 0 AD9803 TIMING SPECIFICATIONS CCD N N+1 N+2 N+3 N+4 SHP tID tINHIBIT SHD tID ADCCLK tOD tHOLD ADCCLK RISING EDGE PLACEMENT D0-D9 N-8 N-7 N-6 N-5 N-4 N-3 NOTES: 1. SHP AND SHD SHOULD BE OPTIMALLY ALIGNED WITH THE CCD SIGNAL. SAMPLES ARE TAKEN AT THE RISING EDGES. 2. ADCCLK RISING EDGE MUST OCCUR AT LEAST 15ns AFTER THE RISING EDGE OF SHP (tINHIBIT). 3. RECOMMENDED PLACEMENT FOR ADCCLK RISING EDGE IS BETWEEN THE RISING EDGE OF SHD AND FALLING EDGE OF SHP. 4. OUTPUT LATENCY (7 CYCLES) SHOWN WITH EVEN-ODD OFFSET CORRECTION ENABLED. 5. ACTIVE LOW CLOCK PULSE MODE IS SHOWN. Figure 1. CCD-MODE Timing N VIDEO INPUT N+1 N+2 N+3 N+4 N+5 tOD ADCCLK tID tHOLD D0-D9 N-4 N-3 N-2 N-1 N NOTE: EXAMPLE OF OUTPUT DATA LATCHED BY ADCCLK RISING EDGE. Figure 2. AUX-MODE and ADC-MODE Timing EFFECTIVE PIXELS CCD SIGNAL OPTICAL BLACK BLANKING INTERVAL DUMMY BLACK EFFECTIVE PIXELS CLPOB CLPDM PBLK NOTES: 1. CLPOB PULSEWIDTH SHOULD BE A MINIMUM OF 10 OB PIXELS WIDE, 20 OB PIXELS ARE RECOMMENDED. 2. CLPDM PULSEWIDTH SHOULD BE AT LEAST 1 s WIDE. 3. PBLK IS NOT REQUIRED, BUT RECOMMENDED IF THE CCD SIGNAL AMPLITUDE EXCEEDS 1V p-p. 4. CLPDM OVERWRITES PBLK. 5. ACTIVE LOW CLAMP PULSE MODE IS SHOWN. Figure 3. CCD-MODE Clamp Timing REV. 0 -5- AD9803 TIMING SPECIFICATIONS (CONTINUED) VIDEO SIGNAL H SYNC MANUAL CLAMPING ACLP AUTOMATIC CLAMPING Figure 4. AUX-MODE Clamp Timing NOTE: ACLP can be used two different ways. To control the exact time of the clamp, an active low pulse is used to specify the clamp interval. Alternatively, ACLP may be tied to ground. In this configuration, the clamp circuitry will sense the most ABSOLUTE MAXIMUM RATINGS* negative portion of the signal and use this level to set the clamp voltage. For the video waveform in Figure 4, the SYNC level will be clamped to the black level specified in the E-Register. Active low clamp pulse mode is shown. Parameter ADVDD ACVDD DVDD DRVDD CLOCK INPUTS PGACONT1, PGACONT2 PIN, DIN DOUT VRT, VRB CCDBYP1, CCDBYP2 DAC1, DAC2 DRVSS, DVSS, ACVSS, ADVSS Junction Temperature Storage Temperature Lead Temperature (10 sec) With Respect To ADVSS, SUBST ACVSS, SUBST DVSS DRVSS DVSS SUBST SUBST DRVSS SUBST SUBST SUBST SUBST Min -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -65 Max 6.5 6.5 6.5 6.5 DVDD + 0.3 ACVDD + 0.3 ACVDD + 0.3 DRVDD + 0.3 ADVDD + 0.3 ACVDD + 0.3 ACVDD + 0.3 +0.3 +150 +150 +300 Units V V V V V V V V V V V V C C C *Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. ORDERING GUIDE Model AD9803JST Temperature Range 0C to +70C Package Description 48-Lead Plastic Thin Quad Flatpack Package Option ST-48 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9803 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE -6- REV. 0 AD9803 PIN CONFIGURATION ADVSS CMLEVEL 36 ADCIN 35 AUXCONT 34 AUXIN 33 ACVDD 32 CLPBYP 31 ACVSS 30 PGACONT2 29 PGACONT1 28 CCDBYP1 27 PIN 26 DIN 25 CCDBYP2 13 14 15 16 17 18 19 20 21 22 23 24 SUBST SDATA 48 47 46 45 44 43 42 41 40 39 38 37 NC 1 (LSB) D0 2 D1 3 D2 4 D3 5 D4 6 D5 7 D6 8 D7 9 D8 10 (MSB) D9 11 DRVDD 12 PIN 1 IDENTIFIER AD9803 TOP VIEW (Not to Scale) DAC2 SL DAC1 SHD VRB SCK VRT ADCCLK CLPDM DRVSS ACLP DVDD PBLK VTRBYP ADVDD STBY DVSS NC = NO CONNECT PIN FUNCTION DESCRIPTIONS Pin # 1, 24 2-11 12 13 14 15 16 17 18 19 20 21 22 23 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Pin Name NC D0-D9 DRVDD DRVSS DVSS ACLP ADCCLK DVDD STBY PBLK CLPOB SHP SHD CLPDM CCDBYP2 DIN PIN CCDBYP1 PGACONT1 PGACONT2 ACVSS CLPBYP ACVDD AUXIN AUXCONT ADCIN CMLEVEL VTRBYP DAC1 DAC2 SL SCK ADVDD SDATA ADVSS SUBST VRB VRT Type DO P P P P DI P DI DI DI DI DI DI AO AI AI AO AI AI P AO P AI AI AI AO AO AO AO DI DI P DI P P AO AO Description (See Figures 37 and 38 for Circuit Configurations) No Connect (Should be Left Floating or Tied to Ground) Digital Data Outputs Digital Driver Supply (3 V) Digital Driver Ground Digital Ground AUX-MODE/ADC-MODE Clamp ADC Sample Clock Input Digital Supply (3 V) Power-Down Mode (Active Hi/Internal Pull-Down). Enables Reference Stand-By Mode. Pixel Blanking Black Level Restore Clamp CCD Reference Sample Clock Input CCD Data Sample Clock Input Input Clamp CDS Ground Bypass (0.1 F to Ground) CDS Negative Input (Tie to Pin 27 and AC-Couple to CCD Input Signal) CDS Positive Input (See Above) CDS Ground Bypass (0.1 F to Ground) PGA Coarse Gain Analog Control PGA Fine Gain Analog Control Analog Ground Bias Bypass (0.1 F to Ground) Analog Supply (3 V) AUX-MODE Input AUX-MODE PGA Gain Analog Control ADC-MODE Input Common-Mode Level (0.1 F to Ground) Bias Bypass (0.1 F to Ground) DAC1 Output DAC2 Output Serial I/F Load Signal Serial I/F Clock Analog Supply (3 V) Serial I/F Input Data Analog Ground Analog Ground Bottom Reference (0.1 F to Ground and 1 F to VRT) Top Reference (0.1 F to Ground) NOTE Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power. REV. 0 -7- CLPOB SHP NC AD9803 EQUIVALENT INPUT CIRCUITS DVDD DRVDD ACVDD 50 10pF SUBST DVSS DRVSS ACVSS Figure 5. Pins 2-11 (D0-D9) Figure 8. Pin 26 (DIN) and Pin 27 (PIN) ACVDD DVDD 10k PGACONT1 1k 200 OPEN - ANALOG CONTROL CLOSED - DIGITAL CONTROL 8k CMLEVEL PGACONT2 8k DVSS DVSS SUBST Figure 6. Pin 16, 21, 22 (ADCCLK, SHP, SHD) Figure 9. Pin 29 (PGACONT1) and Pin 30 (PGACONT2) ACVDD ACVDD 10k 50 200 30k SUBST ACVSS SUBST ACVSS Figure 7. Pins 25, 28 (CCDBYP) Figure 10. Pin 32 (CLPBYP) -8- REV. 0 AD9803 ACVDD ADVDD 50 50 SUBST 39k INTERNAL DAC OUT 1.4pF 70 DAC1, DAC2 OUTPUT 39k ACVSS ADVSS Figure 11. Pin 34 (AUXIN) and Pin 36 (ADCIN) Figure 14. Pin 39 (DAC1) and 40 (DAC2) DVDD DRVDD DATA OUT ACVDD RNW 5.5k OPEN - ANALOG CONTROL CLOSED - DIGITAL CONTROL SUBST CMLEVEL SDATA DATA IN DVSS DRVSS Figure 12. Pin 35 (AUXCONT) Figure 15. Pin 44 (SDATA) 3k 1.1k ADVDD ADVDD 9.3k ADVSS SUBST 200 ADVSS Figure 13. Pin 37 (CMLEVEL) Figure 16. Pin 47 (VRB) and Pin 48 (VRT) REV. 0 -9- AD9803-Typical Performance Characteristics 240 800000 = 0.8 LSB 700000 220 POWER DISSIPATION - mV VDD = 3.3V 200 VDD = 3.0V 180 VDD = 2.8V 160 NUMBER OF HITS 600000 500000 400000 300000 200000 140 100000 120 0 29 30 31 32 33 34 35 36 37 DIGITAL OUTPUT CODE - Decimal 38 39 4 6 8 10 12 14 SAMPLE RATE - MHz 16 18 Figure 17. CCD-MODE Power vs. Clock Rate Figure 20. CCD-MODE Grounded-Input Noise (PGA Gain = MIN) 0.6 60 50 FUND THD = -38.7dB 0.4 40 30 0.2 20 10 2ND TITLE dB 0.0 0 -10 3RD -0.2 -20 -30 5TH 4TH -0.4 -40 -50 -0.6 0 150 300 450 600 TITLE 750 900 1023 -60 DC 1 2 3 4 5 6 FREQUENCY - MHz 7 8 9 Figure 18. CCD-MODE DNL at 18 MHz Figure 21. AUX-MODE THD at 18 MHz (fIN = 3.54 MHz at -3 dB) 4 60 50 FUND THD = -54.1dB 2 40 30 0 20 10 -2 dB 0 -10 2ND 3RD -4 -20 -30 5TH 4TH -6 -40 -50 -8 0 150 300 450 600 750 900 1023 -60 DC 1 2 Figure 19. CCD-MODE INL at 18 MHz 3 4 5 6 FREQUENCY - MHz 7 8 9 Figure 22. ADC-MODE at 18 MHz (fIN = 3.54 MHz at -3 dB) -10- REV. 0 AD9803 THEORY OF OPERATION Introduction Programmable Gain Amplifier (PGA) The AD9803 is a 10-bit analog-to-digital interface for CCD cameras. The block level diagram of the system is shown in Figure 23. The device includes a correlated double sampler (CDS), 0 dB-30 dB programmable gain amplifier (PGA), black level correction loop, input clamp and voltage reference. The only external analog circuitry required at the system level is an emitter follower buffer between the CCD output and AD9803 inputs. CLPDM INPUT CLAMP DIFFERENTIAL SIGNAL PATH The on-chip PGA provides a gain range of 0 dB-30 dB, which is "linear in dB." Typical gain characteristics are shown in Figures 25 and 26. 40 35 30 25 GAIN - dB 20 15 10 PIN CDS DIN PGA SHA ADC 5 0 -5 0 0.5 1.0 1.5 2.0 2.5 3.0 INTEG BLACK LEVEL CLAMP CLPOB PGACONT1 - Volts Figure 25. PGA Gain Curve--Analog Control 40 35 30 25 GAIN - dB Figure 23. CCD Mode Signal Path Correlated Double Sampling (CDS) CDS is important in high performance CCD systems as a method for removing several types of noise. Basically, two samples of the CCD output are taken: one with the signal present ("data") and one without ("reference"). Subtracting these two samples removes any noise which is common--or correlated--to both. Figure 24 shows the block diagram of the AD9803's CDS. The S/H blocks are directly driven by the input and the sampling function is performed passively, without the use of amplifiers. This implementation relies on the off-chip emitter follower buffer to drive the two 10 pF sampling capacitors. Only one capacitor at a time is seen at the input pin. S/H FROM CCD S OUT 20 15 10 5 0 -5 0 171 341 511 682 PGA GAIN REGISTER 852 1023 Figure 26. PGA Gain Curve--Digital Control Q1 S/H Q2 10pF Figure 24. CDS Block Diagram As shown in Figure 27, analog PGA control is provided through the PGACONT1 and PGACONT2 inputs. PGACONT1 provides coarse and PGACONT2 fine (1/16) gain control. The PGA gain can also be controlled using the internal 10-bit DAC through the serial digital interface. The gain characteristic shown in Figure 26, with the internal DAC providing the same control range as PGACONT1. See the Serial Interface Specifications for more details. PGACONT1 PGACONT2 The AD9803 actually uses two CDS circuits in a "ping pong" fashion to allow the system more acquisition time. In this way, the output from one of the two CDS blocks will be valid for an entire clock cycle. Thus, the bandwidth requirement of the subsequent gain stage is reduced as compared to that for a singlechannel CDS system. This lower bandwidth translates to lower power and noise. A PGACONT1 = COARSE CONTROL PGACONT2 = FINE (1/16) CONTROL Figure 27. Analog PGA Control REV. 0 -11- AD9803 Black Level Clamping CLPDM INPUT CLAMP CCD CDS PGA TO ADC For correct signal processing, the CCD signal must be referenced to a well established "black level." The AD9803 uses the CCD's optical black (OB) pixels as a calibration signal, which is used to establish the black level. Two sources of offset are addressed during the calibration--the CCD's own "black level" offset, and the AD9803's internal offsets in the CDS and PGA circuitry. The feedback loop shown in Figure 28 is closed around the PGA during the calibration interval (CLPOB = LOW) to set the black level. As the black pixels are being processed, an integrator block measures the difference between the input level and the desired reference level. This difference, or error, signal is amplified and passed to the CDS block where it is added to the incoming pixel data. As a result of this process, the black pixels are digitized at one end of the ADC range, taking maximum advantage of the available linear range of the system. Using the AD9803's serial digital interface, the black level reference may programmed to 16 LSB, 32 LSB, 48 LSB, or 64 LSB. IN CDS PGA ADC CLPOB INTEGRATOR NEG REF BLACK LEVEL CLP Figure 30. Input Clamp Input Blanking In some applications, the AD9803's input may be exposed to large signals from the CCD, either during blanking intervals or "high speed" modes. If the signals are larger than the AD9803's 1 V p-p input signal range, then the on-chip input circuitry may saturate. Recovery time from a saturated state could be substantial. To avoid problems associated with processing these large transients, the AD9803 includes an input blanking function. When active (PBLK = LOW) this function stops the CDS operation and allows the user to disconnect the CDS inputs from the CCD buffer. Additionally, the AD9803's digital outputs will all go to zero while PBLK is low. If the input voltage exceeds the supply rail by more than 0.3 volts, then protection diodes will be turned on, increasing current flow into the AD9803 (see Equivalent Input Circuits). Such voltage levels should be externally clamped to prevent possible device damage. 10-Bit Analog-to-Digital Converter (ADC) Figure 28. Black Level Correction Loop (Simplified) The actual implementation of this loop is slightly more complicated as shown in Figure 29. Because there are two separate CDS blocks, two black level feedback loops are required and two offset voltages are developed. Figure 29 also shows an additional PGA block in the feedback loop labeled "RPGA." The RPGA uses the same control inputs as the PGA, but has the inverse gain. The RPGA functions to attenuate by the same factor as the PGA amplifies, keeping the gain and bandwidth of the loop constant. There exists an unavoidable mismatch in the two offset voltages used to correct both CDS blocks. This mismatch causes a slight difference in the offset level for odd and even pixels, often called "pixel-to-pixel offset" or "even-odd offset." To compensate for this mismatch, the AD9803 uses a digital correction circuit after the ADC which removes the even-odd offset between the channels. CDS1 IN CDS2 CLPOB RPGA2 RPGA1 INT2 INT1 PGA ADC The ADC employs a multibit pipelined architecture which is well-suited for high throughput rates while being both area and power efficient. The multistep pipeline presents a low input capacitance resulting in lower on-chip drive requirements. A fully differential implementation was used to overcome headroom constraints of the single +3 V power supply. Differential Reference The AD9803 includes a 0.5 V reference based on a differential, continuous-time bandgap cell. Use of an external bypass capacitor reduces the reference drive requirements, thus lowering the power dissipation. The differential architecture was chosen for its ability to reject supply and substrate noise. Required decoupling is shown in Figure 31. VRT REF VRB 1F 0.1 F 0.1 F Figure 31. Reference Decoupling NEG REF Internal Timing CONTROL Figure 29. Black Level Correction Loop (Detailed) Input Bias Level Clamping The buffered CCD output is connected to the AD9803 through an external coupling capacitor. The dc bias point for this coupling capacitor is established during the clamping (CLPDM = LOW) period using the "dummy clamp" loop shown in Figure 30. When closed around the CDS, this loop establishes the desired dc bias point on the coupling capacitor. -12- The AD9803's on-chip timing circuitry generates all clocks necessary for operation of the CDS and ADC blocks. The user needs only to synchronize the SHP and SHD clocks with the CCD waveform, as all other timing is handled internally. The ADCCLK signal is used to strobe the output data, and can be adjusted to accommodate desired timing. Figure 1 shows the recommended placement of ADCCLK relative to SHP and SHD. REV. 0 AD9803 Even-Odd Pixel Offset Correction The AD9803 includes digital correction circuitry following the 10-bit ADC. The purpose of the digital correction is remove the residual offset between the even and odd pixel channels, which results from the "ping-pong" CDS architecture of the AD9803. The digital offset correction tracks the black level of the even and odd channels, applying the necessary digital correction value to keep them balanced. There is an additional two cycle delay when using the offset correction, resulting in pipeline delay of 7 ADCCLK cycles (see Figure 1). ADCCLK A/D CONVERTER EVEN 2:1 MUX 10 DOUT The recommended method of controlling the input clamp is to simply ground the ACLP input (Pin 15) to activate the "automatic" clamping capability of the AD9803. The clamp may also be controlled with a separate clock signal. See the clamp timing in Figure 4 for more details. The THD performance for fS = 18 MHz is shown in Figure 21. When operating at fS = 18 MHz, the linearity performance is comparable to the CCD-Mode linearity, shown in Figure 18. The AUX-MODE can be operated at a sampling rate of up to 28.6 MHz. If the sample rate exceeds 18 MHz, then the High Speed AUX-MODE should be programmed through the serial interface (D-Register 01). AD9803 VIDEO SIGNAL AUXIN 34 0.1 F 2A - CLP + 35 15 PGA SHA ADC 0~10 dB + ODD CLPOB DIGITAL OFFSET CORRECTION LPF Figure 32. Digital Offset Correction Auxiliary DACs AUX CONT CLAMP LEVEL (E-REG) ACLP 0.1 F 16 ADCCLK The AD9803 includes two 8-bit DACs for controlling any offchip system functions. These are voltage output DACs with near rail-to-rail output capability. Output voltage levels are programmed through the serial interface. DAC specifications are shown on page 4, and the DAC equivalent output circuit is shown in Figure 14. AUX-MODE Operation GND Figure 33. AUX-MODE Circuit Configuration ADC-MODE Operation In addition to the CCD signal-processing path, the AD9803 includes an analog video-processing path. The AUXIN (Pin 34) input consists of an input clamp, PGA, and ADC. Figure 33 shows the Input Configuration of this mode. The recommended value of the external ac-coupling capacitor is 0.1 F. The voltage droop with this capacitor value is 20 V/s. The ADC-MODE of operation is the same as the AUX-MODE, except there is no PGA in the signal path, only the input clamp and ADC. Input specifications and timing for ADC-MODE are the same as those for AUX-MODE. The THD performance is shown in Figure 22. REV. 0 -13- AD9803 SERIAL INTERFACE SPECIFICATIONS SDATA A0 SELECT e0 MODES 1 0 0 f0 PGA 0 1 0 PGA GAIN LEVEL SELECTION g0 DAC1 1 1 0 DAC1 INPUT h0 DAC2 0 0 1 DAC2 INPUT m0 MODES21 1 1 1 0 k0 j0 h1 h2 h3 h4 h5 h6 h7 g1 g2 g3 g4 g5 g6 g7 CLAMP LEVEL f1 e1 d0 d1 c0 CLOCK MODES f4 f5 f6 c1 b0 OUTPUT MODES f7 b1 a0 a1 A1 A2 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 POWER DOWN MODES f2 f3 OPERATION MODES f8 f9 OPERATION AND POWER DOWN MODES SELECT SHIFT REGISTER NOTE 1MODES2 REGISTER BIT D1 MUST BE SET TO ZERO. e0-e1 E-REG f0-f9 F-REG a0-a1 A-REG b0-b1 B-REG c0-c1 C-REG d0-d1 D-REG (a) OPERATION MODES g0-g7 G-REG (b) OUTPUT MODES h0-h7 H-REG (c) CLOCK MODES j0 J-REG (d) POWER DOWN MODES k0 K-REG (e) CLAMP LEVEL (f) PGA GAIN m0 M-REG (g) DAC1 INPUT (h) DAC2 INPUT (j) EVEN-ODD OFFSET CORRECTION (k) EXTERNAL PGA GAIN CONTROL (m) DAC1 AND DAC2 POWER DOWN Figure 34. Internal Register Map SDATA RNW A0 A1 A2 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 RISING EDGE TRIGGERED SCK tDH tDS tLS SL tLH REGISTER LOADED ON RISING EDGE Figure 35. Serial WRITE Operation DUMMY BITS IGNORED SDATA RNW A0 A1 A2 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 XX XX SCK SL Figure 36. 16-Bit Serial WRITE Operation -14- REV. 0 AD9803 REGISTER DESCRIPTION (a) A-REGISTER: Modes of Operation (Power-On Default Value = 11) (f) F-REGISTER: PGA Gain Selection (Default = 00 . . . 0) a1 0 0 1 1 a0 0 1 0 1 Modes ADC-MODE AUX-MODE CCD-MODE CCD-MODE f 9 f8 f 7 f 6 f5 f 4 f 3 f 2 Gain (0) 00000000 Gain (255) 1 1 1 1 1 1 1 1 AUX-Gain Minimum Maximum (g) G-REGISTER: DAC1 Input (Default = 00 . . . 0) (b) B-REGISTER: Output Modes (Default = 00) g7 g6 g5 g4 g3 g2 g1 g0 Code (0) 00000000 Code (255) 1 1 1 1 1 1 1 1 DAC1 Output Minimum Maximum b1 0 0 1 1 b0 0 1 0 1 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Normal 0101 1010 High Impedance 0 1 1 0 0 1 1 0 0 1 1 0 (h) H-REGISTER: DAC2 Input (Default = 00 . . . 0) h7 h6 h5 h4 h3 h2 h1 h0 Code (0) 00000000 Code (255) 1 1 1 1 1 1 1 1 DAC2 Output Minimum Maximum (c) C-REGISTER: Clock Modes (Default = 00) c1 c0 0 0 1 1 0 1 0 1 SHP-SHD Clock Pulses Active Low Active Low Active High Active High Clamp Active Pulses Active Low Active High Active Low Active High (j) J-REGISTER: Even-Odd Offset Correction (Default = 0) j0 0 1 Even-Odd Offset Correction Offset Correction In Use Offset Correction Not Used (d) D-REGISTER: Power-Down Modes (Default = 00) Modes Normal High Speed Power-Down 1 Power-Down 2 d1 0 0 1 1 d0 Description 0 1 0 1 Normal Operation High Speed AUX-MODE Reference Stand-By (Same Mode as STBY Pin 18) Total Shut-Down (k) K-REGISTER: External PGA Gain Control (Default = 0) k0 0 1 PGA Gain Control External Voltage Control Through AUXCONT or PGACONT1 and PGACONT2 Internal 10-Bit DAC Control of PGA Gain (m) M-REGISTER: DAC1 & DAC2 pdn (Default = 0) (e) E-REGISTER: Clamp Level Selection (Default = 00) m0 0 1 Power-Down of 8-Bit DACs 8-Bit DACs Powered-Down 8-Bit DACs Operational e1 CLP (0) CLP (1) CLP (2) CLP (3) 0 0 1 1 e0 0 1 0 1 Clamp Level 32 LSBs 48 LSBs 64 LSBs 16 LSBs (f) F-REGISTER: PGA Gain Selection (Default = 00 . . . 0) f 9 f 8 f 7 f6 f 5 f 4 f 3 f 2 f 1 f 0 Gain (0) 0000000000 Gain (1023) 1 1 1 1 1 1 1 1 1 1 CCD-Gain Minimum Maximum REV. 0 -15- AD9803 NOTE: With the exception of a write to the PGA register during AUX-mode, all data writes must be 10 bits. During an AUX-mode write to the PGA register, only 8 bits of data are required. If more than 14 SCK rising edges are applied during a write operation, additional SCK pulses will be ignored (see Figure 35). All reads must be 10 bits to receive valid register contents. All registers default to 0s on power-up, except for the A-register which defaults to 11. Thus, on power-up, the AD9803 defaults to CCD mode. During the power-up phase, it is recommended that SL be HIGH and SCK be LOW to prevent accidental register write operations. SDATA may be unknown. The RNW bit ("Read/Not Write") must be LOW for all write operations to the serial interface, and HIGH when reading back from the serial interface registers. APPLICATIONS INFORMATION Power and Grounding Recommendations Application Circuit Utilizing the AD9803's Digital Gain Control Figure 37 shows the recommended circuit configuration for CCD-Mode operation when using the 3-wire serial interface. The analog PGA control pins, PGACONT1 and PGACONT2, should be shorted together and decoupled to ground. If the two auxiliary DACs are not used, then Pins 39 and 40 (DAC1 and DAC2) may be grounded. Using the AD9803 in AD9801 Sockets The AD9803 may be easily used in existing AD9801 designs without any circuit modifications. Most of the pin assignments are the same for both ICs. Table I outlines the differences. The circuit of Figure 38 shows the necessary connections for the AD9803 when used in an existing AD9801 socket. The poweron reset in the AD9803 assures that the device will power-up in CCD-mode, with analog PGA gain control. Table I. AD9801/AD9803 Pin Differences The AD9803 should be treated as an analog component when used in a system. The same power supply and ground plane should be used for all of the pins. In a two-ground system, this requires that the digital supply pins be decoupled to the analog ground plane and the digital ground pins be connected to analog ground for best noise performance. Separate digital supplies can be used, particularly if slightly different driver supplies are needed, but the digital power pins should still be decoupled to the same point as the digital ground pins (the analog ground plane). If the AD9803 digital outputs need to drive a bus or substantial load, then a buffer should be used at the AD9803's outputs, with the buffer referenced to system digital ground. In some cases, when system digital noise is not substantial, it is acceptable to split the ground pins on the AD9803 to separate analog and digital ground planes. If this is done, be sure to connect the two ground planes together at the AD9803. To further improve performance, isolating the driver supply DRVDD from DVDD with a ferrite bead can help reduce kickback effects during major code transitions. Alternatively, the use of damping resistors on the digital outputs will reduce the output rise times, also reducing the kickback effect. Pin No. 1 14 15 24 32 34 35 36 38 39 40 41 42 44 AD9801 ADVSS DSUBST DVSS DVSS CLAMP_BIAS ACVDD ACVDD INT_BIAS1 INT_BIAS2 MODE2 MODE1 ADVSS ADVDD ADVSS AD9803 NC DVSS ACLP NC CLPBYP AUXIN AUXCONT ADCIN VTRBYP DAC1 DAC2 SL SCK SDATA AD9801 Connection Ground Ground Ground Ground Decoupled with 0.1 F to Ground +3 Volt Supply +3 Volt Supply Decoupled with 0.1 F to Ground Decoupled with 0.1 F to Ground Ground Ground Ground +3 Volt Supply Ground -16- REV. 0 AD9803 VDD 0.1 F 0.1 F 0.1 F 1.0 F 0.1 F 0.1 F SDATA SCK SL VOUT2 VOUT1 48 47 46 45 44 43 42 41 40 39 38 37 VTRBYP SDATA SUBST VRT ADVSS ADVDD DAC2 DAC1 VRB SCK SL CMLEVEL VDD ADCIN 36 1 2 3 4 5 6 7 8 9 10 NC D0 (LSB) D1 D2 D3 D4 D5 D6 D7 D8 D9 (MSB) AUXCONT 35 AUXIN 34 ACVDD 33 CLPBYP 32 ACVSS 31 0.1 F 0.1 F AD9803 PGACONT2 30 PGACONT1 29 CCDBYP1 28 PIN 27 DIN 26 CCDBYP2 25 0.1 F 0.1 F CCD SIGNAL INPUT 0.1 F ADCCLK DRVSS PBLK CLPDM CLPOB DIGITAL OUTPUT DATA 11 12 DRVDD DVSS ACLP DVDD STBY SHP SHD NC 0.1 F VDD 0.1 F VDD 13 14 15 16 17 18 19 20 21 22 23 24 0.1 F NC = NO CONNECT CLPDM SHD SHP CLPOB PBLK ADCCLK Figure 37. CCD-Mode Circuit Configuration--Digital PGA Control REV. 0 -17- AD9803 VDD 0.1 F 0.1 F 0.1 F 1.0 F 0.1 F 0.1 F 0.1 F 48 47 46 45 44 43 42 41 40 39 38 37 ADVSS ADVDD DAC2 SCK VTRBYP SDATA SUBST CMLEVEL VRT DAC1 VRB SL 0.1 F ADCIN 36 0.1 F VDD 0.1 F PGACONT2 PGACONT1 0.1 F CCD SIGNAL INPUT 0.1 F 1 2 3 4 5 6 7 8 9 10 NC D0 (LSB) D1 D2 D3 D4 D5 D6 D7 D8 D9 (MSB) ADCCLK AUXCONT 35 AUXIN 34 ACVDD 33 CLPBYP 32 ACVSS 31 0.1 F AD9803 PGACONT2 30 PGACONT1 29 CCDBYP1 28 PIN 27 DIN 26 CCDBYP2 25 DRVSS STBY PBLK SHD CLPDM CLPOB DIGITAL OUTPUT DATA 11 12 DRVDD DVSS ACLP DVDD SHP NC 0.1 F VDD 0.1 F 13 14 15 16 17 18 19 20 21 22 23 24 VDD 0.1 F NC = NO CONNECT CLPDM SHD SHP CLPOB PBLK STBY ADCCLK Figure 38. Recommended Circuit for AD9801 Sockets -18- REV. 0 AD9803 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 48-Lead Plastic Thin Quad Flatpack (LQFP) (ST-48) 0.063 (1.60) MAX 0.030 (0.75) 0.018 (0.45) SEATING PLANE TOP VIEW (PINS DOWN) 0.354 (9.00) BSC 0.276 (7.0) BSC 48 1 37 36 0.030 (0.75) 0.057 (1.45) 0.018 (0.45) 0.053 (1.35) 0.076 MAX NO MIN 0 - 7 0 MIN 0.007 (0.18) 0.004 (0.09) 12 13 25 24 0.019 (0.5) BSC 0.009 (0.225) 0.006 (0.17) REV. 0 -19- 0.354 (9.00) BSC 0.276 (7.0) BSC |
Price & Availability of AD9803 |