Part Number Hot Search : 
S1051 IL260E SB540H 2SK3799 ISL6120 ON0802 LT0H34P ST62T80B
Product Description
Full Text Search
 

To Download AD7677 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Throughput: 1 MSPS INL: 1 LSB Max ( 0.0015% of Full-Scale) 16 Bits Resolution with No Missing Codes S/(N+D): 94 dB Typ @ 45 kHz THD: -110 dB Typ @ 45 kHz Differential Input Range: 2.5 V Both AC and DC Specifications No Pipeline Delay Parallel (8/16 Bits) and Serial 5 V/3 V Interface Single 5 V Supply Operation 115 mW Typical Power Dissipation, 15 W @ 100 SPS Power-Down Mode: 7 W Max Package: 48-Lead Quad Flat Pack (LQFP) Pin-to-Pin Compatible Upgrade of the AD7664/AD7675/ AD7676 APPLICATIONS CT Scanners Data Acquisition Instrumentation Spectrum Analysis Medical Instruments Battery-Powered Systems Process Control
16-Bit, 1 LSB INL, 1 MSPS Differential ADC AD7677*
FUNCTIONAL BLOCK DIAGRAM
AVDD AGND REF REFGND DVDD DGND OVDD
AD7677
IN+ IN- SERIAL PORT SWITCHED CAP DAC 16
OGND
SER/PAR BUSY DATA[15:0] CLOCK
PD RESET
PARALLEL INTERFACE
CS RD OB/2C BYTESWAP
CONTROL LOGIC AND CALIBRATION CIRCUITRY
WARP
IMPULSE
CNVST
GENERAL DESCRIPTION
PRODUCT HIGHLIGHTS
The AD7677 is a 16-bit, 1 MSPS, charge redistribution SAR, fully differential, analog-to-digital converter that operates from a single 5 V power supply. The part contains a high-speed 16-bit sampling ADC, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports. The AD7677 is hardware factory calibrated and comprehensively tested to ensure such ac parameters as signal-to-noise ratio (SNR) and total harmonic distortion (THD), in addition to the more traditional dc parameters of gain, offset, and linearity. It features a very high sampling rate mode (Warp) and, for asynchronous conversion rate applications, a fast mode (Normal) and, for low power applications, a reduced power mode (Impulse) where the power is scaled with the throughput. It is available in a 48-lead LQFP with operation specified from -40C to +85C.
1. Excellent INL The AD7677 has a maximum integral nonlinearity of 1 LSB with a no missing 16-bit code. 2. Superior AC Performances The AD7677 has a minimum dynamic of 92 dB, 94 dB typical. 3. Fast Throughput The AD7677 is a 1 MSPS, charge redistribution, 16-bit SAR ADC with internal error correction circuitry. 4. Single-Supply Operation The AD7677 operates from a single 5 V supply and typically dissipates only 115 mW. Its power dissipation decreases with the throughput. It consumes 7 W maximum when in power-down. 5. Serial or Parallel Interface Versatile parallel (8 or 16 bits) or 2-wire serial interface arrangement compatible with both 3 V or 5 V logic.
*Patent pending
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2001
AD7677-SPECIFICATIONS (-40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise stated.)
Parameter Conditions Min Typ Max Unit
RESOLUTION ANALOG INPUT Voltage Range Operating Input Voltage Analog Input CMRR Input Current Input Impedance THROUGHPUT SPEED Complete Cycle Throughput Rate Time Between Conversions Complete Cycle Throughput Rate Complete Cycle Throughput Rate DC ACCURACY Integral Linearity Error Differential Linearity Error No Missing Codes Transition Noise +Full-Scale Error3 -Full Scale Error3 Zero Error3 +Full-Scale Error3 -Full Scale Error3 Zero Error3 Power Supply Sensitivity AC ACCURACY Signal-to-Noise Spurious Free Dynamic Range Total Harmonic Distortion Signal-to-(Noise+Distortion) -3 dB Input Bandwidth SAMPLING DYNAMICS Aperture Delay Aperture Jitter Transient Response REFERENCE External Reference Voltage Range External Reference Current Drain DIGITAL INPUTS Logic Levels VIL VIH IIL IIH DIGITAL OUTPUTS Data Format Pipeline Delay VOL VOH ISINK = 1.6 mA ISOURCE = -100 A VIN+ - VIN- VIN+, VIN- to AGND fIN = 10 kHz 1 MSPS Throughput
16 -VREF -0.1 85 11 See Analog Input Section 1 1 1 1.25 800 1.5 666 +1 +1 0.35 In Warp Mode In Warp Mode In Warp Mode In Impulse or Normal Mode In Impulse or Normal Mode In Impulse or Normal Mode AVDD = 5 V 5% fIN = 20 kHz fIN = 45 kHz fIN = 20 kHz fIN = 45 kHz fIN = 20 kHz fIN = 45 kHz fIN = 20 kHz fIN = 45 kHz fIN = 45 kHz, -60 dB Input -25 -20 -15 -40 -20 -23 +25 +20 +15 +40 +20 +23 +VREF +3
Bits V V dB A s MSPS ms s kSPS s kSPS LSB1, 2 LSB2 Bits LSB LSB LSB LSB LSB LSB LSB LSB dB2, 4 dB dB2 dB dB2 dB dB2 dB MHz ns ps rms ns V A
In Warp Mode In Warp Mode In Warp Mode In Normal Mode In Normal Mode In Impulse Mode In Impulse Mode
0.001 0 0 -1 -1 16
1.4 94 94 110 110 -110 -110 94 94 34 15.8 2 5
92 104.5
-103.5
92
Full-Scale Step 2.3 1 MSPS Throughput 2.5 37
250 AVDD - 1.85
-0.3 2.0 -1 -1
+0.8 DVDD + 0.3 +1 +1
V V A A
Parallel or Serial 16-Bit Conversion Results Available Immediately after Completed Conversion 0.4 OVDD - 0.6
V V
-2-
REV. 0
AD7677
Parameter Conditions Min Typ Max Unit
POWER SUPPLIES Specified Performance AVDD DVDD OVDD Operating Current2 AVDD DVDD5 OVDD5 Power Dissipation5 In Power-Down Mode7 TEMPERATURE RANGE8 Specified Performance
4.75 4.75 2.7 1 MSPS Throughput
5 5
5.25 5.25 5.25
V V V mA mA A mW W mW W C
666 kSPS Throughput6 100 SPS Throughput6 1 MSPS Throughput2
16.7 6.4 69 87 15 115
98 130 7 +85
TMIN to TMAX
-40
NOTES 1 LSB means Least Significant Bit. With the 2.5 V input range, one LSB is 76.3 V. 2 In Warp Mode. 3 Tested with V REF = 2.5 V. See Definition of Specifications section. These specifications do not include the error contribution from the external reference. 4 All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full scale unless otherwise specified. 5 Tested in parallel reading mode. 6 In Impulse Mode. 7 With all digital inputs forced to OVDD or OGND respectively. 8 Contact factory for extended temperature range. Specifications subject to change without notice.
REV. 0
-3-
AD7677 TIMING SPECIFICATIONS (-40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise stated.)
Symbol Refer to Figures 11 and 12 Convert Pulsewidth Time Between Conversions (Warp Mode/Normal Mode/Impulse Mode) CNVST LOW to BUSY HIGH Delay BUSY HIGH All Modes Except in Master Serial Read after Convert Mode (Warp Mode/Normal Mode/Impulse Mode) Aperture Delay End of Conversion to BUSY LOW Delay Conversion Time (Warp Mode/Normal Mode/Impulse Mode) Acquisition Time RESET Pulsewidth Refer to Figures 13, 14, and 15 (Parallel Interface Modes) CNVST LOW to DATA Valid Delay (Warp Mode/Normal Mode/Impulse Mode) DATA Valid to BUSY LOW Delay Bus Access Request to DATA Valid Bus Relinquish Time Refer to Figures 17 and 18 (Master Serial Interface Modes) CS LOW to SYNC Valid Delay CS LOW to Internal SCLK Valid Delay CS LOW to SDOUT Delay CNVST LOW to SYNC Delay (Read During Convert) (Warp Mode/Normal Mode/Impulse Mode) SYNC Asserted to SCLK First Edge Delay3 Internal SCLK Period3 Internal SCLK HIGH3 Internal SCLK LOW3 SDOUT Valid Setup Time3 SDOUT Valid Hold Time3 SCLK Last Edge to SYNC Delay3 CS HIGH to SYNC HI-Z CS HIGH to Internal SCLK HI-Z CS HIGH to SDOUT HI-Z BUSY HIGH in Master Serial Read After Convert3 CNVST LOW to SYNC Asserted Delay (Warp Mode/Normal Mode/Impulse Mode) SYNC Deasserted to BUSY LOW Delay Refer to Figures 19 and 20 (Slave Serial Interface Modes) External SCLK Setup Time External SCLK Active Edge to SDOUT Delay SDIN Setup Time SDIN Hold Time External SCLK Period External SCLK HIGH External SCLK LOW
2
Min 5 1/1.25/1.5
Typ
Max
Unit ns s ns s ns ns s ns ns
t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13 t14 t15 t16 t17 t18 t19 t20 t21 t22 t23 t24 t25 t26 t27 t28 t29 t30 t31 t32 t33 t34 t35 t36 t37
Note 1 30 0.75/1/1.25
2 10 0.75/1/1.25 250 10 0.75/1/1.25 45 5 40 15 10 10 10 25/275/525 3 25 12 7 4 2 3
s ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns s ns ns ns ns ns ns ns ns
40
10 10 10 See Table I 0.75/1/1.25 25 5 3 5 5 25 10 10
18
NOTES 1 In warp mode only, the maximum time between conversions is 1 ms, otherwise, there is no required maximum time. 2 In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load C L of 10 pF; otherwise, the load is 60 pF maximum. 3 In serial master read during convert mode. See Table I for serial master read after convert mode. Specifications subject to change without notice.
-4-
REV. 0
AD7677
Table I. Serial Clock Timings in Master Read after Convert
DIVSCLK[1] DIVSCLK[0] SYNC to SCLK First Edge Delay Minimum Internal SCLK Period Minimum Internal SCLK Period Maximum Internal SCLK HIGH Minimum Internal SCLK LOW Minimum SDOUT Valid Setup Time Minimum SDOUT Valid Hold Time Minimum SCLK Last Edge to SYNC Delay Minimum Busy High Width Maximum (Warp) Busy High Width Maximum (Normal) Busy High Width Maximum (Impulse)
ABSOLUTE MAXIMUM RATINGS 1
0 0 t18 t19 t19 t20 t21 t22 t23 t24 t24 t24 t24 3 25 40 12 7 4 2 3 1.5 1.75 2
0 1 17 50 70 22 21 18 4 60 2 2.25 2.5
1 0 17 100 140 50 49 18 30 140 3 3.25 3.5
1 1 17 200 280 100 99 18 89 300 5.25 5.55 5.75
Unit ns ns ns ns ns ns ns ns s s s
Analog Inputs IN+2, IN-2, REF, REFGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AVDD + 0.3 V to AGND - 0.3 V Ground Voltage Differences AGND, DGND, OGND . . . . . . . . . . . . . . . . . . . . . 0.3 V Supply Voltages AVDD, DVDD, OVDD . . . . . . . . . . . . . . . . . . . . . . . . . 7 V AVDD to DVDD, AVDD to OVDD . . . . . . . . . . . . . . 7 V DVDD to OVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Digital Inputs . . . . . . . . . . . . . . . . . -0.3 V to DVDD + 0.3 V Internal Power Dissipation3 . . . . . . . . . . . . . . . . . . . . 700 mW Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 See Analog Input section. 3 Specification is for device in free air: 48-Lead LQFP: JA = 91C/W, JC = 30C/W.
1.6mA
IOL
TO OUTPUT PIN
CL 60pF1
1.4V
500 A
IOH
NOTE 1 IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
Figure 1. Load Circuit for Digital Interface Timing, SDOUT, SYNC, SCLK Outputs, CL = 10 pF
2V 0.8V
tDELAY
2V 0.8V
tDELAY
2V 0.8V
Figure 2. Voltage Reference Levels for Timings
ORDERING GUIDE
Model AD7677AST AD7677ASTRL EVAL-AD7677CB1 EVAL-CONTROL BRD22
Temperature Range -40C to +85C -40C to +85C
Package Description Quad Flatpack (LQFP) Quad Flatpack (LQFP) Evaluation Board Controller Board
Package Option ST-48 ST-48
NOTES 1 This board can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/ demonstration purposes. 2 This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7677 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-5-
AD7677
PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3, 40-42, 44-48 4
Mnemonic AGND AVDD NC
Type P P
Description Analog Power Ground Pin Analog Power Pin. Nominally 5 V No Connect
BYTESWAP
DI
5
OB/2C
DI
6
WARP
DI
7 8 9, 10 11, 12
IMPULSE SER/PAR DATA[0:1] DATA[2:3] or DIVSCLK[0:1]
DI DI DO DI/O
13
DATA[4] or EXT/INT
DI/O
14
DATA[5] or INVSYNC DATA[6] or INVSCLK DATA[7] or RDC/SDIN
DI/O
15
DI/O
16
DI/O
17 18
OGND OVDD
P P
Parallel Mode Selection (8/16 bit). When LOW, the LSB is output on D[7:0] and the MSB is output on D[15:8]. When HIGH, the LSB is output on D[15:8] and the MSB is output on D[7:0]. Straight Binary/Binary Two's Complement. When OB/2C is HIGH, the digital output is straight binary; when LOW, the MSB is inverted resulting in a two's complement output from its internal shift register. Mode Selection. When HIGH and IMPULSE LOW, this input selects the fastest mode, the maximum throughput is achievable, and a minimum conversion rate must be applied in order to guarantee full specified accuracy. When LOW, full accuracy is maintained independent of the minimum conversion rate. Mode Selection. When HIGH and WARP LOW, this input selects a reduced power mode. In this mode, the power dissipation is approximately proportional to the sampling rate. Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the serial interface mode is selected and some bits of the DATA bus are used as a serial port. Bit 0 and Bit 1 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, these outputs are in high impedance. When SER/PAR is LOW, these outputs are used as Bit 2 and Bit 3 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, EXT/INT is LOW and RDC/SDIN is LOW, which is the serial master read after convert mode. These inputs, part of the serial port, are used to slow down if desired the internal serial clock which clocks the data output. In the other serial modes, these inputs are not used. When SER/PAR is LOW, this output is used as the Bit 4 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used as a digital select input for choosing the internal or an external data clock. With EXT/INT tied LOW, the internal clock is selected on SCLK output. With EXT/INT set to a logic HIGH, output data is synchronized to an external clock signal connected to the SCLK input. When SER/PAR is LOW, this output is used as the Bit 5 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used to select the active state of the SYNC signal. When LOW, SYNC is active HIGH. When HIGH, SYNC is active LOW. When SER/PAR is LOW, this output is used as the Bit 6 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used to invert the SCLK signal. It is active in both master and slave mode. When SER/PAR is LOW, this output is used as the Bit 7 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this input, part of the serial port, is used as either an external data input or a read mode selection input depending on the state of EXT/INT. When EXT/INT is HIGH, RDC/SDIN could be used as a data input to daisy chain the conversion results from two or more ADCs onto a single SDOUT line. The digital data level on SDIN is output on DATA with a delay of 16 SCLK periods after the initiation of the read sequence. When EXT/ INT is LOW, RDC/SDIN is used to select the read mode. When RDC/SDIN is HIGH, the data is output on SDOUT during conversion. When RDC/SDIN is LOW, the data is output on SDOUT only when the conversion is complete. Input/Output Interface Digital Power Ground Input/Output Interface Digital Power. Nominally at the same supply than the supply of the host interface (5 V or 3 V).
-6-
REV. 0
AD7677
PIN FUNCTION DESCRIPTIONS (continued)
Pin No. 19 20 21
Mnemonic DVDD DGND DATA[8] or SDOUT
Type P P DO
Description Digital Power. Nominally at 5 V. Digital Power Ground When SER/PAR is LOW, this output is used as the Bit 8 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this output, part of the serial port, is used as a serial data output synchronized to SCLK. Conversion results are stored in an on-chip register. The AD7677 provides the conversion result, MSB first, from its internal shift register. The DATA format is determined by the logic level of OB/2C. In serial mode, when EXT/INT is LOW, SDOUT is valid on both edges of SCLK. In serial mode, when EXT/INT is HIGH: If INVSCLK is LOW, SDOUT is updated on SCLK rising edge and valid on the next falling edge. If INVSCLK is HIGH, SDOUT is updated on SCLK falling edge and valid on the next rising edge. When SER/PAR is LOW, this output is used as the Bit 9 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this pin, part of the serial port, is used as a serial data clock input or output, dependent upon the logic state of the EXT/INT pin. The active edge where the data SDOUT is updated depends upon the logic state of the INVSCLK pin. When SER/PAR is LOW, this output is used as the Bit 10 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, this output, part of the serial port, is used as a digital output frame synchronization for use with the internal data clock (EXT/INT = Logic LOW). When a read sequence is initiated and INVSYNC is LOW, SYNC is driven HIGH and remains HIGH while SDOUT output is valid. When a read sequence is initiated and INVSYNC is HIGH, SYNC is driven LOW and remains LOW while SDOUT output is valid. When SER/PAR is LOW, this output is used as the Bit 11 of the Parallel Port Data Output Bus. When SER/PAR is HIGH and EXT/INT is HIGH, this output, part of the serial port, is used as an incomplete read error flag. In slave mode, when a data read is started and not complete when the following conversion is complete, the current data is lost and RDERROR is pulsed high. Bit 12 to Bit 15 of the Parallel Port Data Output Bus. These pins are always outputs regardless of the state of SER/PAR. Busy Output. Transitions HIGH when a conversion is started, and remains HIGH until the conversion is complete and the data is latched into the on-chip shift register. The falling edge of BUSY could be used as a data ready clock signal. Must be tied to digital ground. Read Data. When CS and RD are both LOW, the interface parallel or serial output bus is enabled. Chip Select. When CS and RD are both LOW, the interface parallel or serial output bus is enabled. CS is also used to gate the external serial clock. Reset Input. When set to a logic HIGH, reset the AD7677. Current conversion if any is aborted. Power-Down Input. When set to a logic HIGH, power consumption is reduced and conversions are inhibited after the current one is completed. Start Conversion. A falling edge on CNVST puts the internal sample/hold into the hold state and initiates a conversion. In impulse mode (IMPULSE HIGH and WARP LOW), if CNVST is held low when the acquisition phase (t8) is complete, the internal sample/hold is put into the hold state and a conversion is immediately started. Must be Tied to Analog Ground. Reference Input Voltage Reference Input Analog Ground Differential Negative Analog Input Differential Positive Analog Input
22
DATA[9] or SCLK
DI/O
23
DATA[10] or SYNC
DO
24
DATA[11] or RDERROR
DO
25-28 29
DATA[12:15] BUSY
DO DO
30 31 32 33 34 35
DGND RD CS RESET PD CNVST
P DI DI DI DI DI
36 37 38 39 43
AGND REF REFGND IN- IN+
P AI AI AI AI
NOTES AI = Analog Input DI = Digital Input DI/O = Bidirectional Digital DO = Digital Output P = Power
REV. 0
-7-
AD7677
PIN CONFIGURATION 48-Lead LQFP (ST-48)
REFGND
48 47 46 45 44 43 42 41 40 39 38 37
AGND 1 AVDD 2 NC 3 BYTESWAP 4 OB/2C 5 WARP 6 IMPULSE 7 SER/PAR 8 D0 9 D1 10 D2/DIVSCLK[0] 11 D3/DIVSCLK[1] 12 NC = NO CONNECT
13 14 15 16 17 18 19 20 21 22 23 24 PIN 1 IDENTIFIER
REF
36 35 34 33 32
IN+
IN-
NC
NC
NC
NC
NC
NC
NC
NC
AGND CNVST PD RESET CS RD DGND BUSY D15 D14 D13 D12
AD7677
TOP VIEW (Not to Scale)
31 30 29 28 27 26 25
OGND
D4/EXT/INT D5/INVSYNC
DGND
DVDD
D8/SDOUT
DEFINITION OF SPECIFICATIONS
INTEGRAL NONLINEARITY ERROR (INL)
EFFECTIVE NUMBER OF BITS (ENOB)
Linearity error refers to the deviation of each individual code from a best-fit line drawn from "negative full scale" through "positive full scale." The point used as "negative full scale" occurs 1/2 LSB before the first code transition. "Positive full scale" is defined as a level 1 1/2 LSB beyond the last code transition.
DIFFERENTIAL NONLINEARITY ERROR (DNL)
ENOB is a measurement of the resolution with a sine wave input. It is related to S/(N+D) by the following formula:
ENOB = S / N + D
D11/RDERROR
D7/RDC/SDIN
D6/INVSCLK
D9/SCLK
OVDD
D10/SYNC
([
]
dB - 1.76
) / 6.02
and is expressed in bits.
TOTAL HARMONIC DISTORTION (THD)
In an ideal ADC, code transitions are 1 LSB apart. Differential nonlinearity is the maximum deviation from this ideal value. It is often specified in terms of resolution for which no missing codes are guaranteed.
+FULL-SCALE ERROR
THD is the ratio of the rms sum of the first five harmonic components to the rms value of a full-scale input signal and is expressed in decibels.
SIGNAL-TO-NOISE RATIO (SNR)
The last transition (from 011 . . . 10 to 011 . . . 11 in two's complement coding) should occur for an analog voltage 1 1/2 LSB below the nominal +full scale (2.499886 V for the 2.5 V range). The +full-scale error is the deviation of the actual level of the last transition from the ideal level.
-FULL-SCALE ERROR
SNR is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, excluding harmonics and dc. The value for SNR is expressed in decibels.
SIGNAL-TO-(NOISE + DISTORTION) RATIO (S/[N+D])
The first transition (from 100 . . . 00 to 100 . . . 01 in two's complement coding) should occur for an analog voltage 1/2 LSB above the nominal -full scale (-2.499962 V for the 2.5 V range). The -full-scale error is the deviation of the actual level of the first transition from the ideal level.
ZERO ERROR
S/(N+D) is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, including harmonics but excluding dc. The value for S/(N+D) is expressed in decibels.
APERTURE DELAY
Aperture delay is a measure of the acquisition performance and is measured from the falling edge of the CNVST input to when the input signal is held for a conversion.
TRANSIENT RESPONSE
The zero error is the difference between the ideal midscale input voltage (0 V) and the actual voltage producing the midscale output code.
SPURIOUS FREE DYNAMIC RANGE (SFDR)
The time required for the AD7677 to achieve its rated accuracy after a full-scale step function is applied to its input.
The difference, in decibels (dB), between the rms amplitude of the input signal and the peak spurious signal. -8- REV. 0
Typical Performance Characteristics-AD7677
1.00 0.75 0.50 0.25 0.00 -0.25 -0.50 -0.75 -1.00
1.00 0.75 0.50 0.25 0.00 -0.25 -0.50 -0.75 -1.00
0
16384
32768 CODE
49152
65536
DNL - LSB
INL - LSB
0
16384
32768 CODE
49152
65536
TPC 1. Integral Nonlinearity vs. Code
TPC 4. Differential Nonlinearity vs. Code
9000 8287 8000 7000 6000 8066
16000 14352 14000 12000 10000
COUNTS
5000 4000 3000 2000 1000 0000 0 0 0 10 21 0 0 0
COUNTS
8000 6000 4000 2000 994 0000 0 0 0 1
1037 0 0 0 0
7FFB 7FFC 7FFD 7FFE 7FFF 8000 8001 8002 8003 8004 CODE IN HEXA
7FFA 7FFB 7FFC 7FFD 7FFE 7FFF 8000 8001 8002 8003 8004 CODE IN HEXA
TPC 2. Histogram of 16,384 Conversions of a DC Input at the Code Transition
TPC 5. Histogram of 16,384 Conversions of a DC Input at the Code Center
20
20
16
NUMBER OF UNITS NUMBER OF UNITS
16
12
12
8
8
4
4
0 0.0
0.1
0.2
0.3
0.4 0.5 0.6 0.7 POSITIVE INL - LSB
0.8
0.9
1.0
1.1
0 -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 NEGATIVE INL - LSB
0.0
1.0
TPC 3. Typical Positive INL Distribution (199 Units)
TPC 6. Typical Negative INL Distribution (199 Units)
REV. 0
-9-
AD7677
0 -20
fS = 1MSPS fIN = 45.01kHz
SNR = 93.5dB THD = -109.5dB SFDR = 109dB SINAD = 93dB
96
-104
AMPLITUDE - dB of Full Scale
-40 -60 -80 -100 -120 -140 -160
SNR 93 -106
SNR - dB
90
-108
87
-110
THD
-180
0
100
200 300 FREQUENCY - kHz
400
500
84 -55
-35
-15
5
25 45 65 TEMPERATURE - C
85
105
-112 125
TPC 7. FFT Plot
TPC 10. SNR, THD vs. Temperature
100
16.0
50 OVDD = 2.7V @ 85 C
95
SNR
15.5
40
OVDD = 2.7V @ 25 C
SNR AND S/[N+D] - dB
t12 DELAY - ns
90 SINAD 85 ENOB 80
15.0
ENOB - Bits
30 OVDD = 5.0V @ 85 C 20 OVDD = 5.0V @ 25 C
14.5
14.0
10
75
13.5
70
1
10 100 FREQUENCY - kHz
13.0 1000
0
0
50
100 CL - pF
150
200
TPC 8. SNR, S/(N+D), and ENOB vs. Frequency
TPC 11. Typical Delay vs. Load Capacitance CL
96 SNR (REFERRED TO FULL SCALE) - dB
1M AVDD, WARP/NORMAL 10k
OPERATING CURRENTS - A
94
SNR
DVDD, WARP/NORMAL 1k 100 10 DVDD, IMPULSE 1 0.1 OVDD, ALL MODES 0.01 AVDD, IMPULSE
SINAD 92
90
88 -60
-50
-40 -30 -20 INPUT LEVEL - dB
-10
0
0.001 10
100
1k 10k SAMPLING RATE - SPS
100k
1M
TPC 9. SNR and S/(N+D) vs. Input Level
TPC 12. Operating Currents vs. Sample Rate
-10-
REV. 0
THD - dB
AD7677
250 DVDD 200
150
100
50
AVDD OVDD
0 -55
-35
-15
5
25
45
65
85
105
TEMPERATURE - C
TPC 13. Power-Down Operating Currents vs. Temperature
CIRCUIT INFORMATION
The AD7677 is a very fast, low-power, single-supply, precise, 16-bit analog-to-digital converter (ADC). The AD7677 features different modes to optimize performances according to the applications. In Warp mode, the AD7677 is capable of converting 1,000,000 samples per second (1 MSPS). The AD7677 provides the user with an on-chip track/hold, successive approximation ADC that does not exhibit any pipeline or latency, making it ideal for multiple multiplexed channel applications. The AD7677 can be operated from a single 5 V supply and be interfaced to either 5 V or 3 V digital logic. It is housed in a 48-lead LQFP package that combines space savings and flexible configurations as either serial or parallel interface. The AD7677 is a pin-to-pin-compatible upgrade of the AD7664, AD7675, and AD7676.
CONVERTER OPERATION
During the acquisition phase, terminals of the array tied to the comparator's input are connected to AGND via SW+ and SW-. All independent switches are connected to the analog inputs. Thus, the capacitor arrays are used as sampling capacitors and acquire the analog signal on IN+ and IN- inputs. When the acquisition phase is complete and the CNVST input goes low, a conversion phase is initiated. When the conversion phase begins, SW+ and SW- are opened first. The two capacitor arrays are then disconnected from the inputs and connected to the REFGND input. Therefore, the differential voltage between the inputs IN+ and IN- captured at the end of the acquisition phase is applied to the comparator inputs, causing the comparator to become unbalanced. By switching each element of the capacitor array between REFGND or REF, the comparator input varies by binary weighted voltage steps (VREF/2, VREF/4 . . . VREF/65536). The control logic toggles these switches, starting with the MSB first, in order to bring the comparator back into a balanced condition. After the completion of this process, the control logic generates the ADC output code and brings BUSY output low.
Modes of Operation
POWER-DOWN OPERATING CURRENTS - nA
The AD7677 features three modes of operations, Warp, Normal, and Impulse. Each of these modes is more suitable for specific applications. The Warp mode allows the fastest conversion rate up to 1 MSPS. However, in this mode, and this mode only, the full specified accuracy is guaranteed only when the time between conversion does not exceed 1 ms. If the time between two consecutive conversions is longer than 1 ms, for instance, after power-up, the first conversion result should be ignored. This mode makes the AD7677 ideal for applications where fast sample rates are required. The Normal mode is the fastest mode (800 kSPS) without any limitation about the time between conversions. This mode makes the AD7677 ideal for asynchronous applications such as data acquisition systems, where both high accuracy and fast sample rate are required. The Impulse mode, the lowest power dissipation mode, allows power saving between conversions. The maximum throughput in this mode is 666 kSPS. When operating at 100 SPS, for example, it typically consumes only 15 W. This feature makes the AD7677 ideal for battery-powered applications.
The AD7677 is a successive approximation analog-to-digital converter based on a charge redistribution DAC. Figure 3 shows the simplified schematic of the ADC. The capacitive DAC consists of two identical arrays of 16 binary weighted capacitors that are connected to the two comparator inputs.
IN+
MSB 32,768C 16,384C REF REFGND 32,768C 16,384C MSB
LSB 4C 2C C C
SW+
SWITCHES CONTROL
BUSY COMP CONTROL LOGIC OUTPUT CODE 4C 2C C C LSB SW- CNVST
IN-
Figure 3. ADC Simplified Schematic
REV. 0
-11-
AD7677
Transfer Functions
Using the OB/2C digital input, the AD7677 offers two output codings: straight binary and two's complement. The ideal transfer characteristic for the AD7677 is shown in Figure 4.
Analog Inputs Figure 6 shows a simplified analog input section of AD7677.
AVDD
R+ = 168 IN+
ADC CODE - Straight Binary
111...111 111...110 111...101
CS CS IN- R- = 168
AGND
Figure 6. Simplified Analog Input
000...010 000...001 000...000 -FS -FS + 1 LSB +FS - 1 LSB +FS - 1.5 LSB ANALOG INPUT
-FS + 0.5 LSB
Figure 4. ADC Ideal Transfer Function
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7677. Different circuitry shown on this diagram are optional and are discussed below.
The diodes shown in Figure 6 provide ESD protection for the inputs. Care must be taken to ensure that the analog input signal never exceeds the absolute ratings on these inputs. This will cause these diodes to become forward-biased and start conducting current. These diodes can handle a forward-biased current of 120 mA maximum. This condition could eventually occur when the input buffer's (U1) or (U2) supplies are different from AVDD. In such case, an input buffer with a short-circuit current limitation can be used to protect the part. This analog input structure is a true differential structure. By using these differential inputs, signals common to both inputs are rejected as shown in Figure 7, which represents the typical CMRR over frequency.
DVDD DIGITAL SUPPLY (3.3V OR 5V)
ANALOG SUPPLY (5V)
100
NOTE 5
+
10 F
100nF
+
10 F
100nF
100nF
+
10 F
ADR421
2.5V REF
NOTE 1
AVDD REF 1M 100nF
NOTE 3
AGND
DGND
DVDD
OVDD
OGND SCLK SDOUT SERIAL PORT
50k
+ CREF
NOTE 2
1F REFGND BUSY
50 - U1 + CC 15
NOTE 4
IN+ 2.7nF
NOTE 5
CNVST
50 D
NOTE 7
C/ P/DSP
ANALOG INPUT+
AD8021
AD7677
OB/2C SER/PAR DVDD
50 - U2 + CC 15 CS IN- 2.7nF
NOTE 5
CLOCK
NOTE 4
ANALOG INPUT-
RD BYTESWAP RESET PD
AD8021
NOTES 1. SEE VOLTAGE REFERENCE INPUT SECTION. 2. WITH THE RECOMMENDED VOLTAGE REFERENCES, CREF IS 47 F. SEE CHAPTER VOLTAGE REFERENCE INPUT SECTION. 3. OPTIONAL CIRCUITRY FOR HARDWARE GAIN CALIBRATION. 4. THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION. 5. SEE ANALOG INPUT SECTION. 6. OPTION, SEE POWER SUPPLY SECTION. 7. OPTIONAL LOW JITTER CNVST, SEE CONVERSION CONTROL SECTION.
Figure 5. Typical Connection Diagram
-12-
REV. 0
AD7677
90 85 80 75
Driver Amplifier Choice
Although the AD7677 is easy to drive, the driver amplifier needs to meet at least the following requirements: * The driver amplifier and the AD7677 analog input circuit have to be able together to settle for a full-scale step of the capacitor array at a 16-bit level (0.0015%). In the amplifier's data sheet, the settling at 0.1% or 0.01% is more commonly specified. It could significantly differ from the settling time at a 16-bit level and, therefore, it should be verified prior to the driver selection. The tiny op-amp, AD8021, which combines ultralow noise and a high gain bandwidth, meets this settling time requirement even when used with a high gain up to 13.
10k 100k FREQUENCY - Hz 1M 10M
CMRR - dB
70 65 60 55 50 45 1k
Figure 7. Analog Input CMRR vs. Frequency
During the acquisition phase, for ac signals, the AD7677 behaves like a one-pole RC filter consisting of the equivalent resistance R+ , R-, and CS. The resistors R+ and R- are typically 168 V and are lumped components made up of some serial resistors and the on resistance of the switches. The capacitor CS is typically 60 pF and is mainly the ADC sampling capacitor. This one-pole filter with a typical -3 dB cutoff frequency of 15.8 MHz reduces undesirable aliasing effect and limits the noise coming from the inputs. Because the input impedance of the AD7677 is very high, the AD7677 can be driven directly by a low impedance source without gain error. That allows the user to input, as shown in Figure 5, an external one-pole RC filter between the output of the amplifier output and the ADC analog inputs to even further improve the noise filtering done by the AD7677 analog input circuit. However, the source impedance has to be kept low because it affects the ac performances, especially the total harmonic distortion. The maximum source impedance depends on the amount of total harmonic distortion (THD) that can be tolerated. The THD degrades proportionally to the source impedance.
Single to Differential Driver
* The noise generated by the driver amplifier needs to be kept as low as possible in order to preserve the SNR and transition noise performance of the AD7677. The noise coming from the driver is filtered by the AD7677 analog input circuit one-pole, low-pass filter made by R+, R-, and CS. The SNR degradation due to the amplifier is:
SNRLOSS
28 = 20 LOG 2 784 + f -3 dB ( N eN ) 4

where f-3 dB is the -3 dB input bandwidth in MHz of the AD7677 (15.8 MHz) or the cutoff frequency of the input filter if any used. N is the noise factor of the amplifiers (1 if in buffer configuration). eN is the equivalent input noise voltage of each opamp in nV/(Hz)1/2. For instance, a driver with an equivalent input noise of 2 nV/Hz (like the AD8021) and configured as a buffer, thus with a noise gain of +1, the SNR degrades by only 0.07 dB with the filter in Figure 5, and 0.27 dB without. * The driver needs to have a THD performance suitable to that of the AD7677. The AD8021 meets these requirements and is usually appropriate for almost all applications. The AD8021 needs an external compensation capacitor of 10 pF. This capacitor should have good linearity as an NPO ceramic or mica type. The AD8022 could also be used where a dual version is needed and gain of 1 is used.
For applications using unipolar analog signals, a single-endedto-differential driver will allow for a differential input into the part. The schematic is shown in Figure 8.
ANALOG INPUT (UNIPOLAR)
U1
AD8021
CC 590 IN+ 590
The AD8132 or the AD8138 could also be used to generate a differential signal from a single-ended signal.
AD7677
REF
590 2.5V REF 590
U2
IN-
AD8021
CC 2.5V REF
The AD829 is another alternative where high-frequency (above 1 MHz) performance is not required. In gain of 1, it requires an 82 pF compensation capacitor. The AD8610 is also another option where low bias current is needed in low-frequency applications.
Figure 8. Single-Ended-to-Differential Driver Circuit
This configuration, when provided an input signal of 0 to VREF, will produce a differential 2.5 V with midscale at 1.25 V. If the application can tolerate more noise, the AD8138 can be used. REV. 0 -13-
AD7677
Voltage Reference Input
The AD7677 uses an external 2.5 V voltage reference. The voltage reference input REF of the AD7677 has a dynamic input impedance. Therefore, it should be driven by a low impedance source with an efficient decoupling between REF and REFGND inputs. This decoupling depends on the choice of the voltage reference, but usually consists of a 1 F ceramic capacitor and a low ESR tantalum capacitor connected to the REF and REFGND inputs with minimum parasitic inductance. 47 F is an appropriate value for the tantalum capacitor when used with one of the recommended reference voltages: * The lownoise, low temperature drift ADR421 and AD780 voltage references * The lowpower ADR291 voltage reference * The lowcost AD1582 voltage reference For applications using multiple AD7677s, it is more effective to buffer the reference voltage with a lownoise, very stable op amp like the AD8031. Care should also be taken with the reference temperature coefficient of the voltage reference which directly affects the full-scale accuracy if this parameter matters. For instance, a 15 ppm/C tempco of the reference changes the full scale by 1 LSB/C. Note that VREF , as mentioned in the specification table, could be increased to AVDD - 1.85 V. Since the input range is defined in terms of VREF, this would essentially increase the range to make it a 3 V input range with a reference voltage of 3 V. One of the benefits here is the increased SNR obtained as a result of this increase. The theoretical improvement as a result of this increase in reference is 1.58 dB (20 log [3/2.5]). Due to the theoretical quantization noise however, the observed improvement is approximately 1 dB. The AD780 can be selected with a 3 V reference voltage.
75 70 65
digital input/output interface supply OVDD. The OVDD supply allows direct interface with any logic working between 2.7 V and 5.25 V. To reduce the number of supplies needed, the digital core (DVDD) can be supplied through a simple RC filter from the analog supply as shown in Figure 5. The AD7677 is independent of power supply sequencing and thus free from supply voltage induced latchup. Additionally, it is very insensitive to power supply variations over a wide frequency range as shown in Figure 9.
POWER DISSIPATION
In Impulse mode, the AD7677 automatically reduces its power consumption at the end of each conversion phase. During the acquisition phase, the operating currents are very low which allows a significant power saving when the conversion rate is reduced as shown in Figure 10. This feature makes the AD7677 ideal for very low-power battery applications. It should be noted that the digital interface remains active even during the acquisition phase. To reduce the operating digital supply currents even further, the digital inputs need to be driven close to the power rails (i.e., DVDD and DGND) and OVDD should not exceed DVDD by more than 0.3 V.
1M 100k
W
WARP/NORMAL
POWER DISSIPATION -
10k 1k 100 10 1 0.1 10
IMPULSE
100
1k
10k
100k
1M
SAMPLING RATE - SPS
Figure 10. Power Dissipation vs. Sample Rate
PSRR - dB
60 55 50 45 40 35 1k
CONVERSION CONTROL
Figure 11 shows the detailed timing diagrams of the conversion process. The AD7677 is controlled by the signal CNVST which initiates conversion. Once initiated, it cannot be restarted or aborted, even by the power-down input PD, until the conversion is complete. The CNVST signal operates independently of CS and RD signals.
10k 100k FREQUENCY - Hz 1M 10M
Figure 9. PSRR vs. Frequency
Power Supply
The AD7677 uses three sets of power supply pins: an analog 5 V supply AVDD, a digital 5 V core supply DVDD, and a
In Impulse mode, conversions can be automatically initiated. If CNVST is held low when BUSY is low, the AD7677 controls the acquisition phase and then automatically initiates a new conversion. By keeping CNVST low, the AD7677 keeps the conversion process running by itself. It should be noted that the
-14-
REV. 0
AD7677
analog input has to be settled when BUSY goes low. Also, at power-up, CNVST should be brought low once to initiate the conversion process. In this mode, the AD7677 could sometimes run slightly faster than the guaranteed limits in the impulse mode of 666 kSPS. This feature does not exist in warp or Normal modes.
t2 t1
CNVST DATA BUS PREVIOUS CONVERSION DATA NEW DATA CS = RD = 0
t1
CNVST
t10
BUSY
t4 t3 t11
BUSY
t4 t3 t5
MODE ACQUIRE CONVERT
Figure 13. Master Parallel Data Timing for Reading (Continuous Read)
t6
ACQUIRE CONVERT
PARALLEL INTERFACE
t7
t8
Figure 11. Basic Conversion Timing
Although CNVST is a digital signal, it should be designed with this special care with fast, clean edges and levels, with minimum overshoot and undershoot or ringing. For applications where the SNR is critical, the CNVST signal should have a very low jitter. Some solutions to achieve that are to use a dedicated oscillator for CNVST generation or, at least, to clock it with a high frequency low jitter clock as shown in Figure 5.
t9
RESET
The AD7677 is configured to use the parallel interface (Figure 13) when the SER/PAR is held low. The data eithercan be read after each conversion, which is during the next acquisition phase, or during the following conversion as shown, respectively, in Figure 14 and Figure 15. When the data is read during the conversion however, it is recommended that it is a read-only during the first half of the conversion phase. This avoids any potential feedthrough between voltage transients on the digital interface and the most critical analog conversion circuitry.
CS
RD
BUSY DATA BUS CURRENT CONVERSION
BUSY
t12
t13
Figure 14. Slave Parallel Data Timing for Reading (Read After Convert)
DATA CS = 0
t8
CNVST
CNVST, RD
t1
Figure 12. RESET Timing
DIGITAL INTERFACE
BUSY
t4 t3
The AD7677 has a versatile digital interface; it can be interfaced with the host system by using either a serial or parallel interface. The serial interface is multiplexed on the parallel data bus. The AD7677 digital interface also accommodates both 3 V or 5 V logic by simply connecting the OVDD supply pin of the AD7677 to the host system interface digital supply. Finally, by using the OB/2C input pin, both two's complement or straight binary coding can be used. The two signals, CS and RD, control the interface. When at least one of these signals is high, the interface outputs are in high impedance. Usually, CS allows the selection of each AD7677 in multicircuits applications and is held low in a single AD7677 design. RD is generally used to enable the conversion result on the data bus.
DATA BUS
PREVIOUS CONVERSION
t12
t13
Figure 15. Slave Parallel Data Timing for Reading (Read During Convert)
The BYTESWAP pin allows a glueless interface to an 8-bit bus. As shown in Figure 16, the LSB byte is output on D[7:0] and the MSB is output on D[15:8] when BYTESWAP is low. When BYTESWAP is high, the LSB and MSB bytes are swapped and the LSB is output on D[15:8] and the MSB is output on D[7:0]. By connecting BYTESWAP to an address line, the 16 bits of data can be read in 2 bytes on either D[15:8] or D[7:0].
REV. 0
-15-
AD7677
SERIAL INTERFACE
CS
RD
The AD7677 is configured to use the serial interface when the SER/PAR is held high. The AD7677 outputs 16 bits of data, MSB first, on the SDOUT pin. This data is synchronized with the 16 clock pulses provided on the SCLK pin.
MASTER SERIAL INTERFACE Internal Clock
HI-Z HIGH BYTE LOW BYTE HI-Z
BYTE
PINS D[15:8]
t12
PINS D[7:0] HI-Z LOW BYTE
t12
HIGH BYTE
t13
HI-Z
The AD7677 is configured to generate and provide the serial data clock SCLK when the EXT/INT pin is held low. The AD7677 also generates a SYNC signal to indicate to the host when the serial data is valid. The serial clock SCLK and the SYNC signal can be inverted if desired. The output data is valid on both the
Figure 16. 8-Bit Parallel Interface
CS, RD EXT/INT = 0 RDC/SDIN = 0 INVSCLK = INVSYNC = 0
t3
CNVST
BUSY
t28 t30 t29 t25 t18 t19 t20 t21
1 2 3 14 15
SYNC
t14
t24 t26
16
SCLK
t15 t27
SDOUT X D15 D14 D2 D1 D0
t16
t22
t23
Figure 17. Master Serial Data Timing for Reading (Read After Convert)
EXT/INT = 0 RDC/SDIN = 1 INVSCLK = INVSYNC = 0
CS, RD
t1
CNVST
t3
BUSY
t17
SYNC
t25 t19 t20 t21
1 2 3 14 15 16
t14
t24
SCLK
t15 t18
t26
t27
D15 D14 D2 D1 D0
SDOUT
X
t16
t22
t23
Figure 18. Master Serial Data Timing for Reading (Read Previous Conversion During Convert)
-16-
REV. 0
AD7677
rising and falling edge of the data clock. Depending on RDC/ SDIN input, the data can be read after each conversion, or during the following conversion. Figure 17 and Figure 18 show the detailed timing diagrams of these two modes. Usually, because the AD7677 is used with a fast throughput, the mode master, read during conversion, is the most recommended serial mode when it can be used. In read-after-conversion mode, it should be noted that, unlike in other modes, the signal BUSY returns low after the 16 data bits are pulsed out and not at the end of the conversion phase which results in a longer BUSY width. In read-during-conversion mode, the serial clock and data toggle at appropriate instances minimizes potential feedthrough between digital activity and the critical conversion decisions. To accommodate slow digital hosts, the serial clock can be slowed down by using DIVSCLK.
SLAVE SERIAL INTERFACE External Clock
The AD7677 is configured to accept an externally supplied serial data clock on the SCLK pin when the EXT/INT pin is held high. In this mode, several methods can be used to read the data. The external serial clock is gated by CS and the data are output when both CS and RD are low. Thus, depending on CS, the data can be read after each conversion or during the following conversion. The external clock can be either a continuous or discontinuous clock. A discontinuous clock can be either normally high or normally low when inactive. Figure 19 and Figure 20 show the detailed timing diagrams of these methods. While the AD7677 is performing a bit decision, it is important that voltage transients not occur on digital input/output pins or degradation of the conversion result could occur. This is particularly important during the second half of the conversion phase because the AD7677 provides error correction circuitry that can correct for
EXT/INT = 1 CS
INVSCLK = 0
RD = 0
BUSY
t36
SCLK 1
t35 t37
2 3 14 15 16 17 18
t31
SDOUT X D15
t32
D14 D13 D1 D0 X15 X14
t16
t34
X15 X14 X13 X1 X0 Y15 Y14
SDIN
t33
Figure 19. Slave Serial Data Timing for Reading (Read After Convert)
EXT/INT = 1 CS INVSCLK = 0 RD = 0
CNVST
BUSY
t3 t36
SCLK 1
t35 t37
2 3 14 15 16
t31
SDOUT X D15
t32
D14 D13 D1 D0
t16
Figure 20. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)
REV. 0
-17-
AD7677
an improper bit decision made during the first half of the conversion phase. For this reason, it is recommended that when an external clock is being provided, it is a discontinuous clock that is toggling only when BUSY is low or, more importantly, that it does not transition during the latter half of BUSY high.
External Discontinuous Clock Data Read after Conversion
This mode is the most recommended of the serial slave modes. Figure 19 shows the detailed timing diagrams of this method. After a conversion is complete, indicated by BUSY returning low, the result of this conversion can be read while both CS and RD are low. The data is shifted out, MSB first, with 16 clock pulses and is valid on both rising and falling edge of the clock. Among the advantages of this method, the conversion performance is not degraded because there is no voltage transients on the digital interface during the conversion process. Another advantage is to be able to read the data at any speed up to 40 MHz which accommodates both slow digital host interface and the fastest serial reading. Finally, in this mode only, the AD7677 provides a "daisy chain" feature using the RDC/SDIN input pin for cascading multiple converters together. This feature is useful for reducing component count and wiring connections when it is desired as it is, for instance, in isolated multiconverters applications. An example of the concatenation of two devices is shown in Figure 21. Simultaneous sampling is possible by using a common CNVST signal. It should be noted that the RDC/SDIN input is latched on the opposite edge of SCLK of the one used to shift out the data on SDOUT. Hence, the MSB of the "upstream" converter just follows the LSB of the "downstream" converter on the next SCLK cycle.
To reduce performance degradation due to digital activity, a fast discontinuous clock of at least 25 MHz, when impulse mode is used, 32 MHz when normal, or 40 MHz when warp mode is used, is recommended to ensure that all the bits are read during the first half of the conversion phase. It is also possible to begin to read the data after conversion and continue to read the last bits even after a new conversion has been initiated. That allows the use of a slower clock speed like 18 MHz in impulse mode, 21 MHz in normal mode, and 26 MHz in warp mode.
MICROPROCESSOR INTERFACING
The AD7677 is ideally suited for traditional dc measurement applications supporting a microprocessor and ac signal processing applications interfacing to a digital signal processor. The AD7677 is designed to interface either with a parallel 8-bit or 16-bit wide interface or with a general purpose serial port or I/O ports on a microcontroller. A variety of external buffers can be used with the AD7677 to prevent digital noise from coupling into the ADC. The following sections illustrate the use of the AD7677 with an SPI equipped microcontroller, the ADSP-21065L and ADSP-218x signal processors.
SPI Interface (MC68HC11)
BUSY OUT BUSY BUSY
Figure 22 shows an interface diagram between the AD7677 and an SPI-equipped microcontroller like the MC68HC11. To accommodate the slower speed of the microcontroller, the AD7677 acts as a slave device and data must be read after conversion. This mode also allows the "daisy chain" feature. The convert command could be initiated in response to an internal timer interrupt. The reading of output data, one byte at a time, if necessary, could be initiated in response to the end-of-conversion signal (BUSY going low) using an interrupt line of the microcontroller. The Serial Peripheral Interface (SPI) on the MC68HC11 is configured for master mode (MSTR) = 1, Clock Polarity Bit (CPOL) = 0, Clock Phase Bit (CPHA) = 1, and SPI interrupt enable (SPIE) = 1 by writing to the SPI Control Register (SPCR). The IRQ is configured for edge-sensitive-only operation (IRQE = 1 in OPTION register).
DVDD
AD7677
#2 (UPSTREAM)
AD7677
#1 (DOWNSTREAM)
AD7677*
RDC/SDIN SDOUT CNVST CS SCLK SCLK IN CS IN CNVST IN RDC/SDIN SDOUT CNVST CS SCLK DATA OUT
MC68HC11*
SER/PAR EXT/INT CS RD BUSY SDOUT SCLK INVSCLK CNVST IRQ MISO/SDI SCK I/O PORT
Figure 21. Two AD7677s in a "Daisy Chain" Configuration
External Clock Data Read During Conversion
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 20 shows the detailed timing diagrams of this method. During a conversion, while both CS and RD are low, the result of the previous conversion can be read. The data is shifted out, MSB first, with 16 clock pulses, and is valid on both rising and falling edges of the clock. The 16 bits have to be read before the current conversion is complete. If that is not done, RDERROR is pulsed high and can be used to interrupt the host interface to prevent incomplete data reading. There is no "daisy chain" feature in this mode, and RDC/SDIN input should always be tied either high or low.
Figure 22. Interfacing the AD7677 to SPI Interface
ADSP-21065L in Master Serial Interface
As shown in Figure 23, the AD7677 can be interfaced to the ADSP-21065L using the serial interface in master mode without any glue logic required. This mode combines the advantages of reducing the wire connections and the ability to read the data during or after conversion maximum speed transfer (DIVSCLK [0:1] both low).
-18-
REV. 0
AD7677
The AD7677 is configured for the internal clock mode (EXT/INT low) and acts, therefore, as the master device. The convert command can be generated by either an external low jitter oscillator or, as shown, by a FLAG output of the ADSP-21065L, or by a frame output TFS of one serial port of the ADSP-21065L which can be used like a timer. The serial port on the ADSP-21065L is configured for external clock (IRFS = 0), rising edge active (CKRE = 1), external late framed sync signals (IRFS = 0, LAFS = 1, RFSR = 1), and active high (LRFS = 0). The serial port of the ADSP-21065L is configured by writing to its receive control register (SRCTL)--see ADSP-2106x SHARC User's Manual. Because the serial port within the ADSP-21065L will be seeing a discontinuous clock, an initial word reading has to be done after the ADSP-21065L has been reset to ensure that the serial port is properly synchronized to this clock during each following data read operation.
DVDD
plane should be allowed to run under the AD7677 to avoid noise coupling. Fast switching signals like CNVST or clocks should be shielded with digital ground to avoid radiating noise to other sections of the board, and should never run near analog signal paths. Crossover of digital and analog signals should be avoided. Traces on different but close layers of the board should run at right angles to each other. This will reduce the effect of feedthrough through the board. The power supply lines to the AD7677 should use as large a trace as possible to provide low impedance paths and reduce the effect of glitches on the power supply lines. Good decoupling is also important to lower the supplies impedance presented to the AD7677 and reduce the magnitude of the supply spikes. Decoupling ceramic capacitors, typically 100 nF, should be placed on each power supplies pins AVDD, DVDD, and OVDD close to, and ideally right up against these pins and their corresponding ground pins. Additionally, low ESR 10 F capacitors should be located in the vicinity of the ADC to further reduce low frequency ripple. The DVDD supply of the AD7677 can be either a separate supply or come from the analog supply, AVDD, or from the digital interface supply, OVDD. When the system digital supply is noisy, or fast switching digital signals are present, it is recommended if no separate supply available, to connect the DVDD digital supply to the analog supply AVDD through an RC filter as shown in Figure 5, and connect the system supply to the interface digital supply OVDD and the remaining digital circuitry. When DVDD is powered from the system supply, it is useful to insert a bead to further reduce high-frequency spikes. The AD7677 has four different ground pins; REFGND, AGND, DGND, and OGND. REFGND senses the reference voltage and should be a low impedance return to the reference because it carries pulsed currents. AGND is the ground to which most internal ADC analog signals are referenced. This ground must be connected with the least resistance to the analog ground plane. DGND must be tied to the analog or digital ground plane depending on the configuration. OGND is connected to the digital system ground. The layout of the decoupling of the reference voltage is important. The decoupling capacitor should be close to the ADC and connected with short and large traces to minimize parasitic inductances.
Evaluating the AD7677 Performance
AD7677*
SER/PAR RDC/SDIN RD EXT/INT CS INVSYNC INVSCLK SYNC SDOUT SCLK CNVST
ADSP-21065L*
SHARC
RFS DR RCLK FLAG OR TFS
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 23. Interfacing to the ADSP-21065L Using the Serial Master Mode
APPLICATION HINTS Layout
The AD7677 has very good immunity to noise on the power supplies as can be seen in Figure 9. However, care should still be taken with regard to grounding layout. The printed circuit board that houses the AD7677 should be designed so the analog and digital sections are separated and confined to certain areas of the board. This facilitates the use of ground planes that can be easily separated. Digital and analog ground planes should be joined in only one place, preferably underneath the AD7677, or at least as close as possible to the AD7677. If the AD7677 is in a system where multiple devices require analog to digital ground connections, the connection should still be made at one point only, a star ground point, which should be established as close as possible to the AD7677. It is recommended to avoid running digital lines under the device as these will couple noise onto the die. The analog ground
A recommended layout for the AD7677 is outlined in the evaluation board for the AD7677. The evaluation board package includes a fully assembled and tested evaluation board, documentation, and software for controlling the board from a PC via the Eval-Control BRD2.
REV. 0
-19-
AD7677
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
48-Lead Quad Flatpack (LQFP) (ST-48)
0.067 (1.70) 0.059 (1.50) 0.055 (1.40) 0.021 (0.53) 0.020 (0.50) 0.019 (0.48) SEATING PLANE
0.362 (9.19) 0.354 (9.00) SQ 0.346 (8.79)
48 1 37 36
TOP VIEW
(PINS DOWN)
0.280 (7.10) 0.276 (7.0) SQ 0.272 (6.90)
0.006 (0.15) 0.004 (0.10) 0.002 (0.05)
0 MIN
12 13 24
25
0.007 (0.18) 0.005 (0.127) 0.004 (0.09) 7 3.5 0
0.023 (0.58) 0.010 (0.26) 0.020 (0.50) 0.007 (0.18) 0.017 (0.42) 0.006 (0.15)
0.057 (1.45) 0.055 (1.40) 0.053 (1.35)
-20-
REV. 0
PRINTED IN U.S.A.
C02632-.8-12/01(0)


▲Up To Search▲   

 
Price & Availability of AD7677

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X