Part Number Hot Search : 
SBLF1050 BSP20 04008 SA10ARL 020D2 HPR120W ZVN0545A ON1311
Product Description
Full Text Search
 

To Download 74LS573 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74LS573 Octal D-Type Latch with 3-STATE Outputs
October 1988 Revised March 2000
DM74LS573 Octal D-Type Latch with 3-STATE Outputs
General Description
The DM74LS573 is a high speed octal latch with buffered common Latch Enable (LE) and buffered common Output Enable (OE) inputs. This device is functionally identical to the DM74LS373, but has different pinouts.
Features
s Inputs and outputs on opposite sides of package allowing easy interface with microprocessors s Useful as input or output port for microprocessors s Functionally identical to DM74LS373 s Input clamp diodes limit high speed termination effects s Fully TTL and CMOS compatible
Ordering Code:
Order Number DM74LS573WM DM74LS573N Package Number M20B N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagram
VCC = Pin 20 GND = Pin 10
Pin Descriptions
Pin Names D0-D7 LE OE O0-O7 Data Inputs Latch Enable Input (Active HIGH) 3-STATE Output Enable Input (Active LOW) 3-STATE Latch Outputs Description
Function Tables
Output Enable L L L H Latch Enable H H L X D H L X X Output O H L QO Z
L = LOW State H = HIGH State X = Don't Care Z = High Impedance State QO = Previous Condition of O
(c) 2000 Fairchild Semiconductor Corporation
DS009814
www.fairchildsemi.com
DM74LS573
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 7V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Input Current LOW Level Output Current Free Air Operating Temperature 0 Parameter Min 4.75 2 0.8 -2.6 24 70 Nom 5 Max 5.25 Units V V V mA mA C
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted) Symbol VI VOH VOL Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage II IIH IIL IOS ICC IOZH IOZL Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Short Circuit Output Current Supply Current 3-STATE Output OFF Current HIGH 3-STATE Output OFF Current LOW
Note 2: All typicals are at VCC = 5V, TA = 25C. Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Conditions VCC = Min, II = -18 mA VCC = Min, IOH = Max, VIL = Max VCC = Min, IOL = Max, VIH = Min IOL = 4 mA, VCC = Min VCC = Max, VI = 7V VCC = Max, VI = 2.7V VCC = Max, VI = 0.4V VCC = Max (Note 3) VCC = Max VCC = VCCH VOZH = 2.7V VCC = VCCH VOZL = 0.4V
Min
Typ (Note 2)
Max -1.5
Units V V
2.7
3.4 0.35 0.25 0.5 0.4 1 20 -0.4
V mA A mA mA mA A A
-30
-130 50 20 -20
www.fairchildsemi.com
2
DM74LS573
Switching Characteristics
at VCC = 5V and TA = 25C RL = 2 k, Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tS(H) tS(L) tH(H) tH(L) tW(H) Propagation Delay Data to Q Propagation Delay LE to Q 3-STATE Enable Time OE to Q 3-STATE Enable Time OE to Q Setup Time (HIGH/LOW) Data to LE Hold Time (HIGH/LOW) Data to LE Pulse Width (HIGH) Data to LE 3 7 10 10 15 Parameter Min CL = 50 pF Max 27 18 36 25 20 25 20 25 ns ns ns ns ns ns ns Units
3
www.fairchildsemi.com
DM74LS573
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M20B
www.fairchildsemi.com
4
DM74LS573 Octal D-Type Latch with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LS573

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X