Part Number Hot Search : 
1328F 6048912 6M6MXXX BUF620 D1003UK C2501 KA22293Q 6GP30
Product Description
Full Text Search
 

To Download 74HC148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC148 8-3 Line Priority Encoder
October 1987 Revised February 1999
MM74HC148 8-3 Line Priority Encoder
General Description
The MM74HC148 priority encoder utilizes advanced silicon-gate CMOS technology. It has the high noise immunity and low power consumption typical of CMOS circuits, as well as the speeds and output drive similar to LB-TTL. This priority encoder accepts 8 input request lines 0-7 and outputs 3 lines A0-A2. The priority encoding ensures that only the highest order data line is encoded. Cascading circuitry (enable input EI and enable output EO) has been provided to allow octal expansion without the need for external circuitry. All data inputs and outputs are active at the low logic level. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.
Features
s Typical propagation delay: 13 ns s Wide supply voltage range: 2V-6V
Ordering Code:
Order Number MM74HC148M MM74HC148MTC MM74HC148N Package Number M16A MTC16 N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC and TSSOP
Truth Table
Inputs HXXXXXXXXH LHHHHHHHH H LXXXXXXXL LXXXXXXLH LXXXXXLHH LXXXXLHHH L L L L Outputs H H L L H H L L H H H H L H L H L H L H H H L L L L L L L L H L H H H H H H H H EI 0 1 2 3 4 5 6 7 A2 A1 A0 GS EO
LXXXLHHHH H LXXLHHHHH H LXLHHHHHH H L LHHHHHHH H
H = HIGH L = LOW X = Irrelevant
(c) 1999 Fairchild Semiconductor Corporation
DS009390.prf
www.fairchildsemi.com
MM74HC148
Schematic Diagram
www.fairchildsemi.com
2
MM74HC148
Logic Diagram
3
www.fairchildsemi.com
MM74HC148
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC ) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW -0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 25 mA 50 mA -65C to +150C
Recommended Operation Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) VCC = 2.0V VCC = 4.5V VCC = 6.0V 1000 500 400 ns ns ns 0 -40 VCC +85 V C 2 Max 6 Units V
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating--plastic "N" package: -12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VIN = V IH or VIL |IOUT| 20 A Conditions
(Note 4)
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0 4.5 6.0 4.7 5.2 0 0 0 0.2 0.2 TA = 25C Typ 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.96 5.48 0.1 0.1 0.1 0.26 0.26 0.1 8.0 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 80 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 160 Units V V V V V V V V V V V V V V V V A A
VIN = V IH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA VOL Maximum LOW Level Output Voltage VIN = V IH or VIL |IOUT| 20 A 2.0V 4.5V 6.0V VIN = V IH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA IIN ICC Maximum Input Current Maximum Quiescent Supply Current VIN = V CC or GND IOUT = 0 A 6.0V VIN = V CC or GND 4.5V 6.0V 6.0V 4.5V 6.0V
Note 4: For a power supply of 5V 10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
www.fairchildsemi.com
4
MM74HC148
AC Electrical Characteristics
Symbol tPHL, tPLH Parameter Maximum Propagation Delay, Any Input to Any Output Conditions Typ 14 Guaranteed Limits Units ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol Parameter Conditions VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 52 5 10 10 10 7 12 12 17 17 15 14 TA = 25C Typ 140 28 24 140 28 24 160 32 27 160 32 27 100 20 17 100 20 17 75 15 13 TA = -40C to +85C TA = -55C to +125C Guaranteed Limits 175 35 30 175 35 30 200 40 34 200 40 34 125 25 21 125 25 21 95 19 16 210 42 36 210 42 36 240 48 41 240 48 41 150 30 26 150 30 26 110 22 19 Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns pF pF
tPHL, tPLH Inputs 0-7 to Outputs A0, A1, A2 tPHL, tPLH Inputs 0-7 to Output EO tPHL, tPLH Inputs 0-7 to Output GS tPHL, tPLH Input EI to Outputs A0, A1, A2 tPHL, tPLH Input EI to Output GS tPHL, tPLH Input EI to Output EO tf, tr Maximum Output Rise and Fall Time Cpd Cin Power Dissipation Capacitance (Note 5) Maximum Input Capacitance
Note 5: Cpd determines the no load dynamic power consumption, and the no load dynamic current consumption.
5
www.fairchildsemi.com
MM74HC148
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
www.fairchildsemi.com
6
MM74HC148
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
7
www.fairchildsemi.com
MM74HC148 8-3 Line Priority Encoder
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of 74HC148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X