Part Number Hot Search : 
FRS14 9S12DG SKL32CG BY255 ZMM4V3 312018 9S12DG 9S12DG
Product Description
Full Text Search
 

To Download 74ALVCH16601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ALVCH16601 18-bit universal bus transceiver (3-State)
Product specification Supersedes data of 1998 Aug 31 IC24 Data Handbook 1998 Sep 24
Philips Semiconductors
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
FEATURES
* Complies with JEDEC standard no. 8-1A * CMOS low power consumption * Direct interface with TTL levels * MULTIBYTETM flow-through standard pin-out architecture * Low inductance multiple VCC and ground pins for minimum noise
and ground bounce
DESCRIPTION
The 74ALVCH16601 is an 18-bit universal transceiver featuring non-inverting 3-State bus compatible outputs in both send and receive directions. Data flow in each direction is controlled by output enable (OEAB and OEBA), latch enable (LEAB and LEBA), and clock (CPAB and CPBA) inputs. For A-to-B data flow, the device operates in the transparent mode when LEAB is High. When LEAB is Low, the A data is latched if CPAB is held at a High or Low logic level. If LEAB is Low, the A-bus data is stored in the latch/flip-flop on the Low-to-High transition of CPAB. When OEAB is Low, the outputs are active. When OEAB is High, the outputs are in the high-impedance state. The clocks can be controlled with the clock-enable inputs (CEBA/CEAB). Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA. To ensure the high impedance state during power up or power down, OEBA and OEAB should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking/current-sourcing capability of the driver. Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
* Current drive 24 mA at 3.0 V * All inputs have bus hold circuitry * Output drive capability 50 transmission lines @ 85C
QUICK REFERENCE DATA
GND = 0V; Tamb = 25C; tr = tf = 2.5 ns SYMBOL tPHL/tPLH CI/O CI CPD PARAMETER Propagation delay An, Bn to Bn, An Input/Output capacitance Input capacitance Power dissipation capacitance per latch VI = GND to VCC1 Outputs enabled Outputs disabled CONDITIONS VCC = 2.5V, CL = 30pF VCC = 3.3V, CL = 50pF TYPICAL 3.1 2.8 8.0 4.0 21 3 UNIT ns pF pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in mW): PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacity in pF; fo = output frequency in MHz; VCC = supply voltage in V; S (CL x VCC2 x fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES 56-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C OUTSIDE NORTH AMERICA 74ALVCH16601 DGG DWG NUMBER SOT364-1
1998 Sep 24
2
853-2122 20076
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
PIN CONFIGURATION
OEAB LEAB A0 GND A1 A2 VCC A3 A4 A5 GND A6 A7 A8 A9 A10 A11 GND A12 A13 A14 VCC A15 A16 GND A17 OEBA LEBA 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 CEAB CPAB B0 GND B1 B2 VCC B3 B4 B5 GND B6 B7 B8 B9 B10 B11 GND B12 B13 B14 VCC B15 B16 GND B17 CPBA CEBA
PIN DESCRIPTION
PIN NUMBER 1 2 3, 5, 6, 8, 9, 10, 12, 13, 14, 15, 16, 17, 19, 20, 21, 23, 24, 26 4, 11, 18, 25, 32, 39, 46, 53 7, 22, 35, 50 27 28 29 30 54, 52, 51, 49, 48, 47, 45, 44, 43, 42, 41, 40, 38, 37, 36, 34, 33, 31 55 56 SYMBOL OEAB LEAB NAME AND FUNCTION Output enable A-to-B Latch enable A-to-B
A0 to A17
Data inputs/outputs
GND VCC OEBA LEBA CEBA CPBA
Ground (0V) Positive supply voltage Output enable B-to-A Latch enable B-to-A Clock enable B-to-A Clock input B-to-A
B0 to B17
Data inputs/outputs
CPAB CEAB
Clock input A-to-B Clock enable A-to-B
SW00129
LOGIC SYMBOL
3 5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26 1 2 55 56 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 OEAB LEAB CPAB CEAB B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15 B16 B17 OEBA LEBA CPBA CEBA 54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31 27 28 30 29
SW00130
1998 Sep 24
3
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
LOGIC DIAGRAM (one section)
OEAB CEAB LEAB CPAB CPBA LEBA CEBA OEBA
A1
CE C1 CP 1D
B1
CE C1 CP 1D 18 IDENTICAL CHANNELS
SW00132
FUNCTION TABLE
INPUTS CEXX X X X H L L L L XX H L h l X NC Z = = = = = = = = = OEXX H L L L L L L L LEXX X H H L L L L L CPXX X X X X L H DATA X H L X h l X X OUTPUTS Z H L NC H L NC Disabled Transparent Hold Clock + display Hold STATUS
AB for A-to-B direction, BA for B-to-A direction HIGH voltage level LOW voltage level HIGH state must be present one setup time before the LOW-to-HIGH transition of CPXX LOW state must be present one setup time before the LOW-to-HIGH transition of CPXX Don't care LOW-to-HIGH level transition No change High impedance "off " state
1998 Sep 24
4
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
LOGIC SYMBOL (IEEE/IEC)
OEAB CEAB CPAB LEAB 1 56 55 2 EN1 G2 2C3 C3 G2 OEBA CEBA CPBA LEBA 27 29 30 28 EN4 G5 5C6 C6 G5 3 54 6D 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15 B16 B17
BUSHOLD CIRCUIT
VCC
Data Input
To internal circuit
A0
3D 4
1
B0
A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17
5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26
SW00050
SW00133
1998 Sep 24
5
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL PARAMETER DC supply voltage 2.5V range (for max. speed performance @ 30 pF output load) VCC DC supply voltage 3.3V range (for max. speed performance @ 50 pF output load) DC Input voltage range DC output voltage range Operating free-air temperature range Input rise and fall times VCC = 2.3 to 3.0V VCC = 3.0 to 3.6V CONDITIONS MIN 2.3 3.0 0 0 -40 0 0 MAX 2.7 V 3.6 VCC VCC +85 20 10 V V C ns/V UNIT
VI VO Tamb tr, tf
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V) SYMBOL VCC IIK VI IOK VO IO IGND, ICC Tstg PTOT PARAMETER DC supply voltage DC input diode current DC in ut voltage input DC output diode current DC output voltage DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package -plastic thin-medium-shrink (TSSOP) For temperature range: -40 to +125 C above +55C derate linearly with 8 mW/K VI t0 For control pins1 For data inputs1 VO uVCC or VO t 0 Note 1 VO = 0 to VCC CONDITIONS RATING -0.5 to +4.6 -50 -0.5 to +4.6 -0.5 to VCC +0.5 "50 -0.5 to VCC +0.5 "50 "100 -65 to +150 600 V mA V mA mA C mW UNIT V mA
NOTE: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
1998 Sep 24
6
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V). LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIH HIGH level Input voltage VCC = 2.3 to 2.7V VCC = 2.7 to 3.6V LOW level Input voltage VCC = 2.3 to 2.7V VCC = 2.7 to 3.6V VCC = 2 3 to 3 6V; VI = VIH or VIL; IO = -100A 100A 2.3 3.6V; VCC = 2.3V; VI = VIH or VIL; IO = -6mA VO OH HIGH level output voltage VCC = 2.3V; VI = VIH or VIL; IO = -12mA VCC = 2.7V; VI = VIH or VIL; IO = -12mA VCC = 3.0V; VI = VIH or VIL; IO = -12mA VCC = 3.0V; VI = VIH or VIL; IO = -24mA VCC = 2 3 to 3 6V; VI = VIH or VIL; IO = 100A 2.3 3.6V; VCC = 2.3V; VI = VIH or VIL; IO = 6mA VOL LOW level output voltage VCC = 2.3V; VI = VIH or VIL; IO = 12mA VCC = 2.7V; VI = VIH or VIL; IO = 12mA VCC = 3.0V; VI = VIH or VIL; IO = 24mA II IOZ ICC ICC IBHL Input leakage current g 3-State output OFF-state current Quiescent supply current Additional quiescent supply current Bus hold LOW sustaining current VCC = 2 3 to 3 6V; 2.3 3.6V; VI = VCC or GND VCC = 2.7 to 3.6V; VI = VIH or VIL; VO = VCC or GND VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0 VCC = 2.3V to 3.6V; VI = VCC - 0.6V; IO = 0 VCC = 2.3V; VI = 0.7V2 VCC = 3.0V; VI = Bus hold HIGH sustaining current Bus hold LOW overdrive current Bus hold HIGH overdrive current 0.8V2 45 75 -45 -75 500 -500 -175 VCC*0.2 02 VCC*0.3 VCC*0.6 VCC*0.5 VCC*0.6 VCC*1.0 1.7 2.0 TYP1 1.2 V 1.5 1.2 1.5 VCC VCC*0.08 VCC*0.26 VCC*0.14 VCC*0.09 VCC*0.28 GND 0.07 0.15 0.14 0.27 0.1 0.1 0.2 150 - 150 0.20 0 20 0.40 0.70 0.40 0.55 5 10 40 750 A A A A A V V V V 0.7 V 0.8 MAX UNIT
VIL
IBHH IBHLO IBHHO
VCC = 2.3V; VI = 1.7V2 VCC = 3.0V; VI = VCC = 3.6V2 VCC = 3.6V2 2.0V2
A A A
NOTES: 1. All typical values are at Tamb = 25C. 2. Valid for data inputs of bus hold parts.
1998 Sep 24
7
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0V; tr = tf 2.0ns; CL = 30pF LIMITS SYMBOL PARAMETER WAVEFORM MIN Propagation delay An, Bn to Bn, An tPHL/tPLH Propagation delay LEAB, LEBA to Bn, An Propagation delay CPAB, CPBA to Bn, An tPZH/tPZL tPHZ/tPLZ 3-State output enable time OEBA, OEAB to An,Bn 3-State output enable time OEBA, OEAB to An,Bn Pulse width HIGH LEAB or LEBA Pulse width HIGH or LOW CPAB, CPBA Set-up time An, Bn to CPAB, CPBA tSU Set-up time An, Bn to LEAB, LEBA Set-up time CEAB, CEBA to CPAB, CPBA Hold time An, Bn to CPAB, CPBA th Hold time An, Bn to LEAB, LEBA Hold time CEAB, CEBA to CPAB, CPBA fMAX Maximum clock frequency NOTE: 1. All typical values are at VCC = 2.5V and Tamb = 25C. 4 4 3 3 1, 2 1.0 1.0 1.0 1.1 1.4 3.3 2 3.3 2.3 1.3 2.0 1.2 1.3 1.1 150 2.0 -0.2 0.1 -0.4 0.3 0.2 0.4 390 - - - - - - - - MHz ns ns VCC = 2.5V 0.2V TYP1 3.1 3.6 3.4 3.1 2.8 1.6 MAX 5.2 6.2 5.9 5.3 4.9 - ns ns ns ns UNIT
tW
1998 Sep 24
8
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf = 2.5ns; CL = 50pF LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V 0.3V MIN Propagation delay An, Bn to Bn, An tPHL/tPLH Propagation delay LEAB, LEBA to Bn, An Propagation delay CPAB, CPBA to Bn, An tPZH/tPZL tPHZ/tPLZ 3-State output enable time OEBA to An 3-State output disable time OEBA to An LE pulse width LEAB, LEBA to CPAB, CPBA LE pulse width HIGH or LOW CPAB, CPBA Set-up time An, Bn to CPAB, CPBA tSU Set-up time An, Bn to LEAB, LEBA Set-up time CEAB, CEBA to CPAB, CPBA Hold time An, Bn to CPAB, CPBA th Hold time An, Bn to LEAB, LEBA Hold time CEAB, CEBA to CPAB, CPBA fMAX Maximum clock frequency NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 4 4 3 3 1, 2 1.0 1.0 1.3 1.1 1.2 3.3 2 3.3 2.1 1.1 1.7 1.0 1.4 1.1 150 0.9 -0.2 0.3 -0.2 -0.1 0.1 0.4 340 3.3 2.4 1.2 2.0 1.1 1.6 1.2 150 1.2 0.0 -0.2 -0.7 0.3 0.1 0.6 333 MHz ns ns TYP1 2.8 3.1 3.1 2.8 3.2 0.9 MAX 4.2 4.9 5.0 5.2 4.4 3.3 MIN VCC = 2.7V TYP 3.1 3.4 3.5 3.3 3.3 0.7 ns MAX 4.7 5.4 5.8 6.1 4.8 ns ns ns UNIT
tW
1998 Sep 24
9
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
AC WAVEFORMS
An, Bn INPUT
GND
CPXX, LEXX INPUT GND
NOTE: The unshaded areas indicate when the input is permitted to change for predictable output performance.
VI An, Bn INPUT GND tPHL VOH Bn, An OUTPUT VOL tPLH VM
Waveform 4. Data set-up and hold times for the An and Bn inputs to the LEAB, LEBA, CPAB and CPBA inputs
TEST CIRCUIT
VCC S1 2VM
SW00063
Waveform 1. Input (An, Bn) to output (Bn, An) propagation delays
VI LEXX INPUT CPXX INPUT GND VOH An, Bn OUTPUT VOL VM 1/fmax
SWITCH POSITION
tW tPHL tPLH VM
tPLH/tPHL tPLZ/tPZL tPHZ/tPZH
SW00134
Waveform 2. Latch enable input (LEAB, LEBA) and clock pulse input (CPAB, CPBA) to output propagation delays and their pulse width
VI OEXX INPUT GND VM
DEFINITIONS RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators.
SW00047
tPLZ VCC OUTPUT LOW-to-OFF OFF-to-LOW VOL tPHZ VOH OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled VY
tPZL
VM VX
tPZH
VM
outputs enabled
SW00127
Waveform 3. 3-State enable and disable times
1998 Sep 24
10
EEEEEEEEE EEE E EEE E EEEEEEEEE EEE EEEEEEE EEE
VI VM th th tSU tSU VI VM
VCC = 2.3 TO 2.7 V RANGE 1. VM = 0.5 V 2. VX = VOL + 0.15V 3. VY = VOH - 0.15V 4. VI = VCC 5. VOL and VOH are the typical output voltage drop that occur with the output load. VCC = 3.0 TO 3.6 V RANGE AND VCC = 2.7 V 1. VM = 1.5 V 2. VX = VOL + 0.3V 3. VY = VOH - 0.3V 4. VI = 2.7 V 5. VOL and VOH are the typical output voltage drop that occur with the output load.
SW00128
Test Circuit for 3-State Outputs TEST SWITCH Open 2Load circuitry for switching times
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1mm
SOT364-1
1998 Sep 24
11
Philips Semiconductors
Product specification
18-bit universal bus transceiver (3-State)
74ALVCH16601
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. Date of release: 06-98 Document order number: 9397-750-04798
Philips Semiconductors
1998 Sep 24 12


▲Up To Search▲   

 
Price & Availability of 74ALVCH16601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X