Part Number Hot Search : 
SS402 2N50C3 ZFMDK10C F4007 STBS028 SL1495 HPA26AX TESTEXEC
Product Description
Full Text Search
 

To Download 604D272F005GJ7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 604D
Vishay Sprague
Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
FEATURES
* 4-Terminal construction * Very low impedance * Inductance limit 2nH * Wide temperature range
Fig.1 Component outlines.
* Available on special order - Call Buy/Resale Division for part numbers and specifications
QUICK REFERENCE DATA
DESCRIPTION Nominal case size OD x L in mm Operating temperature Rated Capacitance range, CR Tolerance on CR Rated voltage range, UR Termination Life validation test 2000 hours at 105 C VALUE 20.625 x 46.812 to 26.975 x 97.612 - 55 C to + 105 C 47 F to 22000 F - 10 %, + 50 % 5 WVDC to 200 WVDC 4-terminal CAP 15 % from initial measurement. ESR < 1.5 x initial specified limit. DCL < initial specified limit 500 hours: C < 10 % from initial measurement. ESR < 1.2 x initial specified limit. DCL < 2.0 x initial specified K is a constant: 0.5 at - 25 C, 3.0 at + 105 C I in A, C in F, V in Volts
LOW TEMPERATURE PERFORMANCE
CAPACITANCE RATIO C - 55 C/C + 25 C MINIMUM at 120 HZ Rated Voltage WVDC 5 - 50 51 - up Capacitance Remaining 75 % 80 %
ESR RATIO ESR - 55 C/ESR + 25 C MAXIMUM at 120 Hz Rated Voltage WVDC 5 - 50 51 - up Multiplier 12 18
Shelf life 500 hours at 105 C
RIPPLE CURRENT MULTIPLIERS
For ripple current values contact the factory.
DC leakage current I = K CV
DIMENSIONS in millimeters
CASE CODE GJ GL GP GS GT HJ HL HP BARE CASE D 19.050 0.787 19.050 0.787 19.050 0.787 19.050 0.787 19.050 0.787 22.225 0.787 22.225 0.787 22.225 0.787 L 41.275 1.575 53.975 1.575 66.675 1.575 79.375 1.575 92.075 1.575 28.575 1.575 66.675 1.575 53.975 1.575 OUTER INSULATION WITH POLYMER COATED END SEALS D 20.625 0.787 20.625 0.787 20.625 0.787 20.625 0.787 20.625 0.787 23.800 0.787 23.800 0.787 23.800 0.787 L (MAX.) 46.812 59.512 72.212 84.912 97.612 34.112 72.212 59.512 LEAD SPACING S 6.350 0.381 6.350 0.381 6.350 0.381 6.350 0.381 6.350 0.381 7.620 0.381 7.620 0.381 7.620 0.381
Document Number: 42040 Revision: 13-Apr-04
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com 249
604D
Vishay Sprague
Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
DIMENSIONS in millimeters
CASE CODE HS HT JJ JL JP JS JT BARE CASE D 22.225 0.787 22.225 0.787 25.400 0.787 25.400 0.787 25.400 0.787 25.400 0.787 25.400 0.787 L 92.075 1.575 79.375 1.575 41.275 1.575 53.975 1.575 66.675 1.575 79.375 1.575 92.075 1.575 OUTER INSULATION WITH POLYMER COATED END SEALS D 23.800 0.787 23.800 0.787 26.975 0.787 26.975 0.787 26.975 0.787 26.975 0.787 26.975 0.787 L (MAX.) 97.612 84.912 46.812 59.512 72.212 84.912 97.612 LEAD SPACING S 7.620 0.381 7.620 0.381 10.160 0.381 10.160 0.381 10.160 0.381 10.160 0.381 10.160 0.381
DIMENSIONS AND AVAILABLE FORMS
L
C L D 2.5 +1 -0 TYP. PVC Sleeve 0.040 DIA. (No. 18 AWG) TINNED COPPER
0.040 Diameter (No. 18 AWG) - Case Diameter G,H,J 1.016
ELECTRICAL DATA
SYMBOL F % DC GJ 7 rated capacitance F = 10 %, + 50 % voltage rating at 105 C see dimensions in millimeters table termination DESCRIPTION
ORDERING EXAMPLE
Electrolytic capacitor 604D series 604D 272 F 005 GJ 7 Nominal case size: 20.625 x 46.812 mm
www.vishay.com 250
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 42040 Revision: 13-Apr-04


▲Up To Search▲   

 
Price & Availability of 604D272F005GJ7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X