Part Number Hot Search : 
HS5151 192A1350 800000 3112D 2N7106 BD185 25C09RE 20010
Product Description
Full Text Search
 

To Download 2W10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005G - 2W10G
2.0A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * * * Glass Passivated Die Construction Diffused Junction Low Forward Voltage Drop, High Current Capability Surge Overload Rating to 60A Peak Ideal for Printed Circuit Boards Case to Terminal Isolation Voltage 1500V Plastic Material: UL Flammability Classification Rating 94V-0 UL Listed Under Recognized Component Index, File Number E94661
A B + C E
Dim A WOG Min 8.84 4.00 27.90 25.40 0.71 4.60 Max 9.86 4.60 3/4 3/4 0.81 5.60
D
B C D E G
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As marked on Body Weight: 1.3 grams (approx.) Mounting Position: Any Marking: Type Number
-
All Dimensions in mm
+ G
G
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TA = 25C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load per element (JEDEC Method) Forward Voltage (per element) @ IF = 2.0A Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance Junction to Case Operating and Storage Temperature Range Notes: @ TA = 25C @ TA = 125C (Note 2) Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJC Tj, TSTG 2W 005G 50 35
@ TA = 25C unless otherwise specified
2W 01G 100 70
2W 02G 200 140
2W 04G 400 280 2.0 60 1.1 5.0 500 16 40 -65 to +150
2W 06G 600 420
2W 08G 800 560
2W 10G 1000 700
Unit V V A A V mA pF C/W C
1. Thermal resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS21204 Rev. G-2
1 of 2
2W005G - 2W10G
1.5
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.0
Single phase half-sine-wave 60Hz resistive or inductive load
10
IF, AVERAGE FORWARD CURRENT (A)
1.0
1.0
0.5
0.1
0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 150
0.01
Tj = 25C Pulse width = 300s
0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
60
100
Pulse Width 8.3 ms Single Half-Sine-Wave (JEDEC Method)
IFSM, PEAK FORWARD SURGE CURRENT (A)
Tj = 25C f = 1mz
40 30
Cj, JUNCTION CAPACITANCE (pF)
1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
50
10
20 10 0
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (A)
200 100
Tj = 100C
10
1.0
Tj = 25C
0.1
0.01 120 0 40 80 160 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS21204 Rev. G-2
2 of 2
2W005G - 2W10G


▲Up To Search▲   

 
Price & Availability of 2W10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X