Part Number Hot Search : 
08783 MIC2586 MURA210G S3C9648 1C102 0HSR3 MPC4D VG024
Product Description
Full Text Search
 

To Download 2SC3981 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC3981, 2SC3981A
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
Unit: mm
s Features
q q q q
0.7
q
16.20.5 12.5 3.5 Solder Dip
High-speed switching High collector to base voltage VCBO Wide area of safe operation (ASO) Satisfactory linearity of foward current transfer ratio hFE Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 900 1000 900 1000 800 7 10 5 3 80 3 150 -55 to +150 Unit V
15.00.3 11.00.2
5.00.2 3.2
21.00.5 15.00.2
3.20.1
2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SC3981 2SC3981A 2SC3981 VCES VCEO VEBO ICP IC IB Ta=25C PC Tj Tstg Symbol VCBO
emitter voltage 2SC3981A Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Junction temperature Storage temperature
V V V A A A W C C
1:Base 2:Collector 3:Emitter TOP-3 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time 2SC3981 2SC3981A
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 900V, IE = 0 VCB = 1000V, IE = 0 VEB = 7V, IC = 0 IC = 10mA, IB = 0 VCE = 5V, IC = 0.1A VCE = 5V, IC = 3A IC = 3A, IB = 0.6A IC = 3A, IB = 0.6A VCE = 5V, IC = 0.5A, f = 1MHz IC = 3A, IB1 = 0.6A, IB2 = -1.2A, VCC = 250V 15 0.7 2.5 0.3 800 8 6 1.5 1.5 V V MHz s s s min typ max 50 50 50 Unit A A V
1
Power Transistors
PC -- Ta
120 12 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=3W) (1) 60 TC=25C 10
2SC3981, 2SC3981A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=5 30 10 3 1 -25C 0.3 0.1 0.03 0.01 0.01 0.03 TC=100C
VCE(sat) -- IC
Collector power dissipation PC (W)
100
Collector current IC (A)
80
8
IB=1A 0.8A
6 0.5A 4 0.4A 0.3A 0.2A 2 0.1A
40
20
(2) (3)
25C
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=5 1000 VCE=5V 100
fT -- IC
VCE=5V f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
30
300
Transition frequency fT (MHz)
1 3 10
30
10
100 25C 30 TC=100C
10
3
3
1
TC=-25C 100C 25C
10
-25C
1
0.3
3
0.3
0.1 0.01 0.03
0.1
0.3
1
3
10
1 0.01 0.03
0.1
0.3
0.1 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
1000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=5 (2IB1=-IB2) VCC=200V TC=25C tstg
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C ICP IC 0.5ms 1ms 10ms DC t=0.1ms
Collector output capacitance Cob (pF)
Switching time ton,tstg,tf (s)
300
Collector current IC (A)
8
10 3 1 0.3 0.1 0.03 tf
10 3 1 0.3 0.1 0.03 0.01
100
30
10
ton
3
1 1 3 10 30 100
0.01 0 1 2 3 4 5 6 7
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Area of safe operation, reverse bias ASO
16 14 Lcoil=100H IC/IB=5 (IB1=-IB2) TC=25C
2SC3981, 2SC3981A
Reverse bias ASO measuring circuit
L coil IB1 T.U.T IC
Collector current IC (A)
12 10 8 6 4 2 0 0
2SC3981A 2SC3981
ICP
Vin
-IB2
VCC
IC
tW
Vclamp
200 400 600 800 1000 1200 1400 1600
Collector to emitter voltage VCE (V)
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.3A (3W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
Thermal resistance Rth(t) (C/W)
1000
100 (1) 10 (2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SC3981

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X