Part Number Hot Search : 
UPD64 T82V2 SKY14141 11002 SKY14141 H1036 NSB8JT P100A
Product Description
Full Text Search
 

To Download 2N2904A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR SWITCHING TRANSISTORS
Boca Semiconductor Corp. BSC http://www.bocasemi.com
2N2904A 2N2905A TO-39
Switching And Linear Application DC to VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL 2N2904A, 05A UNIT V V V mA mW mW/deg C W mW/deg C deg C
VCEO 60 Collector -Emitter Voltage VCBO 60 Collector -Base Voltage VEBO 5.0 Emitter -Base Voltage IC 600 Collector Current Continuous PD 600 Power Dissipation @Ta=25 degC 3.43 Derate Above 25deg C PD 3.0 @ Tc=25 degC 17.2 Derate Above 25deg C Tj, Tstg -65 to +200 Operating And Storage Junction Temperature Range ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION Collector -Emitter Voltage Collector -Base Voltage Emitter-Base Voltage Collector-Cut off Current SYMBOL VCEO* VCBO VEBO ICBO TEST CONDITION IC=10mA,IB=0 IC=10uA.IE=0 IE=10uA, IC=0 VCB=50V, IE=0
VALUE MIN MAX 60 60 5.0 10
UNIT V V V nA
Base Current Collector Emitter Saturation Voltage Base Emitter Saturation Voltage
Ta=150 deg C VCB=50V, IE=0 ICEX VCE=30V, VBE=0.5V IB VCE=30V, VBE=0.5V VCE(Sat)* IC=150mA,IB=15mA IC=500mA,IB=50mA VBE(Sat) * IC=150mA,IB=15mA IC=500mA,IB=50mA
2N2904A >40 >40 >40 40-120 >40
10 50 50 0.4 1.6 1.3 2.6 2N2905A >75 >100 >100 100-300 >50
uA nA nA V V V V
DC Current Gain
hFE
IC=0.1mA,VCE=10V IC=1mA,VCE=10V IC=10mA,VCE=10V IC=150mA,VCE=10V* IC=500mA,VCE=10V*
http://www.bocasemi.com
page: 1
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION DYNAMIC CHARACTERISTICS ft ** IC=50mA, VCE=20V,f=100MHz Transition Frequency Cob VCB=10V, IE=0,f=100kHz Out-Put Capacitance Cib VBE=2V, IC=0, f=100kHz Input Capacitance Switching Time td IC=150mA,IB1=15mA Delay time tr VCC=30V Rise time ton Turn-On Time ts IC=150mA, IB1=IB2=15mA Storage time tf VCC=6V Fall time toff Turn-Off Time *Pulse Test :-Pulse Width=300us, Duty Cycle=2% **ft is defined as the frequency at which \hfe/ extrapolates to unity
MIN 200 -
2N2904A-05A MAX 8.0 30 10 40 45 80 30 100
UNIT MHz pF pF ns ns ns ns ns ns
-
TO-39 Metal Can Package
A B
D G
2 1 3
All dimensions are in mm
DIM A B C D E F G H J K L
M IN MAX 8.50 9.39 7.74 8.50 6.09 6.60 0.40 0.53 -- 0.88 2.41 2.66 4.82 5.33 0.71 0.86 0.73 1.02 12.70 -- 42 DE G 48 DE G
E
K
C
L
H J
3 2 1
P IN C O N FIG U R ATIO N 1. EM ITTE R 2. BA SE 3. COLLE CTO R
http://www.bocasemi.com
F
page: 2


▲Up To Search▲   

 
Price & Availability of 2N2904A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X