Part Number Hot Search : 
D789D UHE0J183 LB1833 2N440308 MSO5SM D1NJ10 C1551 LA1050
Product Description
Full Text Search
 

To Download 2N2060CAN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2060
Silicon NPN Transistor
Data Sheet
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N2060J) * JANTX level (2N2060JX) * JANTXV level (2N2060JV) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV * Radiation testing (total dose) upon request
Applications
* Matched, Dual Transistors * Low power * NPN silicon transistor
Features
* * * * Hermetically sealed TO-77 metal can Also available in chip configuration Chip geometry 0410 Reference document: MIL-PRF-19500/270
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 Absolute Maximum Ratings Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25C Derate linearly above 25C Power Dissipation, TC = 25C Derate linearly above 25C Operating Junction Temperature Storage Temperature
Copyright 2002 Rev. G
* Qualification Levels: JAN, JANTX, and JANTXV * Radiation testing available
TC = 25C unless otherwise specified
Symbol VCEO VCBO VEBO IC PT
PT TJ TSTG Semicoa Semiconductors, Inc.
Rating 60 100 7 500 540 one section 600 both sections 3.08 one section 3.48 both sections 1.5 one section 2.12 both sections 8.6 one section 12.1 both sections -65 to +200
Unit Volts Volts Volts mA mW mW mW/C mW/C W W mW/C mW/C C
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 1
www.SEMICOA.com
2N2060
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics Parameter Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Base Cutoff Current Collector-Emitter Cutoff Current Collector-Emitter Cutoff Current Collector-Emitter Cutoff Current Emitter-Base Cutoff Current Symbol V(BR)CEO V(BR)CER ICBO1 ICBO2 ICBO3 ICEO ICEX ICES IEBO1 IEBO2 Test Conditions IC = 30 mA IC = 10 mA, RBE = 10 VCB = 100 Volts VCB = 80 Volts VCB = 80 Volts, TA = 150C VCE = xx Volts VCE = xx Volts, VEB = x Volts VCE = xx Volts VEB = 7 Volts VEB = 5 Volts 10 2 Min 60 80 10 2 10 Typ Max Units Volts Volts A nA A A A nA A nA
On Characteristics Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE5 |VBE1 - VBE2|1 |VBE1 - VBE2|2 |VBE1 - VBE2|1 |VBE1 - VBE2|2 Test Conditions IC = 10 A, VCE = 5 Volts IC = 100 A, VCE = 5 Volts IC = 1 mA, VCE = 5 Volts IC = 10 mA, VCE = 5 Volts IC = 100 A, VCE = 5 Volts TA = -55C VCE = 5 Volts, IC = 100 A VCE = 5 Volts, IC = 1 mA VCE = 5 Volts, IC = 100 A TA = 25C and -55C VCE = 5 Volts, IC = 1 mA TA = 25C and +125C
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
Min 25 30 40 50 10
Typ
Max 75 90 120 150
Units
DC Current Gain
Base-Emitter Voltage Differential Base-Emitter Voltage Differential change with temperature
5 .8 1
mVolts mVolts
Copyright 2002 Rev. G
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com
2N2060
Silicon NPN Transistor
Data Sheet Dynamic Characteristics Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Small Signal Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Open Circuit Input Capacitance Symbol |hFE| hFE COBO CIBO NF1 NF2 Short Circuit Input Impedance Short Circuit Input Impedance Open Circuit Output Admittance hib hie hoe Test Conditions VCE = 10 Volts, IC = 50 mA, f = 20 MHz VCE = 5 Volts, IC = 1 mA, f = 1 kHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VEB = 0.5 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz VCE = 10 Volts, IC = 300 A, f = 1 kHz, Rg = 510 VCE = 10 Volts, IC = 300 A, f = 10 kHz, Rg = 1 k VCB = 5V, IC = 1mA, f = 1kHz VCB = 5V, IC = 1mA, f = 1kHz VCB = 5V, IC = 1mA, f = 1kHz Min 3 50 Typ Max 25 150 15 85 8 dB 8 20 1 30 4 16 k mhos pF pF Units
Noise Figure
Copyright 2002 Rev. G
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 3 of 3
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N2060CAN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X