Part Number Hot Search : 
PI49FCT AT28C256 AZ23C12 MUN5111 Z1200R 2SK231 LX5514LL J16CA3
Product Description
Full Text Search
 

To Download 2N2060A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
8.51 (0.335) 9.40 (0.370) 7.75 (0.305) 8.51 (0.335)
SEME
2N2060A
DUAL AMPLIFIER TRANSISTOR
1.02 (0.040) Max.
12.7 (0.500) Min.
6.10 (0.240) 6.60 (0.260)
Small Signal Dual Transistor in a TO-77 Hermetic Package.
0.41 (0.016) 0.53 (0.021) 5.08 (0.200) 2.54 (0.100)
2.54 (0.100)
3 2
4
5 6
0.74 (0.029) 1.14 (0.045)
1
45
0.71 (0.028) 0.86 (0.034)
TO-77 METAL PACKAGE
PIN 1 - Collector PIN 2 - Base PIN 3 - Emitter PIN 4 - Emitter PIN 5 - Base PIN 6 - Collector
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VCEO VCER VCBO VEBO IC TJ , Tstg PD PD Collector - Emitter Voltage Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current Operating and Storage Junction Temperature Range Total Device Dissipation Total Device Dissipation @ TA = 25C Derate above 25C @ TC = 25C Derate above 25C 60V 80V 100V 7V 500mA -65 to +200C Per Side Total Device 0.5W 0.6W 2.86mW/C 3.43mW/C 1.5W 3.0W 8.61mW/C 17.2mW/C
Prelim. 4/96
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
LAB
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated)
Parameter
VCER(sus)* V(BR)CBO V(BR)EBO ICBO IEBO
SEME
2N2060A
Test Conditions
RBE 10W IB = 0 IE = 0 IC = 0 TA = 150C IC = 0 VCE = 5V VCE = 5V VCE = 5V VCE = 5V IB = 5mA IB = 5mA VCE = 10V VCB = 10V VBE = 0.5V VCE = 5V VCB = 10V VCE = 5V
Min.
80 60 100 7
Typ.
Max. Unit
V
OFF CHARACTERISTICS Collector - Emitter Breakdown Voltage IC = 100mA IC = 30mA IC = 100mA IE = 100mA VCB = 80V IE = 0 VBE = 5V IC = 10mA Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current ON CHARACTERISTICS
VCEO(sus)* Collector - Emitter Sustaining Voltage
V V V 0.002 10 2.0
mA
nA
25 30 40 50
75 90 120 150 0.6 0.9 V --
hFE
DC Current Gain
IC = 100mA IC = 1mA IC = 10mA IC = 50mA IC = 50mA IC = 50mA f = 20MHz IE = 0 f = 1MHz IC = 0 f = 1MHz IC = 1mA f = 1kHz IC = 1mA f = 1kHz IC = 1mA f = 1kHz IC = 100mA IC = 1mA IC = 100mA IC = 1mA IC = 100mA
VCE(sat) VBE(sat)
Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS
fT Cob Cib hie hib hfe hoe
Current Gain Bandwidth Product Output Capacitance Input Capacitance Input Impedance Input Impedance Small Signal Current Gain Output Admittance MATCHING CHARACTERISTICS
60 15 85 1000 20 50 4000 30 150 16
MHz pF pF
W
W
--
mmhos
hFE1/hFE2
1/2VBE1-VBE21/2 D(VBE1-VBE2) DT
DC Current Gain Ratio 1 Base - Emitter Voltage Differential Base - Emitter Voltage Differential Change Due To Temperature
VCE = 5V VCE = 5V VCE = 5V VCE = 5V VCE = 5V
0.9 0.9
1.0 1.0 3.0 5.0 5.0
-- mV
mV/C
TA = -55 to +125C
* Pulse Test: tp 300ms, d 2%. 1) The lowest hFE reading is taken as hFE1 for this ratio.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 4/96


▲Up To Search▲   

 
Price & Availability of 2N2060A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X