Part Number Hot Search : 
2SCR543R PAC03 10H12D XE5224FD PSW1C 11801 MJE5850 16NF10
Product Description
Full Text Search
 

To Download 1N5404G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G - 1N5408G
3.0A GLASS PASSIVATED RECTIFIER Features
* * * * * Glass Passivated Die Construction Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 125A Peak Plastic Material has UL Flammability Classification 94V-0
A
B
A
D
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 1.12 grams (approx) Mounting Position: Any Marking: Type Number
DO-201AD Dim A B C D Min 25.40 7.20 1.20 4.80 Max -- 9.50 1.30 5.30
All Dimensions in mm @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range Notes: @ IF = 3.0A @TA = 25C @ TA = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG
1N 1N 1N 1N 1N 1N 1N 1N 1N 5400G 5401G 5402G 5403G 5404G 5405G 5406G 5407G 5408G Unit 50 35 100 70 200 140 300 210 400 280 3.0 125 1.1 5.0 100 2.0 40 32 -65 to +150 500 350 600 420 800 580 1000 700 V V A A V mA ms pF K/W C
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
DS29003 Rev. D-2
1 of 2
1N5400G-1N5408G
IO, AVERAGE FORWARD RECTIFIED CURRENT (A)
4
100
3
IF, INSTANTANEOUS FORWARD CURRENT (A)
Single phase half wave, 60Hz resistive or inductive load
10
2
1.0
1
0.1
0
0
25
50
75
100
125
150
175
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
200
Tj = 25C f = 1MHz
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
200
IFSM, PEAK FORWARD SURGE CURRENT (A)
Pulse Width = 8.3ms single half sine-wave
Cj, JUNCTION CAPACITANCE (pF)
100
100
10 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Peak Forward Surge Current 100
10 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (A)
100
Tj = 125C
10
1.0
Tj = 25C
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS29003 Rev. D-2
2 of 2
1N5400G-1N5408G


▲Up To Search▲   

 
Price & Availability of 1N5404G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X