Part Number Hot Search : 
74HC21N P6201 2SD2582 MAX1665S 354507 S12MD1 80C32E H30N60
Product Description
Full Text Search
 

To Download 1N4001GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001GP-1N4007GP
Discrete POWER & Signal Technologies
1N4001GP - 1N4007GP
Features * * * *
Low forward voltage drop. High surge current capability. High reliability. High current capability.
1.0 min (25.4)
Dimensions in inches (mm)
0.205 (5.21) 0.160 (4.06)
DO-41
COLOR BAND DENOTES CATHODE
0.107 (2.72) 0.080 (2.03) 0.034 (0.86) 0.028 (0.71)
1.0 Ampere Glass Passivated Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge)
TA = 25C unless otherwise noted
Parameter
Average Rectified Current .375 " lead length @ T A = 75C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to ambient Storage Temperature Range Operating Junction Temperature
Value
1.0
Units
A
30 3.0 20 50 -65 to +175 -65 to +175
A W mW /C C/W C C
PD RJA Tstg TJ
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted
Device
4001GP 4002GP 4003GP 4004GP 4005GP 4006GP 4007GP
Units
600 420 600 800 560 800 1000 700 1000 V V V A A V pF
Peak Repetitive Reverse Voltage Maximum RMS Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Current @ rated VR TA = 25C TA = 125C Maximum Forward Voltage @ 1.0 A Typical Junction Capacitance VR = 4.0 V, f = 1.0 MHz
50 35 50
100 70 100
200 140 200
400 280 400 5.0 50 1.1 8.0
(c)1999 Fairchild Semiconductor Corporation
1N4001GP-1N4007GP, Rev. A
1N4001GP-1N4007GP
Glass Passivated Rectifiers
(continued)
Typical Characteristics
Non-Repetitive Surge Current
PEAK FORWARD SURGE CURRENT (A) 40
FORWARD CURRENT (A) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2
Forward Current Derating Curve
30
20
10
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" 9.0 mm LEAD LENGTHS
0
0
0
25
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
50 75 100 125 150 AMBIENT TEMPERATURE ( C)
175
Typical Junction Capacitance
100 JUNCTION CAPACITANCE (pF) FORWARD CURRENT (A) 50 10
Forward Characteristics
20 10 5
1
0.1
TJ = 25 C A Pulse Width = 200S 300S 1% 2% Duty Cycle
2 1 0.1
0.5 1 2 REVERSE VOLTAGE (V)
5
10
0.01 0.4
0.6
0.8 1 1.2 1.4 FORWARD VOLTAGE (V)
1.6
1N4001GP-1N4007GP, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of 1N4001GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X