Part Number Hot Search : 
7D1DP30Q 153KL IDT74 EGP20G UPD030A 74HCT138 GKDA3M8 SNXXX
Product Description
Full Text Search
 

To Download UPA1758 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA1758
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
DESCRIPTION
This product is Dual N-Channel MOS Field Effect Transistor designed for power management application of notebook computers, and Li-ion battery application.
FEATURES
* Dual MOS FET chips in small package * 2.5 V gate drive type low on-state resistance RDS(on)1 = 30 m (MAX.) (VGS = 4.5 V, ID = 3.0 A) RDS(on)2 = 40 m (MAX.) (VGS = 2.5 V, ID = 3.0 A) * Low Ciss : Ciss = 1100 pF (TYP.) * Built-in G-S protection diode * Small and surface mount package (Power SOP8)
PACKAGE DRAWING (Unit : mm)
8 5 1 ; Source 1 2 ; Gate 1 7, 8 ; Drain 1 3 ; Source 2 4 ; Gate 2 5, 6 ; Drain 2 1 4 5.37 Max.
+0.10 -0.05
6.0 0.3 4.4 0.8
0.15
ORDERING INFORMATION
PART NUMBER PACKAGE Power SOP8
1.8 Max.
1.44
0.05 Min.
0.5 0.2 0.10
1.27 0.40
0.78 Max. 0.12 M
PA1758G
+0.10 -0.05
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Drain to Source Voltage (VGS = 0) Gate to Source Voltage (VDS = 0) Drain Current (DC) Drain Current (Pulse)
Note1 Note2 Note2
EQUIVALENT CIRCUIT
30 12.0 6.0 24 1.7 2.0 150 -55 to + 150 V V A A W W C C
Gate Body Diode Drain
VDSS VGSS ID(DC) ID(pulse) PT PT Tch Tstg
Total Power Dissipation (1 unit) Total Power Dissipation (2 unit) Channel Temperature Storage Temperature
Gate Protection Diode
Source
Notes 1. PW 10 s, Duty cycle 1 % 2. Mounted on ceramic substrate of 2000 mm x 1.1 mm Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
2
The information in this document is subject to change without notice.
Document No. D12911EJ1V0DS00 (1st edition) Date Published October 1998 NS CP(K) Printed in Japan
(c)
1998
PA1758
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTICS Drain to Source On-state Resistance SYMBOL RDS(on)1 RDS(on)2 Gate to Source Cutoff Voltage Forward Transfer Admittance Drain Leakage Current Gate to Source Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode forward Voltage VGS(off) | yfs | IDSS IGSS Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) IF = 6.0 A, VGS = 0 ID = 6.0 A, VDD = 24 V, VGS = 4.0 V ID = 3.0 A, VGS(on) = 4.0 V, VDD = 15 V RG = 10 TEST CONDITIONS VGS = 4.5 V, ID = 3.5 A VGS = 2.5 V, ID = 3.5 A VDS = 10 V, ID = 1.0 mA VDS = 10 V, ID = 3.5 A VDS = 30 V, VGS = 0 VGS = 12.0 V, VDS = 0 VDS = 10 V, VGS = 0, f = 1 MHz 1100 370 170 50 190 550 490 15.0 2.0 6.5 0.8 0.5 5.0 MIN. TYP. 20 25 0.8 13 10 10 MAX. 30 40 1.5 UNIT m m V S
A A
pF pF pF ns ns ns ns nC nC nC V
TEST CIRCUIT 1 SWITCHING TIME
D.U.T. RL
VGS VGS
Wave Form
TEST CIRCUIT 2 GATE CHARGE
D.U.T. IG = 2 mA PG.
90 % 90 % ID
PG.
RG RG = 10
0 ID
10 %
VGS (on)
90 %
RL VDD
VDD
50
VGS 0 t
t = 1 s Duty Cycle 1 %
ID
Wave Form
0
10 % td (on) ton tr td (off) toff
10 % tf
2
PA1758
TYPICAL CHARACTERISTICS (TA = 25 C)
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1 000
rth(t) - Transient Thermal Resistance - C/W
100
10
1
0.1
0.01 0.001
Mounted on ceramic Single Pulse substrate of 2000mm2 x 1.1mm Single Pulse , 1 unit
10
100
1m
10 m
100 m
1
10
100
1 000
PW - Pulse Width - s
RDS(on) - Drain to Source On-state Resistance - m
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 75 Pulsed
|yfs| - Forward Transfer Admittance - S
100 TA=-50C TA=-25C TA=25C 10
VDS=10V Pulsed
50
ID=3 A
TA=75C TA=125C TA=150C 1
25
0.1
1
10
100
0
2
4
6
8
10
12
14
ID- Drain Current - A
VGS - Gate to Source Voltage - V
RDS(on) - Drain to Source On-state Resistance - m
VGS(off) - Gate to Source Cut-off Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT Pulsed 70 60 50 40 30 20 10 0 1 VGS=4.5V VGS=2.5V
GATE TO SOURCE CUTOFF VOLTAGE vs. CHANNEL TEMPERATURE 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 - 50 0 50 100 150 VDS=10 V ID=1 mA
10 ID - Drain Current - A
100
Tch - Channel Temperature - C
3
PA1758
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE
SOURCE TO DRAIN DIODE FORWARD VOLTAGE Pulsed
IF - Diode Forward Current - A
40
VGS=2.5V 100 VGS=2.5V 10
30
20
VGS=4.5V
1
VGS=0V
10 ID= 3.0 A - 50 0 50 100 150
0.1 0 0.5 1.0 1.5
0
Tch - Channel Temperature - C
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000
SWITCHING CHARACTERISTICS 1 000
td(on), tr, td(off), tf - Switching Time - ns
Ciss, Coss, Crss - Capacitance - pF
VGS = 0 f = 1 MHz
tf tr td(off) td(on)
Ciss 1000 Coss
100
100 Crss
10
10 0.1
1
10
100
1 0.1
VDS=15V VGS=4V RG =10 1 10 100 ID - Drain Current - A
VDS - Drain to Source Voltage - V
REVERSE RECOVERY TIME vs. DRAIN CURRENT 1 000
trr - Reverse Recovery Diode - ns
VDS - Drain to Source Voltage - V
VGS = 4 V 30 VDD=24 V VDD=15 V VDD=6 V VGS 6
100
20
4
10
10
2
1 0.1
1
10
100
0
4
8
12
0 16
ID - Drain Current - A
QG - Gate Charge - nC
4
VGS - Gate to Source Voltage - V
di/dt =100A/ s VGS = 0
DYNAMIC INPUT/OUTPUT CHARACTERISTICS 40 ID=6.0 A 8
PA1758
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE
PT - Total Power Dissipation - W/package
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 20 40 60 80 100 120 140 160 2 unit 1 unit Mounted on ceramic substrate of 2000mm2x1.1mm
dT - Percentage of Rated Power - %
100 80 60 40 20
0
20
40
60
80
100 120 140 160
TA - Ambient Temperature - C
TA - Ambient Temperature - C
FORWARD BIAS SAFE OPERATING AREA 100
Mounted on ceramic substrate of 2 d ite ID(pulse) = 24 A 2000mm x1.1mm, 1 unit im V) Pw )L 5 on = S( 4. 1 RD GS= m Pw s 10 (V ID(DC)=6 A = 10 Pw m s = Po 10 we 0 m rD s iss ipa 1 tio n Lim ite d
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE Pulsed 25
ID - Drain Current - A
ID - Drain Current - A
20 15 10 5
VGS=4.5 V
VGS=2.5 V
0.1 0.1
TA = 25 C Single Pulse
1
10
100
0
0.2
0.4
0.6
0.8
VDS - Drain to Source Voltage - V
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS 100 Pulsed
ID - Drain Current - A
10 TA=150C TA=125C 1 TA=75C TA=25C TA=-25C TA=-50C 0.1
0
1
2
3
4
VGS - Gate to Source Voltage - V
5
PA1758
[MEMO]
6
PA1758
[MEMO]
7
PA1758
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of UPA1758

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X