|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SS9011 SS9011 AM Converter, AM/FM IF Amplifier General Purpose Transistor 1 TO-92 1. Emitter 2. Base 3. Collector NPN Epitaxial Silicon Transistor Absolute Maximum Ratings Ta=25C unless otherwise noted Symbol VCBO VCEO VEBO IC PC TJ TSTG Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Dissipation Junction Temperature Storage Temperature Parameter Ratings 50 30 5 30 400 150 -55 ~ 150 Units V V V A W C C Electrical Characteristics Ta=25C unless otherwise noted Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE VCE (sat) VBE (on) Cob fT NF Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter on Voltage Output Capacitance Current Gain Bandwidth Product Noise Figure Test Condition IC = 100A, IE =0 IC =1mA, IB =0 IE = 100A, IC =0 VCB = 50V, IE =0 VEB = 5V, IC =0 VCE = 5V, IC = 1mA IC = 10mA, IB = 1mA VCE = 5V, IC = 1mA VCB = 10V, IE = 0 f = 1MHz VCE = 5V, IC = 1mA VCE = 5V, IC = 1.0 mA f=1MHz, RS = 500 0.65 150 28 90 0.08 0.7 1.5 370 2.0 4.0 Min. 50 30 5 100 100 198 0.3 0.75 V V pF MHz dB Typ. Max. Units V V V nA nA hFE Classification Classification hFE D 28 ~ 45 E 39 ~ 60 F 54 ~ 80 G 72 ~ 108 H 97 ~ 146 I 132 ~ 198 (c)2000 Fairchild Semiconductor International Rev. A, February 2000 SS9011 Typical Characteristics 50 1000 VCE = 5V IC[mA], COLLECTOR CURRENT 40 hFE, DC CURRENT GAIN 80 100 30 IB=450uA IB=400uA IB=350uA IB=300uA IB=250uA IB=200uA 100 20 IB=150uA IB=100uA 10 10 IB=50uA 0 0 20 40 60 1 0.1 1 10 100 1000 VCE[V], COLLECTOR-EMITTER VOLTAGE IC[mA], COLLECTOR CURRENT Figure 1. Static Characteristic Figure 2. DC current Gain 1000 fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT VBE(sat), VCE(sat)[V], SATURATION VOLTAGE 1000 VCE=5V VBE(sat) 100 100 VCE(sat) IC=10IB 10 10 1 10 100 1 0.1 1 10 100 1000 IC[mA], COLLECTOR CURRENT IC[mA], COLLECTOR CURRENT Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Figure 4. Current Gain Bandwidth Product (c)2000 Fairchild Semiconductor International Rev. A, February 2000 SS9011 Package Demensions TO-92 4.58 -0.15 +0.25 0.46 14.47 0.40 0.10 4.58 0.20 1.27TYP [1.27 0.20] 3.60 0.20 1.27TYP [1.27 0.20] 0.38 -0.05 +0.10 3.86MAX 1.02 0.10 0.38 -0.05 +0.10 (R2.29) (0.25) Dimensions in Millimeters (c)2000 Fairchild Semiconductor International Rev. A, February 2000 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM DISCLAIMER HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench(R) QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2000 Fairchild Semiconductor International Rev. E |
Price & Availability of SS9011 |