|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LED lamps Reflecting small LEDs, directly mountable (3.1 mm) SLR-342 Series The SLR-342 series are small 3.1 mm LEDs which can be directly mounted on a printed circuit board. Four colors and two lens types are available for a total of eight types, and they are suitable for use in a wide variety of applications. FExternal dimensions (Units: mm) FFeatures 1) Four colors : red, orange, yellow and green. 2) Two lens types : Colored diffused and Colored clear. 3) Compact epoxy resin package with a diameter of 3.1 mm. 4) High reliability. FSelection guide FAbsolute maximum ratings (Ta = 25_C) 73 LED lamps FElectrical and optical characteristics (Ta = 25_C) SLR-342 Series FLuminous intensity vs. wavelength FLuminous intensity FDirectional pattern 74 LED lamps FElectrical characteristic curves 1 (red) SLR-342 Series 75 LED lamps FElectrical characteristic curves 2 (orange) SLR-342 Series 76 LED lamps FElectrical characteristic curves 3 (yellow) SLR-342 Series 77 LED lamps FElectrical characteristic curves 4 (green) SLR-342 Series 78 |
Price & Availability of SLR-342 |