Part Number Hot Search : 
CD74HCT 2N36S8 BAV116W CJ26A TDA7295S M37643F8 BPC25 34227
Product Description
Full Text Search
 

To Download SLA5070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLA5070
Absolute maximum ratings
Symbol VDSS VGSS ID ID(pulse) EAS* PT FET 1 150 7
N-channel General purpose
External dimensions A
(Ta=25C)
***
SLA
Ratings FET 2 +20, -10 15 (PW100s, duty1%) 100 5 (Ta=25C, with all circuits operating, without heatsink) 60 (Tc=25C, with all circuits operating, with infinite heatsink) 25 (Junction-Air, Ta=25C, with all circuits operating) 2.08 (Junction-Case, Tc=25C, with all circuits operating) 1000 (Between fin and lead pin, AC) 150 -40 to +150
Unit V V A A A W W C/W C/W Vrms C C
j-a j-c
VISO Tch Tstg
*VDD=25V, L=3.4mH, ID=7A, unclamped, RG=50, see Fig. E on page 15.
sEquivalent circuit diagram
3 FET-1 2 FET-1 5 6 FET-2 7 8 10 FET-2 9 12 FET-2 11 14 FET-2 13
1
15
Pin 4: NC
Characteristic curves
ID-VDS Characteristics (Typical)
FET 1
7
10V 4V
ID-VGS Characteristics (Typical)
FET 2 FET 1
7
7
10V 4V
(VDS=10V)
6 5
6 5
2.6V
6 5
2.8V
ID (A)
ID (A)
ID (A)
Tc=125
3
2.4V
3
2.6V
3
2 1
2 1
2.4V
2 1 0 0 1 2 3 4
VGS=2.2V
VGS=2.2V
0 0 2 4 6 8 10
0 0 2 4 6 8 10
VDS (V)
VDS (V)
VGS (V)
RDS(ON)-ID Characteristics (Typical)
FET 1
100
4V
FET 2
200
4V
FET 2
7 6
VGS=10V
-40C
4
4
4
C 25C
(VDS=10V)
80
VGS=10V
150
(m)
ID (A)
60
(m)
5 4 3 2
(ON)
(ON)
100
RDS
40
RDS
50
20
0 0 1 2 3 4 5 6 7
0 0
0
1
2
3
4
5
6
7
0
1
Tc=
1
125 C 25 C -40C
2
3
4
ID (A)
ID (A)
VGS (V)
RDS(ON)-TC Characteristics (Typical)
FET 1
200
(ID=3.5A)
FET 2
500
(ID=3.5A)
400
(m)
(m)
4V
S=
10
V
300
4V
VG
S=
(ON)
100
RDS
RDS
(ON)
VG
10
V
200
100
0 -40
0
50
100
150
0 -40
0
50
100
150
TC (C)
TC (C)
SLA5070
Electrical characteristics
FET 1 Symbol min V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss Crss td (on) tr td (off) tf VSD trr 1.0 7 12 80 85 1600 380 90 35 70 125 90 1.0 320 1.5 105 115 150 100 100 2.0 Specification typ max Unit V nA Conditions ID=100A, VGS=0V VGS=20V, -10V VDS=150V, VGS=0V VDS=10V, ID=250A VDS=10V, ID=3.5A VGS=10V, ID=3.5A VGS=4V, ID=3.5A VDS=10V f=1.0MHz VGS=0V ID=3.5A VDD 70V RL=20 VGS=5V ISD=7A, VGS=0V IF=100mA 1.0 4 9 150 170 870 320 210 25 55 80 50 1.0 500 1.5 200 230 Specification min 150 100 100 2.0 typ max FET 2 Unit V nA Conditions ID=100A, VGS=0V VGS=20V, -10V VDS=150V, VGS=0V VDS=10V, ID=250A VDS=10V, ID=3.5A VGS=10V, ID=3.5A VGS=4V, ID=3.5A VDS=10V f=1.0MHz VGS=0V ID=3.5A VDD 70V RL=20 VGS=5V ISD=7A, VGS=0V IF=100mA
(Ta=25C)
A
V S m m pF pF pF ns ns ns ns V ns
A
V S m m pF pF pF ns ns ns ns V ns
Characteristic curves
Re(yfs)-ID Characteristics (Typical)
FET 1
30
Safe Operating Area (SOA)
FET 2
(VDS=10V)
(VDS=10V)
FET 1
20 10
ID (pulse) MAX
20
(TC=25C)
10 1m 10 m s (1 s 0m s
10
10
Re (yfs) (S)
Re (yfs) (S)
TC
=-
4
C 0 12
5
C
5
TC
=-
C 40
12
5
C 5
RDS (on) LIMITED
sh
ot
)
5
ID (A)
25C
25C
1 0.5
1
1
0.1 0.05
1-circuit operation
0.5 0.3 0.05
0.5 0.3 0.05 0.01 0.5
0.1
0.5
1
5
7
0.1
0.5
1
5
7
1
5
10
50
100
200
ID (A)
ID (A)
VDS (V)
Capacitance-VDS Characteristics (Typical)
FET 1
5000
VGS=0V f=1MHz
FET 2
5000
VGS=0V f=1MHz
FET 2
20 10 5
ID (pulse) MAX
(TC=25C)
10 1m
10 m s (1 sh
0
s
s
Capacitance (pF)
Ciss
Capacitance (pF)
RDS (on) LIMITED
1000
1000
ot
)
ID (A)
Ciss
500
500
0.5
Coss
0.1
100
Coss Crss
1-circuit operation
0.05
100
Crss
50
50 40
0 10 20 30 40 50
0
10
20
30
40
50
0.01 0.5
1
5
10
50
100
200
VDS (V)
VDS (V)
VDS (V)
IDR-VSD Characteristics (Typical)
FET 1
7
7 6
PT-Ta Characteristics
FET 2
60
With Silicone Grease Natural Cooling All Circuits Operating
6 5
10V
5
40
ith W
IDR (A)
IDR (A)
PT (W)
In
4 3 2 1
4V VGS=0V
4
10 V
fin ite He at
3 2 1
4V
sin k
VGS=0V
20
5
0 0 0.5 1.0 1.5
0 0 0.5 1.0 1.5
Without Heatsink
0 0 50 100 150
VSD (V)
VSD (V)
Ta (C)


▲Up To Search▲   

 
Price & Availability of SLA5070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X