Part Number Hot Search : 
FODB100 2N5239 AMC1112 6M006 3EEA2 M630Q UB264B LD1117V5
Product Description
Full Text Search
 

To Download SLA5046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLA5046
Absolute maximum ratings
Symbol VDSS VGSS ID ID(pulse) EAS* PT Ratings 200 20 7 15 (PW1ms, Du1%) 55
N-channel General purpose
(Ta=25C)
External dimensions A
***
SLA
Electrical characteristics
Symbol V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss Crss td(on) tr td(off) tf VSD trr Specification min typ max 200 100 100 2.0 4.0 2.5 5.0 270 350 450 280 120 20 30 55 75 1.0 1.5 450 Unit V nA A V S m pF pF pF ns ns ns ns V ns
(Ta=25C)
Unit V V A A mJ W W C/W C/W Vrms C C
Conditions ID=100A, VGS=0V VGS=20V VDS=200V, VGS=0V VDS=10V, ID=1mA VDS=10V, ID=3.5A VGS=10V, ID=3.5A VDS=10V, f=1.0MHz, VGS=0V ID=3.5A, VD 100V, RL=28.6, VGS=10V, see Fig. 3 on page 16. ISD=7A, VGS=0V ISD=100mA
j-a j-c VISO Tch Tstg
5 (Ta=25C, with all circuits operating, without heatsink) 35 (Tc=25C,with all circuits operating, with infinite heatsink) 25 (Junction-Air, Ta=25C, with all circuits operating) 3.57 (Junction-Case, Tc=25C, with all circuits operating) 1000 (Between fin and lead pin, AC) 150 -40 to +150
* : VDD=25V, L=2.0mH, ID=7A, unclamped, RG=50, see Fig. E on page 15.
sEquivalent circuit diagram
3 5 7 9 11
2
4
6
8
10
1
12
Characteristic curves
ID-VDS Characteristics (Typical)
6V
ID-VGS Characteristics (Typical)
7 6
RDS(ON)-ID Characteristics (Typical)
(VGS=10V)
0.5
7 6 5
(VDS=10V)
10V
5.5V
0.4
5
(m) RDS
8
(ON)
TC=-40C 25C 125C
ID (A)
4 3 2 1 0 0
4.5V VGS=4V
5V
ID (A)
4 3 2
0.3
0.2
0.1
1 0 0
2
4
6
8
10
2
4
6
0 0
1
2
3
4
5
6
7
VDS (V)
VGS (V)
ID (A)
Re(yfs)-ID Characteristics (Typical)
(VDS=10V)
10
RDS(ON)-TC Characteristics (Typical)
ID=3.5A VGS=10V
1.0
Capacitance-VDS Characteristics (Typical)
2000 1000
VGS=0V f=1MHZ
5
T - c=
Capacitance (pF)
Re (yfs) (S)
(m)
C 40 C 25 C 5 12
0.8
500
Ciss
0.6
(ON)
100 50
Coss
RDS
0.4
1
0.2
10 5
Crss
0.5 0.3 0.05
0 -40
0.1
0.5
1
57
0
50
100
150
3 0
10
20
30
40
50
ID (A)
TC (C)
VDS (V)
IDR-VSD Characteristics (Typical)
7 6 5
Safe Operating Area (SOA)
20 10 5
10 m s (1 sh
PT-Ta Characteristics
40 35 30
W
(TC=25C)
ID (pulse) max
10
1m s
0
s
With Silicone Grease Natural Cooling All Circuits Operating
IDR (A)
ID (A)
4 3 2
5.
)
PT (W)
RDS
(ON)
LIMITED
ot
25 20 15 10
ith fin In ite
1 0.5
at He sin k
VGS=
0V
10
V
1 0 0
0.1
1.0 1.5
5 0
Without Heatsink
0.5
0.05
3
5
10
50
100
500
0
50
100
150
VSD (V)
VDS (V)
Ta (C)
74


▲Up To Search▲   

 
Price & Availability of SLA5046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X