Part Number Hot Search : 
243R3 OP265A D212RPI Y100E GRM033R B32774D VWRBT1 Y100E
Product Description
Full Text Search
 

To Download SI4880DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4880DY
New Product
Vishay Siliconix
N-Channel Reduced Qg, Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
30
rDS(on) (W)
0.0085 @ VGS = 10 V 0.014 @ VGS = 4.5 V
ID (A)
"13 "10
DD
DD
SO-8
S S S G 1 2 3 4 Top View 8 7 6 5 D D D D N-Channel MOSFET G
S
S
S
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a, b Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a, b Maximum Power Dissipationa, b Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
Limit
30 "25 "13 "10 "50 2.3 2.5 1.6 -55 to 150
Unit
V
A
W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient (MOSFET)a Notes a. Surface Mounted on FR4 Board. b. t v 10 sec. Document Number: 70857 S-60711--Rev. A, 01-Feb-99 www.vishay.com S FaxBack 408-970-5600 t v 10 sec Steady State
Symbol
RthJA
Typical
Maximum
50
Unit
_C/W
70
2-1
SI4880DY
Vishay Siliconix
New Product
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 24 V, VGS = 0 V VDS = 24 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 13 A VGS = 4.5 V, ID = 10 A VDS = 15 V, ID = 13 A IS = 2.3 A, VGS = 0 V 40 0.0069 0.0115 26 0.70 1.1 0.0085 0.014 S V 0.8 "100 1 5 V nA mA A W
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = 2.3 A, di/dt = 100 A/ms VDD = 15 V, RL = 15 W V, ID ^ 1 A, VGEN = 10 V RG = 6 W A V, VDS = 15 V, VGS = 5 0 V ID = 13 A V 5.0 V, 19.5 4.2 8.8 14 9 46 30 35 22 15 70 45 70 ns 25 nC C
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70857 S-60711--Rev. A, 01-Feb-99
SI4880DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
50 VGS = 10 thru 4 V 40 I D - Drain Current (A) I D - Drain Current (A) 40 50
Vishay Siliconix
Transfer Characteristics
30
30
20 3V 10
20 TC = 125_C 10 25_C -55_C
0 0 2 4 6 8 10
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.030 r DS(on) - On-Resistance ( W ) 2500
Capacitance
0.025 C - Capacitance (pF)
2000
Ciss
0.020 VGS = 4.5 V
1500
0.015
1000 Coss 500 Crss
0.010
VGS = 10 V
0.005
0 0 10 20 30 40 50
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 13 A 8 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0 0 8 16 24 32 40 Qg - Total Gate Charge (nC) 0.4 -50
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 13 A
6
4
2
r DS(on) - On-Resistance (W) (Normalized)
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C) www.vishay.com S FaxBack 408-970-5600
Document Number: 70857 S-60711--Rev. A, 01-Feb-99
2-3
SI4880DY
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
50 0.10
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
0.08
I S - Source Current (A)
10
TJ = 150_C TJ = 25_C
0.06
ID = 13 A
0.04
0.02
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VSD - Source-to-Drain Voltage (V)
0 0 2 4 6 8 10 VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.6 0.4 V GS(th) Variance (V) 0.2 -0.0 -0.2 -0.4 -0.6 10 -0.8 -1.0 -50 0 -25 0 25 50 75 100 125 150 0.01 ID = 250 mA Power (W) 40 60 50
Single Pulse Power
30
20
0.1
1 Time (sec)
10
30
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 70857 S-60711--Rev. A, 01-Feb-99


▲Up To Search▲   

 
Price & Availability of SI4880DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X