Part Number Hot Search : 
BAS21T1 ANSY8009 CDM6264 645ETT LM358 ESR03 2902033 1N6356
Product Description
Full Text Search
 

To Download SG2644 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG1644/SG2644/SG3644
DUAL HIGH SPEED DRIVER
DESCRIPTION
The SG1644, 2644, 3644 is a dual non-inverting monolithic high speed driver. This device utilizes high voltage Schottky logic to convert TTL signals to high speed outputs up to 18V. The totem pole outputs have 3A peak current capability, which enables them to drive 1000pF loads in typically less than 25ns. These speeds make it ideal for driving power MOSFETs and other large capacitive loads requiring high speed switching. In addition to the standard packages, Silicon General offers the 16 pin S.O.I.C. (DW-package) for commercial and industrial applications, and the Hermetic TO-66 (R-package) for military use. These packages offer improved thermal performance for applications requiring high frequencies and/or high peak currents.
FEATURES
* Totem pole outputs with 3.0A peak current capability. * Supply voltage to 22V. * Rise and fall times less than 25ns. * Propagation delays less than 20ns. * Non-inverting high-speed high-voltage Schottky logic. * Efficient operation at high frequency. * Available in: 8 Pin Plastic and Ceramic DIP 14 Pin Ceramic DIP 16 Pin Plastic S.O.I.C. 20 Pin LCC TO-99 TO-66
HIGH RELIABILITY FEATURES - SG1644
Available to MIL-STD-883 Radiation data available LMI level "S" processing available
EQUIVALENT CIRCUIT SCHEMATIC
VCC
6.5V VREG
2.5K
3K
3K
INV. INPUT
OUTPUT
LOGIC GND (Substrate)
POWER GND
9/91 Rev 1.2 6/97
Copyright (c) 1997
1
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG1644/SG2644/SG3644
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage (VCC) ........................................................... 22V Logic Input Voltage ............................................................... 7V Source/Sink Output Current (Each Output) Continuous ................................................................... 0.5A Pulse, 500ns ................................................................ 3.0A Operating Junction Temperature Hermetic (J, T, Y, R-Packages) .................................... 150C Plastic (M, DW, L-Packages) ...................................... 150C Storage Temperature Range ............................ -65C to 150C Lead Temperature (Soldering, 10 Seconds) .................. 300C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to ground. All currents are positive into the specified terminal.
THERMAL DATA
J Package: Thermal Resistance-Junction to Case, JC .................. 30C/W Thermal Resistance-Junction to Ambient, JA ............... 80C/W Y Package: Thermal Resistance-Junction to Case, JC .................. 50C/W Thermal Resistance-Junction to Ambient, JA ............. 130C/W M Package: Thermal Resistance-Junction to Case, JC .................. 60C/W Thermal Resistance-Junction to Ambient, JA .............. 95C/W DW Package: Thermal Resistance-Junction to Case, JC .................. 40C/W Thermal Resistance-Junction to Ambient, JA ............... 95C/W T Package: Thermal Resistance-Junction to Case, JC .................. 25C/W Thermal Resistance-Junction to Ambient, JA ............ 130C/W R Package: Thermal Resistance-Junction to Case, JC ................. 5.0C/W Thermal Resistance-Junction to Ambient, JA .............. 40C/W L Package: Thermal Resistance-Junction to Case, JC .................. 35C/W Thermal Resistance-Junction to Ambient, JA ............ 120C/W
Note A. Junction Temperature Calculation: TJ = TA + (PD x JA). Note B. The above numbers for JC are maximums for the limiting thermal resistance of the package in a standard mounting configuration. The JA numbers are meant to be guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Supply Voltage (VCC) .................................. 4.5V to 20V (Note 3) Frequency Range ............................................... DC to 1.5MHz Peak Pulse Current ............................................................ 3A Logic Input Voltage ................................................. -0.5 to 5.5V
Note 2. Range over which the device is functional. Note 3. AC performance has been optimized for VCC = 8V to 20V.
Operating Ambient Temperature Range (TA) SG1644 ......................................................... -55C to 125C SG2644 ........................................................... -25C to 85C SG3644 ............................................................... 0C to 70C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specfiications apply over the operating ambient temperatures for SG1644 with -55C TA 125C, SG2644 with -25C TA 85C, SG3644 with 0C TA 70C, and VCC = 20V. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter Static Characteristics Logic 1 Input Voltage Logic 0 Input Voltage Input High Current Input High Current Input Low Current Input Clamp Voltage Output High Voltage (Note 4) Output Low Voltage (Note 4) Supply Current Outputs Low Supply Current Outputs High
Note 4. VCC = 10V to 20V.
Test Conditions
SG1644/2644/3644 Units Min. Typ. Max. 2.0 V V A mA mA V V V mA mA
VIN = 2.4V VIN = 5.5V VIN = 0V IIN = -10mA IOUT = -200mA IOUT = 200mA VIN = 0V (both inputs) VIN = 2.4V (both inputs)
0.7 500 1.0 -4 -1.5 VCC-3 18 7.5 1.0 27 12
9/91 Rev 1.2 6/97
Copyright (c) 1997
2
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG1644/SG2644/SG3644
ELECTRICAL CHARACTERISTICS
Parameter Dynamic Characteristics (Note 6) Propagation Delay High-Low (TPHL) Propagation Delay Low-High (TPLH) Rise Time (TTLH) Fall Time (TTHL) Supply Current (ICC)
(both outputs) (continued)
SG1644/2644/3644 Test Conditions (Figure 1)
TA= 25C
TA=-55C to 125C
SG1644
Units
Min. Typ. Max. Min. Typ. Max. CL = 1000pF (Note 5) CL = 2500pF CL = 1000pF (Note 5) CL = 2500pF CL = 1000pF (Note 5) CL = 2500pF CL = 1000pF (Note 5) CL = 2500pF CL = 2500pF, Freq. = 200KHz Duty Cycle = 50% 30 35 25 30 30 40 25 40 35 40 50 30 40 35 50 30 50 40 ns ns ns ns ns ns ns ns mA
26 18 30 30 30
Note 5. These parameters, specified at 1000pF, although guaranteed over recommended operating conditions, are not tested in production. Note 6. VCC = 15V.
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS - FIGURE 1
CHARACTERISTIC CURVES
FIGURE 2. TRANSITION TIMES VS. SUPPLY VOLTAGE
FIGURE 3. PROPAGATION DELAY VS. SUPPLY VOLTAGE
FIGURE 4. TRANSITION TIMES VS. AMBIENT TEMPERATURE
9/91 Rev 1.2 6/97
Copyright (c) 1997
3
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG1644/SG2644/SG3644
CHARACTERISTIC CURVES
(continued)
FIGURE 5. PROPAGATION DELAY VS. AMBIENT TEMPERATURE
FIGURE 6. TRANSITION TIMES VS. CAPACITIVE LOAD
FIGURE 7. SUPPLY CURRENT VS. CAPACITANCE LOAD
FIGURE 8. HIGH SIDE SATURATION VS. OUTPUT CURRENT
FIGURE 9. LOW SIDE SATURATION VS. OUTPUT CURRENT
FIGURE 10. SUPPLY CURRENT VS. FREQUENCY
FIGURE 11. SUPPLY CURRENT VS. FREQUENCY
9/91 Rev 1.2 6/97
Copyright (c) 1997
4
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG1644/SG2644/SG3644
APPLICATION INFORMATION
POWER DISSIPATION The SG1644, while more energy-efficient than earlier gold-doped driver IC's, can still dissipate considerable power because of its high peak current capability at high frequencies. Total power dissipation in any specific application will be the sum of the DC or steady-state power dissipation, and the AC dissipation caused by driving capacitive loads. The DC power dissipation is given by: PDC = +VCC * ICC [1] where ICC is a function of the driver state, and hence is duty-cycle dependent. The AC power dissipation is proportional to the switching frequency, the load capacitance, and the square of the output voltage. In most applications, the driver is constantly changing state, and the AC contribution becomes dominant when the frequency exceeds 100-200KHz. The SG1644 driver family is available in a variety of packages to accommodate a wide range of operating temperatures and power dissipation requirements. The Absolute Maximums section of the data sheet includes two graphs to aid the designer in choosing an appropriate package for his design. The designer should first determine the actual power dissipation of the driver by referring to the curves in the data sheet relating operating current to supply voltage, switching frequency, and capacitive load. These curves were generated from data taken on actual devices. The designer can then refer to the Absolute Maximum Thermal Dissipation curves to choose a package type, and to determine if heat-sinking is required. DESIGN EXAMPLE Given: Two 2500pF loads must be driven push-pull from a +15 volt supply at 100KHz. The application is a commercial one in which the maximum ambient temperature is +50C, and cost is important. 1. From Figure 11, the average driver current consumption under these conditions will be 18mA, and the power dissipation will be 15volts x 18mA, or 270mW. 2. From the ambient thermal characteristic curve, it can be seen that the M package, which is an 8-pin plastic DIP with a copper lead frame, has more than enough thermal conductance from junction to ambient to support operation at an ambient temperature of +50C. The SG36446M driver would be specified for this application. SUPPLY BYPASSING Since the SG1644 can deliver peak currents above 3amps under some load conditions, adequate supply bypassing is essential for proper operation. Two capacitors in parallel are recommended to guarantee low supply impedance over a wide bandwidth: a 0.1F ceramic disk capacitor for high frequencies, and a 4.7F solid tantalum capacitor for energy storage. In military applications, a CK05 or CK06 ceramic operator with a CSR-13 tantalum capacitor is an effective combination. For commercial applications, any low-inductance ceramic disk capacitor teamed with a Sprague 150D or equivalent low ESR capacitor will work well. The capacitors must be located as close as physically possible to the VCC pin, with combined lead and pc board trace lengths held to less than 0.5 inches. GROUNDING CONSIDERATIONS The ability of the SG1644 to deliver high peak currents into capacitive loads can cause undesirable negative transients on the logic and power grounds. To avoid this, a low inductance ground path should be considered for each output to return the high peak currents back to it's own ground point. A ground plane is recommended for best performance. If space for a ground plane is not available, make the paths as short and as wide as possible. The logic ground can be returned to the supply bypass capacitor and be connected at one point to the power grounds. LOGIC INTERFACE The logic input of the 1644 is designed to accept standard DCcoupled 5 volt logic swings, with no speed-up capacitors required. If the input signal voltage exceeds 6 volts, the input pin must be protected against the excessive voltage in the HIGH state. Either a high speed blocking diode must be used, or a resistive divider to attenuate the logic swing is necessary. LAYOUT FOR HIGH SPEED The SG1644 can generate relatively large voltage excursions with rise and fall times around 20-30 nanoseconds with light capacitive loads. A Fourier analysis of these time domain signals will indicate strong energy components at frequencies much higher than the basic switching frequency. These high frequencies can induce ringing on an otherwise ideal pulse if sufficient inductance occurs in the signal path (either the positive signal trace or the ground return). Overshoot on the rising edge is undesirable because the excess drive voltage could rupture the gate oxide of a power MOSFET. Trailing edge undershoot is dangerous because the negative voltage excursion can forwardbias the parasitic PN substrate diode of the driver, potentially causing erratic operation or outright failure. Ringing can be reduced or eliminated by minimizing signal path inductance, and by using a damping resistor between the drive output and the capacitive load. Inductance can be reduced by keeping trace lengths short, trace widths wide, and by using 2oz. copper if possible. The resistor value for critical damping can be calculated from: RD = 2L/CL [2] where L is the total signal line inductance, and CL is the load capacitance. Values between 10 and 100ohms are usually sufficient. Inexpensive carbon composition resistors are best because they have excellent high frequency characteristics. They should be located as close as possible to the gate terminal of the power MOSFET.
9/91 Rev 1.2 6/97
Copyright (c) 1997
5
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG1644/SG2644/SG3644
TYPICAL APPLICATIONS
FIGURE 12. In this push pull converter circuit, the control capailities of the SG1524B PWM are combined with the powerful totem-pole drivers found in the SG1644 (see SG1626 for example). This inexpensive configuration results in very fast charge and discharge of the power MOSFET gate capacitance for efficient switching.
FIGURE 13. When the peak current capabilites of PWM's such as 1525A or 1526B are not sufficient to drive high capacitive loads fast enough, SG1644 is one solution to this problem. This combination is especially suited for full bridge applications where high input capacitance MOSFETs are being used. Diodes D1 and D2 are necessary if the leakage inductance of the drive transformer will drive the output pins negative.
9/91 Rev 1.2 6/97
Copyright (c) 1997
6
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG1644/SG2644/SG3644
TYPICAL APPLICATIONS
(continued)
FIGURE 14. A low cost, yet powerful alternative to the single ended converters with parallel MOSFETs is a combination of SG1842 and SG1644 as shown in Figure 16. This combination will also allow a low noise operation by separating the drive and its associated high peak currents, away from the PWM logic section.
FIGURE 15. Fast turn off of bipolar transistors is possible by the totem pose output stage of SG1644. The charge on capacitor C will drive the base negative for faster turn off.
9/91 Rev 1.2 6/97
Copyright (c) 1997
FIGURE 16. When the inputs are driven with a TTL square wave drive, the high peak current capabilites of SG1644 allow easy implementation of charge pump voltage converters.
7
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG1644/SG2644/SG3644
CONNECTION DIAGRAMS & ORDERING INFORMATION
Package
14-PIN CERAMIC DIP J - PACKAGE (See Notes Below)
Part No. SG1644J/883B SG1644J/DESC SG1644J SG2644J SG3644J
Ambient Temperature Range -55C to 125C -55C to 125C -55C to 125C -25C to 85C 0C to 70C
Connection Diagram
N.C. N.C. OUT A PWR GND A IN A N.C. LOGIC GND
1 2 3 4 5 6 7 14 13 12 11 10 9 8
VCC N.C. OUT B PWR GND B IN B N.C. N.C.
8-PIN CERAMIC DIP Y - PACKAGE
SG1644Y/883B SG1644Y/DESC SG1644Y SG2644Y SG3644Y SG2644M SG3644M SG2644DW SG3644DW
-55C to 125C -55C to 125C -55C to 125C -25C to 85C 0C to 70C -25C to 85C 0C to 70C -25C to 85C 0C to 70C
IN A PWR GND A PWR GND B IN B
1 2 3 4
8 7 6 5
OUT A VCC LOGIC GND OUT B
8-PIN PLASTIC DIP M - PACKAGE
16-PIN WIDE BODY PLASTIC S.O.I.C. DW - PACKAGE
N.C. IN A N.C. GROUND GROUND N.C. IN B N.C.
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
PWR GND A OUT A VCC GROUND GROUND VCC OUT B PWR GND B
8-PIN TO-99 METAL CAN T - PACKAGE
SG1644T/883B SG1644T/DESC SG1644T SG2644T SG3644T
-55C to 125C -55C to 125C -55C to 125C -25C to 85C 0C to 70C
VCC OUT A
8 1 7 6 3 5 4
OUT B PWR GND B
PWR GND A 2 IN A
IN B
LOGIC GND
9-PIN TO-66 METAL CAN R - PACKAGE
SG1644R/883B SG1644R SG2644R SG3644R
-55C to 125C -55C to 125C -25C to 85C 0C to 70C
VCC N.C. OUT B PWR GND B IN B
654 7 8 9 1 3 2
N.C. OUT A PWR GND A IN A CASE IS LOGIC GROUND Note: Case and tab are internally connected to substrate ground.
(Note 4)
20-PIN CERAMIC (LCC) LEADLESS CHIP CARRIER L- PACKAGE
SG1644L/883B SG1644L/DESC
-55C to 125C -55C to 125C
1. 2. 3. 4. 5. 6. 7. 8. 9. 10.
N.C. PWR GND A N.C. IN A N.C. LOGIC GND N.C. IN B N.C. PWR GND B
3
2
1
20 19
4 5 6 7 8 9 10 11 12 13
18 17 16 15 14
11. 12. 13. 14. 15. 16. 17. 18. 19. 20.
N.C. N.C. OUT B N.C. VCC N.C. VCC N.C. OUT A N.C.
Note 1. Contact factory for JAN and DESC product availablity. 2. All packages are viewed from the top. 9/91 Rev 1.2 6/97
Copyright (c) 1997 11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
8


▲Up To Search▲   

 
Price & Availability of SG2644

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X