Part Number Hot Search : 
14D181K B7720 SERIES MCR01 MUR10 MSN3402 79L15AC MXP4002
Product Description
Full Text Search
 

To Download SD103CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103AW THRU SD103CW
Schottky Diodes
FEATURES
SOD-123
.022 (0.55)
For general purpose applications. The SD103 series is a metal-on-silicon
Cathode Mark
.152 (3.85) .140 (3.55) .112 (2.85) .100 (2.55)
Top View
max. .004 (0.1)
max. .053 (1.35)
max. .006 (0.15)
.067 (1.70) .055 (1.40)
Schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing, and coupling diodes for fast switching and low logic level applications. Other applications are click suppression, efficient full wave bridges in telephone subsets, and blocking diodes in rechargeable low voltage battery systems. type designation LL103A ... LL103C and DO-35 case with the type designations SD103A .. SD103C.
This diode is also available in MiniMELF case with the MECHANICAL DATA
min. .010 (0.25)
Dimensions in inches and (millimeters)
Case: SOD-123 Plastic Case Weight: approx. 0.01 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Peak Inverse Voltage SD103AW SD103BW SD103CW VRRM VRRM VRRM Ptot IFSM Tj TS
Value 40 30 20 400 2) 2 125 2) -55 to +150 2)
Unit V V V mW A C C
Power Dissipation (Infinite Heat Sink) Single Cycle Surge 10 s Square Wave Junction Temperature Storage Temperature Range
2)
Valid provided that electrodes are kept at ambient temperature
4/98
SD103AW THRU SD103CW
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Leakage Current at VR = 30 V at VR = 20 V at VR = 10 V Forward Voltage Drop at IF = 20 mA at IF = 200 mA Junction Capacitance at VR = 0 V, f = 1 MHz Reverse Recovery Time at IF = IR = 50 mA to 200 mA, recover to 0.1 IR Thermal Resistance Junction to Ambient Air
2)
Min. - - - - - - - -
Typ. - - - - - 50 10 -
Max. 5 5 5 0.37 0.6 - - 0.3 2)
Unit A A A V V pF ns K/mW
SD103AW SD103BW SD103CW
IR IR IR VF VF Ctot trr RthJA
Valid provided that electrodes are kept at ambient temperature (SOD-123)
RATINGS AND CHARACTERISTICS SD103AW THRU SD103CW
RATINGS AND CHARACTERISTIC CURVES SD103AW THRU SD103CW


▲Up To Search▲   

 
Price & Availability of SD103CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X