Part Number Hot Search : 
AT89C5 SFU9130 10N30 TLM812SA 38510 SKN6002 HY1418 WM9703
Product Description
Full Text Search
 

To Download SD103CW-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SD103AW - SD103CW
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
! ! ! Low Turn-on Voltage A
SOD-123 Dim A Min 3.6 2.5 1.4 0.5 -- 0.4 0.95 -- Max 3.9 2.8 1.8 0.7 0.2 -- 1.35 0.12
Fast Switching PN Junction Guard Ring for Transient and ESD Protection ! Designed for Surface Mount Application C ! Plastic Material - UL Recognition Flammability Classification 94V-O E
D B
B C D E G H J
Mechanical Data
! ! ! ! ! Case: SOD-123, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.01 grams (approx.) Marking: SD103AW S6 SD103BW S7 SD103CW S8
@TA=25C unless otherwise specified
H
G
J
All Dimensions in mm
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s
Symbol VRRM VRWM VR IF IFSM Pd RJA Tj, TSTG
SD103AW
SD103BW
SD103CW
Unit
40
30 350 2.0 400 300 -65 to +125
20
V mA A mW C/W C
Electrical Characteristics
Characteristic Forward Voltage Drop Peak Reverse Leakage Current Typical Junction Capacitance Typical Reverse Recovery Time
@TA=25C unless otherwise specified
Symbol VFM IRM Cj trr
All Types 0.37 0.60 5.0 50 10
Unit V A pF nS
Test Condition @ IF = 20mA @ IF = 200mA @ Rated DC Blocking Voltage VR = 0V, f = 1.0MHz IF = IR = 50mA to 200mA IRR = 0.1 x IR, RL = 100
Note: 1. Valid provided that terminals are kept at ambient temperature.
SD103AW - SD103CW
1 of 3
(c) 2002 Won-Top Electronics
1000
100
IF, FORWARD CURRENT (mA)
100
Cj, CAPACITANCE (pF)
0 0.5 VF, FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 1.0
10
10
1.0
1.0
0.10
0.01
0.1 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 2 Typ. Junction Capacitance vs Reverse Voltage
SD103AW - SD103CW
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
SD103AW-T1 SD103AW-T3 SD103BW-T1 SD103BW-T3 SD103CW-T1 SD103CW-T3
Package Type
SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123
Shipping Quantity
3000/Tape & Reel 10000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel
Products listed in bold are WTE Preferred devices. ! T1 suffix refers to a 7" reel. T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.04 (1.02)
0.055 (1.40)
0.094 (2.40)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
SD103AW - SD103CW
3 of 3


▲Up To Search▲   

 
Price & Availability of SD103CW-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X