Part Number Hot Search : 
MPW2146 BP05RKE AN2142 4447A MHW3828 BAQ33 SMLP3 74HC541A
Product Description
Full Text Search
 

To Download SD103C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103A THRU SD103C
Schottky Diodes
DO-35
min. 1.083 (27.5)
FEATURES For general purpose applications. The SD103 series is a metal-on-silicon
max. .079 (2.0)
Cathode Mark
min. 1.083 (27.5)
Schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing, and coupling diodes for fast switching and low logic level applications. Other applications are click suppression, efficient full wave bridges in telephone subsets, and blocking diodes in rechargeable low voltage battery systems.
max. .150 (3.8)
max. .020 (0.52)
This diode is also available in MiniMELF case with the
type designation LL103A ... LL103C and SOD-123 case with the type designations SD103AW .. SD103CW.
MECHANICAL DATA
Dimensions in inches and (millimeters)
Case: DO-35 Glass Case Weight: approx. 0.13 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Peak Inverse Voltage SD103A SD103B SD103C VRRM VRRM VRRM Ptot IFSM Tj TS
Value 40 30 20 4001) 15 1251) -55 to +1501)
Unit V V V mW A C C
Power Dissipation (Infinite Heat Sink) Single Cycle Surge 60 Hz Sine Wave Junction Temperature Storage Temperature Range
1)
Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
4/98
SD103A THRU SD103C
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Leakage Current at VR = 30 V at VR = 20 V at VR = 10 V Forward Voltage Drop at IF = 20 mA at IF = 200 mA Junction Capacitance at VR = 0 V, f = 1 MHz Reverse Recovery Time at IF = IR = 50 mA to 200 mA, recover to 0.1 IR Thermal Resistance Junction to Ambient Air
1)
Min. - - - - - - - -
Typ. - - - - - 50 10 -
Max. 5 5 5 0.37 0.6 - - 0.31)
Unit A A A V V pF ns K/mW
SD103A SD103B SD103C
IR IR IR VF VF Ctot trr RthJA
Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature (DO-35)
RATINGS AND CHARACTERISTIC CURVES SD103A THRU SD103C
RATINGS AND CHARACTERISTIC CURVES SD103A THRU SD103C


▲Up To Search▲   

 
Price & Availability of SD103C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X