Part Number Hot Search : 
MMBT2222 6118C 12013 93L66 ELD42 CS160KM RL30A 2SC5043
Product Description
Full Text Search
 

To Download SBL2040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL2030PT AND SBL2040PT
SCHOTTKY RECTIFIER
Reverse Voltage - 30 and 40 Volts Forward Current - 20.0 Amperes
FEATURES
TO-247AD
0.645 (16.4) 0.625 (15.9) 0.203 (5.16) 0.193 (4.90) 0.245 (6.2) 0.225 (5.7) 0.323 (8.2) 0.313 (7.9) 10o 30o 0.078 REF (1.98)
0.170 (4.3) 0.840 (21.3) 0.820 (20.8)
10o TYP. BOTH SIDES
0.142 (3.6) 0.138 (3.5)
1
2
3
0.086 (2.18) 0.076 (1.93)
1o REF. BOTH SIDES 0.118 (3.0) 0.108 (2.7)
0.127 (3.22) 0.160 (4.1) 0.140 (3.5) 0.795 (20.2) 0.775 (19.6) 0.117 (2.97)
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Dual rectifier construction, positive center-tap Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds, 0.17" (4.3mm) from case
0.048 (1.22) 0.225 (5.7) 0.205 (5.2) 0.044 (1.12)
MECHANICAL DATA
0.030 (0.76) 0.020 (0.51) PIN 2 CASE PIN 1 PIN 3
Dimensions in inches and (millimeters)
Case: JEDEC TO-247AD molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in. - lbs. max. Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
SBL2030PT
SBL2040PT
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=105C Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage per leg at 10.0A (NOTE 1) Maximum instantaneous current at TC=25C rated DC blocking voltage per leg (NOTE 1) TC=100C Typical thermal resistance per leg (NOTE 2) Operating junction and storage temperature range
VRRM VRMS VDC I(AV)
30 21 30 20.0
40 28 40
Volts Volts Volts Amps
IFSM
250.0
Amps
VF IR RJC TJ, TSTG
0.55 1.0 50.0 1.5 -40 to +125
Volts mA C/W C
NOTES: (1) Pulse test: 300s pulse width, 1% duty cyle (2) Thermal resistance from junction to case per leg
4/98
RATINGS AND CHARACTERISTIC CURVES SBL2030PT AND SBL2040PT
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
20
RESISTIVE OR INDUCTIVE LOAD
300 250 200 150 100 50 0 1
16 12 8 4 0
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
50
100
150
10
NUMBER OF CYCLES AT 60 HZ
100
LEAD TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG
50
50
PULSE WIDTH=300s 1% DUTY CYCLE
10
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
TJ=125C
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=125C
1
TJ=75C
1
TJ=25C
0.1
0.1
0.01
TJ=25C
0.01
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
4,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE, C/W
100
10
1,000
1
100 0.1
1
10
100
REVERSE VOLTAGE, VOLTS
0.1 0.01
0.1
1
10
100
t, PULSE DURATION, sec.


▲Up To Search▲   

 
Price & Availability of SBL2040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X