Part Number Hot Search : 
BC847 ISL6532A 020D2 CCH125 DG412CUE TB125 A2025B VLT130
Product Description
Full Text Search
 

To Download S1ZB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
SMT Bridges
S1ZB80
800V 0.8A
FEATURES *oe Small SMT package *oe High reliability with superior *oe moisture resistance *oe Applicable to Automatic Insertion APPLICATION
*oe Switching
OUTLINE DIMENSIONS
Case : 1Z 1Z Case : Unit : mm
power supply *oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 800 V IO Average Rectified Forward Current50Hz sine wave, R-load On alumina substrate 0.8 Ta=25*Z A 50Hz sine wave, R-load On glass-epoxy substrate 0.5 Ta=25*Z Peak Surge Forward CurrentIFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z A 30 Current Squared Time I2t 1ms*...t*10ms Tj=25*Z 4.5 A2 s *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit VF I =0.4A, Pulse measurement, Rating of per diode Forward Voltage F Max.1.05 V R RM Reverse Current IR V =V , Pulse measurement, Rating of per diode Max.10 EA AEjl junction to lead Max.20 Thermal Resistance AEja junction to ambient On alumina substrate Max.76 *Z/W junction to ambient On glass-epoxy substrate Max.134
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
S1ZBx
10
Forward Voltage
Forward Current IF [A]
1
Tl=150C [TYP]
Tl=25C [TYP]
0.1
Pulse measurement per diode
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage VF [V]
S1ZBx
3
Forward Power Dissipation
Forward Power Dissipation PF [W]
2.5 SIN 2
1.5
1
0.5
0
0
0.2
0.4
0.6
0.8
1
1.2
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
S1ZBx
0.7
Derating Curve
Average Rectified Forward Current IO [A]
0.6 SIN 0.5
PCB Glass-epoxy substrate Soldering land 6 x 2mm Conductor layer 35m
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
S1ZBx
0.7
Derating Curve
Average Rectified Forward Current IO [A]
0.6 SIN 0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
Soldering land Conductor layer Substrate thickness
Glass-epoxy 1mm 35m
Alumina 1mm 20m 0.64mm
S1ZBx
40
Peak Surge Forward Capability
IFSM
35
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
30
non-repetitive, sine wave, Tj=25C before surge current is applied
25
20
15
10
5
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of S1ZB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X