Part Number Hot Search : 
IC16F1 NASF1 SC5009 2N350707 P40NE P1037 BD3202 40430
Product Description
Full Text Search
 

To Download PLUS173B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (22 x 42 x 10)
PLUS173B/D
DESCRIPTION
The PLUS173 PLDs are high speed, combinatorial Programmable Logic Arrays. The Philips Semiconductors state-of-the-art Oxide Isolated Bipolar fabrication process is employed to produce propagation delays as short as 12ns. The 24-pin PLUS173 devices have a programmable AND array and a programmable OR array. Unlike PAL (R) devices, 100% product term sharing is supported. Any of the 32 logic product terms can be connected to any or all of the 10 output OR gates. Most PAL ICs are limited to 7 AND terms per OR function; the PLUS173 devices can support up to 32 input wide OR functions. The polarity of each output is userprogrammable as either Active-High or Active-Low, thus allowing AND-OR or AND-NOR logic implementation. This feature adds an element of design flexibility, particularly when implementing complex decoding functions. The PLUS173 devices are userprogrammable using one of several commercially available, industry standard PLD programmers.
FEATURES
* I/O propagation delays (worst case)
- PLUS173B - 15ns max. - PLUS173D - 12ns max.
PIN CONFIGURATIONS
N Package
I0 1 I1 2 I2 3 I3 4 I4 5 I5 6 I6 7 I7 8 I8 9 I9 10 I10 11 GND 12 24 VCC 23 B9 22 B8 21 B7 20 B6 19 B5 18 B4 17 B3 16 B2 15 B1 14 B0 13 I11
* Functional superset of 20L10 and most
other 24-pin combinatorial PAL devices
* Two programmable arrays
- Supports 32 input wide OR functions
* 12 inputs * 10 bi-directional I/O * 42 AND gates
- 32 logic product terms - 10 direction control terms
* Programmable output polarity
- Active-High or Active-Low
* Security fuse * 3-State outputs * Power dissipation: 750mW (typ.) * TTL Compatible
APPLICATIONS
N = Plastic Dual In-Line (300mil-wide)
A Package
I3 4 NC 5 I4 6 I2 3 I1 2 I0 VCC B9 B8 1 28 27 26 25 NC 24 B7 23 B6 22 B5 21 B4 20 B3 19 NC 12 I9 13 14 15 16 17 18
* Random logic * Code converters * Fault detectors * Function generators * Address mapping * Multiplexing
I5 7 I6 8 I7 9 I8 10 NC 11
I10 GND I11 B0 B1 B2
A = Plastic Leaded Chip Carrier
ORDERING INFORMATION
DESCRIPTION 24-Pin Plastic Dual In-Line 300mil-wide 24-Pin Plastic Dual In-Line 300mil-wide 28-Pin Plastic Leaded Chip Carrier 28-Pin Plastic Leaded Chip Carrier tPD (MAX) 15ns 12ns 15ns 12ns ORDER CODE PLUS173BN PLUS173DN PLUS173BA PLUS173DA DRAWING NUMBER 0410D 0410D 0401F 0401F
(R)PAL is a registered trademark of Advanced Micro Devices Corporation.
October 22, 1993
33
853-1298 11164
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (22 x 42 x 10)
PLUS173B/D
LOGIC DIAGRAM
(LOGIC TERMS-P) I0 I1 I2 I3 I4 I5 I6 I7 I8 1 2 3 4 5 6 7 8 9 (CONTROL TERMS)
I9 10 I10 11 I11 13 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9
S9 X9 X8 X7 X6 X5 X4 X3 X2 X1 31 24 23 16 15 87 0 X0 S8
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 23 B9 22 B8
S7 21 B7 S6 20 B6 S5 19 B5 S4 18 B4 S3 17 B3 S2 16 B2 S1 15 B1 S0 14 B0
NOTES: 1. All programmed `AND' gate locations are pulled to logic "1". 2. All programmed `OR' gate locations are pulled to logic "0". 3. Programmable connection.
October 22, 1993
34
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (22 x 42 x 10)
PLUS173B/D
FUNCTIONAL DIAGRAM
P31 I0 P0 D0 D9
I11 B0
B9
S9 X9
B9
S0 B0 X0
ABSOLUTE MAXIMUM RATINGS1
RATING SYMBOL VCC VIN VOUT IIN IOUT Tamb Tstg PARAMETER Supply voltage Input voltage Output voltage Input currents Output currents Operating free-air temperature range Storage temperature range 0 -65 -30 MIN MAX +7 +5.5 +5.5 +30 +100 +75 +150 UNIT VDC VDC VDC mA mA C C
THERMAL RATINGS
TEMPERATURE Maximum junction Maximum ambient Allowable thermal rise ambient to junction 150C 75C 75C
NOTES: 1. Stresses above those listed may cause malfunction or permanent damage to the device. This is a stress rating only. Functional operation at these or any other condition above those indicated in the operational and programming specification of the device is not implied.
October 22, 1993
35
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (22 x 42 x 10)
PLUS173B/D
DC ELECTRICAL CHARACTERISTICS
0C Tamb +75C, 4.75 VCC 5.25V LIMITS SYMBOL Input VIL VIH VIC Output voltage2 Low High Clamp voltage2 VCC = MIN VOL VOH Low4 High5 IOL = 15mA IOH = -2mA 2.4 0.5 V V VCC = MIN VCC = MAX VCC = MIN, IIN = -12mA 2.0 -0.8 -1.2 0.8 V V V PARAMETER TEST CONDITIONS MIN TYP1 MAX UNIT
Input current9 VCC = MAX IIL IIH Low High VIN = 0.45V VIN = VCC -100 40 A A
Output current VCC = MAX IO(OFF) Hi-Z state8 VOUT = 2.7V VOUT = 0.45V IOS ICC Capacitance VCC = 5V IIN CB Input I/O VIN = 2.0V VB = 2.0V 8 15 pF pF Short circuit3, 5, 6 VCC supply current7 VOUT = 0V VCC = MAX -15 150 80 -140 -70 200 mA mA A
NOTES: 1. All typical values are at VCC = 5V, Tamb = +25C. 2. All voltage values are with respect to network ground terminal. 3. Test one at a time. 4. Measured with inputs I0 - I4 = 0V, inputs I5 - I9 = 4.5V, I11 = 4.5V and I19 = 10V. For outputs B0 - B4 and for outputs B5 - B9 apply the same conditions except I11 = 0V. 5. Same conditions as Note 4 except input I11 = +10V. 6. Duration of short circuit should not exceed 1 second. 7. ICC is measured with inputs I0 - I11 and B0 - B9 = 0V. Part in Virgin State. 8. Leakage values are a combination of input and output leakage. 9. IIL and IIH limits are for dedicated inputs only (I0 - I11).
October 22, 1993
36
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (22 x 42 x 10)
PLUS173B/D
AC ELECTRICAL CHARACTERISTICS
0C Tamb +75C, 4.75 VCC 5.25V, R1 = 300, R2 = 390 LIMITS SYMBOL PARAMETER FROM TO TEST CONDITION tPD tOE tOD Propagation Delay2 Output Enable1 Output Disable1 Input +/- Input +/- Input +/- Output +/- Output - Output + CL = 30pF CL = 30pF CL = 5pF MIN PLUS173B TYP 11 11 11 MAX 15 15 15 MIN PLUS173D TYP 10 10 10 MAX 12 12 12 ns ns ns UNIT
NOTES: 1. For 3-State outputs; output enable times are tested with CL = 30pF to the 1.5V level, and S1 is open for high-impedance to High tests and closed for high-impedance to Low tests. Output disable times are tested with CL = 5pF. High-to-High impedance tests are made to an output voltage of VT = (VOH - 0.5V) with S1 open, and Low-to-High impedance tests are made to the VT = (VOL + 0.5V) level with S1 closed. 2. All propagation delays are measured and specified under worst case conditions.
VOLTAGE WAVEFORM
+3.0V 90%
TEST LOAD CIRCUIT
VCC +5V S1
10% 0V 5ns +3.0V 90% tR tF 5ns
C1
C2 In BZ
R1
INPUTS
In BM
DUT
R2
CL
10% 0V 5ns 5ns BM GND BZ OUTPUTS
MEASUREMENTS: All circuit delays are measured at the +1.5V level of inputs and outputs, unless otherwise specified.
NOTE: C1 and C2 are to bypass VCC to GND.
Input Pulses
Test Load Circuit
TIMING DEFINITIONS
SYMBOL tPD tOD PARAMETER Propagation delay between input and output. Delay between input change and when output is off (Hi-Z or High). Delay between input change and when output reflects specified output level.
TIMING DIAGRAM
+3V I, B 1.5V 1.5V 1.5V 0V
VOH B 1.5V VT tOD tOE 1.5V VOL tPD
tOE
October 22, 1993
37
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (22 x 42 x 10)
PLUS173B/D
LOGIC PROGRAMMING
The PLUS173 series is fully supported by industry standard (JEDEC compatible) PLD CAD tools, including Philips Semiconductors SNAP design software package. ABELTM and CUPLTM design software packages also support the PLUS173 architecture. All packages allow Boolean and state equation entry formats. SNAP, ABEL and CUPL also accept, as input, schematic capture format. PLUS173 logic designs can also be generated using the program table entry format, which is detailed on the following page. This program table entry format is supported by SNAP only. To implement the desired logic functions, the state of each logic variable from logic equations (I, B, O, P, etc.) is assigned a symbol. The symbols for TRUE, COMPLEMENT, INACTIVE, PRESET, etc., are defined below.
PROGRAMMING AND SOFTWARE SUPPORT
Refer to Section 9 (Development Software) and Section 10 (Third-Party Programmer/ Software Support) of this data handbook for additional information.
OUTPUT POLARITY - (B)
S B X X S B
ACTIVE LEVEL HIGH1 (NON-INVERTING)
CODE H
ACTIVE LEVEL LOW
CODE L
(INVERTING)
AND ARRAY - (I, B)
I, B I, B I, B I, B I, B I, B I, B I, B I, B I, B I, B I, B
P, D STATE INACTIVE1, 2 CODE O STATE I, B
P, D CODE H STATE I, B
P, D CODE L STATE DON'T CARE
P, D CODE -
OR ARRAY - (B)
P S P S
VIRGIN STATE
A factory shipped virgin device contains all fusible links intact, such that: 1. All outputs are at "H" polarity. 2. All Pn terms are disabled. 3. All Pn terms are active on all outputs.
Pn STATUS ACTIVE1
CODE A
Pn STATUS INACTIVE
CODE
*
NOTES: 1. This is the initial unprogrammed state of all link pairs. It is normally associated with all unused (inactive) AND gates Pn, Dn. 2. Any gate Pn, Dn will be unconditionally inhibited if both the true and complement of any input (I, B) are left intact.
ABEL is a trademark of Data I/O Corp. CUPL is a trademark of Logical Devices, Inc.
October 22, 1993
38
AND ACTIVE B(0) INACTIVE CONTROL HIGH LOW L (POL) H 2. Unused I and B bits in the AND array must be programmed Don't Care (--). 3. Unused product terms can be left blank. A
OR
CUSTOMER NAME
INACTIVE
0
October 22, 1993
NOTES 1. The PLA is shipped with all links intact. Thus a background of entries corresponding to states of virgin links exists in the table. (Shown BLANK for clarity.)
I, B
H
I, B
L
I, B(I)
PHILIPS DEVICE #
PROGRAM TABLE
DON'T CARE
--
PROGRAM TABLE #
T E R M 9 8 7 6 5 4 3 2 1 0 11 15 14 13 12 10
REV
DATE
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
PIN
VARIABLE NAME
11 10 9
Programmable logic arrays (22 x 42 x 10)
Philips Semiconductors Programmable Logic Devices
13 11 10
8
9
7
8
7
6 I
6
5
5
4 3
4
3
2
2
1
AND
1
0
39
9 8 7 6 B(I) 5 4 3 2 1 0
23 22 21 20 19 18 17 16 15 14
9 8 7 6 5 4 3 2 1 0 OR B(0) POLARITY
23 22 21 20 19 18 17 16 15 14
PLUS173B/D
Product specification
Philips Semiconductors Programmable Logic Devices
Product specification
Programmable logic arrays (22 x 42 x 10)
PLUS173B/D
SNAP RESOURCE SUMMARY DESIGNATIONS
P31 DIN173 I0 NIN173 P0 D0 D9
I11 B0 DIN173 NIN173
B9 AND CAND TOUT173 S9 X9 OR
B9
S0 X0 EXOR173
B0
October 22, 1993
40


▲Up To Search▲   

 
Price & Availability of PLUS173B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X