Part Number Hot Search : 
4LVX1 MUR810 TMV2412 1ZB22 HYB25 XFATM 2N3642 IDT72V84
Product Description
Full Text Search
 

To Download PC3H710NIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC3H71X NIP Series/PC3Q71X NIP Series
s Features
PC3H71X NIP Series PC3Q71X NIP Series
1. Low input current type(IF=0.5mA) 2. High resistance to noise due to high common rejection voltage (CMR:MIN. 10kV/s) 3. Mini-flat package 4. Isolation voltage (Viso:2.5kVrms) 5. Recognized by UL, file No. E64380
Low Input Current Type Photocoupler
s Outline Dimensions
PC3H71xNIP Series Anode mark 1.270.25
1 4 4
(Unit : mm)
Internal connection diagram
3 1
2.60.3
H71
4.40.2 0.40.1
2 3
2 3 4 1 2
Anode Cathode Emitter Collector
s Applications
1. Programmable controllers 2. Facsimiles 3. Telephones
0.20.05
5.30.3 0.10.1 2.00.2
Epoxy resin
s Rank Table
Model No. PC3H710NIP PC3H711NIP PC3H712NIP PC3H715NIP Rank mark A, B or no mark A B A or B Ic (mA) 0.5 to 3.5 0.7 to 1.75 1.0 to 2.5 0.7 to 2.5 Ic (mA) 0.5 to 3.0 1.0 to 2.5 Conditions IF=0.5mA VCE=5V Ta=25C Conditions
IF=0.5mA VCE=5V Ta=25C
+0.2 7.0-0.7
+0.4 0.5-0.2
PC3Q71xNIP Series 10.30.3 1.270.25
16 9
Internal connection diagram
16 15 14 13 12 11 10 9
Model No. Rank mark PC3Q710NIP A or no mark A PC3Q711NIP
PC3Q71
4.40.2
1
23
45
67
8
1357 2468
s Absolute Maximum Ratings
(Ta=25C) Unit mA mA V mW V V mA mW mW C C kVrms C
1
8
0.40.1
9 11 13 15 10 12 14 16
Parameter Symbol Rating IF 10 Forward current *1 Peak forward current 200 IFM Input 6 VR Reverse voltage Power dissipation P 15 Collector-emitter voltage VCEO 70 Emitter-collector voltage VECO 6 Output IC 50 Collector current PC 150 Collector power dissipation 170 Total power dissipation Ptot Operating temperature -30 to +100 Topr -40 to +125 Tstg Storage temperature *2 Viso Isolation voltage 2.5 *3 260 Soldering temperature Tsol
*1 Pulse width<=100s, Duty ratio=0.001 *2 40 to 60%RH, AC for 1 minute, f=60Hz *3 For 10s
Primary side mark 2.60.2 C0.4 (Input side) 0.20.05
Anode Cathode Emitter Collector
Epoxy resin
5.30.3
0.10.1
6
+0.4 0.5-0.2 +0.2 7.0-0.7
0.2mm or more
Soldering area
Notice In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
PC3H71X NIP Series/PC3Q71X NIP Series s Electro-optical Characteristics
Parameter Symbol Forward voltage VF Reverse current IR Terminal capacitance Ct Collector dark current ICEO Collector-emitter breakdown voltage BVCEO Emitter-collector breakdown voltage BVECO Collector PC3H71XNIP Series IC current PC3Q71XNIP Series Collector-emitter saturation voltage VCE (sat) Isolation resistance RISO Cf Floating capacitance tr Rise time Response time tf Fall time
*1
(Ta=25C) Conditions IF=10mA VR=4V V=0, f=1kHz VCE=50V, IF=0 IC=0.1mA, IF=0 IE=10A, IF=0 IF=0.5mA, VCE=5V IF=10mA, IC=1mA DC500V 40 to 60%RH V=0, f=1MHz VCE=2V, IC=2mA, RL=100 MIN. - - - - 70 6 0.5 - 5x1010 - - - 10 TYP. 1.2 - 30 - - - - - 1x1011 0.6 4 3 - MAX. 1.4 10 250 100 - - 3.5 3.0 0.2 - 1.0 18 18 - Unit V A pF nA V V mA V pF s s kV/s
Transfer characteristics
Output
Input
Common mode rejection voltage
CMR
Ta=25C, RL=470, VCM=1.5kV (peak), IF=0mA, VCC=9V, Vnp=100mV
*1 Refer to Fig.1.
Fig.1 Test Circuit for Common Mode Rejection Voltage
(dV/dt) VCM RL Vnp VCC VCM : High wave pulse RL=470 VCC=9V VO 1) Vcp Vnp
VCM
(Vcp Nearly = dV/dtxCfxRL) 1) Vcp : Voltage which is generated by displacement current in floating capacitance between primary and secondary side.
Fig.2 Forward Current vs. Ambient Temperature
Fig.3 Diode Power Dissipation vs. Ambient Temperature
10
Diode power dissipation P (mW)
15
Forward current IF (mA)
10
5
5
0 -30
0
25
50
75
100
125
0 -30
0
25
50
75
100
125
Ambient temperature Ta (C)
Ambient temperature Ta (C)
PC3H71X NIP Series/PC3Q71X NIP Series Fig.4 Collector Power Dissipation vs. Ambient Temperature
Collector power dissipation PC (mW)
Fig.5 Total Power Dissipation vs. Ambient Temperature
Total power dissipation Ptot (mW)
200
200 170 150
150
100
100
50
50
0 -30
0
25
50
75
100
125
0 -30
0
25
50
75
100
125
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.6 Peak Forward Current vs. Duty Ratio
2000 Peak forward current IFM (mA) 1000 500 Pulse width <=100s Ta=25C
Fig.7 Forward Current vs. Forward Voltage
100
Forward current IF (mA)
10 Ta=25C Ta=100C 1 Ta=75C Ta=50C Ta=0C Ta=-25C
200 100 50
20 10
5 10
-3
2
5 10
-2
2
5 10
-1
0.1
2 5
1
0
0.5
1.0
1.5
2.0
Duty ratio
Forward voltage VF (V)
Fig.8 Current Transfer Ratio vs. Forward Current
800 700 Current transfer ratio CTR (%) 600 500 400 300 200 100 0 0.1 1 Forward current IF (mA) 10 PC3H71xNIP Series VCE=5V Ta=25C
Fig.9 Current Transfer Ratio vs. Forward Current
600 PC3Q71xNIP Series VCE=5V Ta=25C
500 Current transfer ratio CTR (%)
400
300
200
100 0 0.1
1 Forward current IF (mA)
10
PC3H71X NIP Series/PC3Q71X NIP Series Fig.10 Collector Current vs. Collector-emitter Voltage
40 PC3H71xNIP Series Ta=25C PC (MAX.) Collector current IC (mA) IF=7mA IF=5mA 20 IF=3mA IF=2mA IF=1mA IF=0.5mA 0 0 2 4 6 8 10 Collector-emitter voltage VCE (V) 0 0 2 4 6 8 10 Collector-emitter voltage VCE (V) Collector current IC (mA) 30 30 IF=7mA 20 IF=5mA IF=3mA IF=2mA 10 IF=1mA IF=0.5mA PC (MAX.)
Fig.11 Collector Current vs. Collector-emitter Voltage PC3Q71xNIP Series
40 Ta=25C
10
Fig.12 Relative Current Transfer Ratio vs. Ambient Temperature
150 PC3H71xNIP Series VCE=5V IF=0.5mA 100
Fig.13 Relative Current Transfer Ratio vs. Ambient Temperature
150 PC3Q71xNIP Series VCE=5V IF=0.5mA 100
Relative current transfer ratio (%)
Relative current transfer ratio (%)
50
50
0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 Ambient temperature Ta (C)
0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 Ambient temperature Ta (C)
Fig.14 Collector - emitter Saturation Voltage vs. Ambient Temperature
Collector-emitter saturation voltage VCE (sat) (V) 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 Ambient temperature Ta (C) IF=10mA IC=1mA
Fig.15 Collector Dark Current vs. Ambient Temperature
10-5
-6
VCE=50V
Collector dark current ICEO (A)
10
10-7 10-8 10-9 10-10 10-11 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 Ambient temperature Ta (C)
PC3H71X NIP Series/PC3Q71X NIP Series Fig.16 Response Time vs. Load Resistance
1000 VCE=2V IC=2mA Ta=25C 100 Response time (s) Response time (s) tf td
Fig.17 Response Time vs. Load Resistance (Saturation)
1000 VCC=5V IF=16mA Ta=25C 100 ts 10 tf
10 tr 1 ts
1
td
tr 0.1 0.1 1 Load resistance RL (k) 10 0.1 1 10 Load resistance RL (k) 100
Fig.18 Test Circuit for Response Time
VCC RD Input RL Output Input
Fig.19 Voltage Gain vs Frequency
5 VCE=2V IC=2mA Ta=25C
0 Voltage gain AV (dB) 10% 90% -5 -10 RL=10k
Output
1k 100 -15 -20 -25 0.1
td tr
ts tf
1
10 Frequency f (kHz)
100
1000
Fig.20 Collector-emitter Saturation Voltage vs. Forward Current
Collector-emitter saturation voltage VCE (sat) (V) 5 IC=7mA 4 IC=5mA IC=3mA IC=2mA 3 IC=1mA IC=0.5mA 2 Ta=25C
Fig.21 Reflow Soldering
Only one time soldering is recommended within the temperature profile shown below. 230C
200C
180C
1
25C 30s 1min 0 2 4 6 8 10 2min 1.5min 1min Forward current IF (mA)
0


▲Up To Search▲   

 
Price & Availability of PC3H710NIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X