Part Number Hot Search : 
MJE521 UDA133 2SC50 0EVKI SD101 AA101 UDA133 SMBJ75A
Product Description
Full Text Search
 

To Download MX171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX171
AMPLITUDE TYPE AUTO FOCUS IC
FEATURES
* Package : 8-pin SOP, 8-pin DIP * Operating voltage : 2.2V~6V * Operating temperature : -25oC~60oC * Supply current : max. 10mA (without output current) * * * * Surround light level : max. 20uA (SPD output current) IRED drive output : min. 15mA Magnet drive current : min. 300mA Measuring time : max. 30ms
DESCRIPTION
MX171 is designed for Amplitude system auto focus cameras. It is regarded as input component for SPD (Silicon Photo Detector), and comprises of circuits that drive AF magnet as output, an infrared emission diode current control circuit, and control circuit of sequential timing.
PIN CONFIGURATION
8 SOP
GND 8 OUT IRED CT VR
PIN FUNCTIONS
SYMBOL GND CH SPD VCC VR CT IRED OUT
MX171
PIN NAME Ground Pin Hold Capacitor Pin SPD Input Pin Supply Pin VR Pin for Adjustment Timing Capacitor Output Control for IRED Data Output Pin
CH SPD VCC
2 3 4
7 6 5
P/N: PM0167
1
REV 1.2, JAN 05, 1996
MX171
BLOCK DIAGRAM
VCC AF ADJ.
AF SPD
POWER VCC REFERENCE AF MAG. HEAD AMP COMPARATOR LATCH MAG. DRIVER
SURROUNDING LIGHT IRED DRIVE CIRCUIT REJECTION
IRED POWER GND
SEQUENCE CONTROL CIRCUIT
BASIC CONNECTION DIAGRAM
SW1 AF.MAG
1 GND
C2
AF.MAG 8
IRED
R1
2 CH
C1
R3
IRED 7
TR1
C3
R2
3 SPD
SPD
CT 6 VR (ADJ) 5
C4
4 VCC
AF.ADJ. VR 33KW~ 50KW
NOTE: C1 = > 47uF C2 = 0.47uF C3 = 150uF C4 = 0.022uF
R1 R2 R3 R4
= = = =
1K ohm~10K ohm 1 ohm 27K ohm 10K ohm
P/N: PM0167
REV 1.2, JAN 05, 1996
2
MX171
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC PD PDR VIN BVOC IOUT TOPR TOPR TSTG PARAMETER Supply Voltage Power Dissipation Power Dissipation Ratio Input Voltage Output Voltage Output Current Operating Temperature 1 Operating Temperature 2 Storage Temperature RATING -0.3~6.0 550 -5.5 -0.3~VCC+0.3 -0.3~6.0 400 -25~+60 -10~+50 -55~+150 UNIT V mW mW/oC V V mA
o o o
CONDITION
TA<5oC TA>25oC
C C C
(NOTE)
NOTE: The operating temperature 1 range expresses the qualitative operating temperature range but it does not guarantee characteristics.
DC CHARACTERISTICS (TA = 25oC, VCC = 2.2V, 3.0V, 6.0V)
SUPPLY CURRENT
SYMBOL ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 PARAMETER Quick Charge State (Charge) Quick Charge State (Discharge) Steady State (Charge) Steady State (Discharge) IRED Flashing State Finish State MIN 1.5 1.8 1.2 1.2 1.2 TYP 3.2 3.1 2.2 2.1 2.2 16.0 MAX 5.5 6.0 4.2 4.0 4.0 40.0 UNIT mA mA mA mA mA mA output "on" CONDITION
TIMING CIRCUIT
SYMBOL ICT RCT VTH1 VTH2 PARAMETER CT Charge Current Discharge Resistance Threshold Voltage1 Threshold Voltage2 MIN 0.8 4.5 640 1250 TYP 1.3 7.3 680 1350 MAX 1.8 10.0 720 1450 UNIT uA K ohm mV mV CONDITION
P/N: PM0167
REV 1.2, JAN 05, 1996
3
MX171
HEAD AMPLIFIER/ADJUSTMENT CIRCUIT
SYMBOL VIN ISDMX VRADJ RON ROFF PARAMETER Input Voltage Max. Surround Light Resistor Range Adjust Risistance (ON) Adjust Risistance (OFF) MIN 620 13.0 0.45 4.5 0.47 TYP 660 32.0 200 MAX 700 UNIT mV uA K ohm K ohm K ohm Iin=50uA CONDITION
HOLD CAPACITOR CHARGE/DISCHARGE CURRENT
SYMBOL ICH1 ICH2 ICH3 ICH4 ICH5 PARAMETER Quick Charge Current Quick Discharge Current Steady Charge Current Steady Discharge Current CH Input Current MIN -460 460 -7 7 20 TYP -770 770 -11 11 35 MAX -1200 1200 -15 15 100 UNIT uA uA uA uA nA CONDITION
DATA OUTPUT TERMIANAL
SYMBOL IOUTLK VOUTSAT IOUTMX VOUTMX PARAMETER Output Leak Current Saturation Voltage Max. Output Current Max. Voltage 300 6.0 8.0 10.0 460 MIN TYP MAX 1.0 500 UNIT uA mV mA V IO = 300 mA CONDITION VO = 7.0V IO = 300 mA
IRED FLASHING CONTROL CIRCUIT
SYMBOL VIRED1 VIRED2 IIREDMX PARAMETER IRED Voltage (ON) IRED Voltage (OFF) Max. Output Current MIN 920 230 15.0 TYP 980 270 32.0 MAX 1030 310 UNIT mV mV mA CONDITION
P/N: PM0167
REV 1.2, JAN 05, 1996
4
MX171
TIMING WAVEFORM
SW1 (POWER) IRED
AF MAG.
20MS (TYP.) 0.12MS (TYP.)
ORDERING INFORMATION
PART NO. MX171MC MX171PC PACKAGE 8 pin SOP 8 pin PDIP
P/N: PM0167
REV 1.2, JAN 05, 1996
5
MX171
PACKAGE INFORMATION
8 PIN PLASTIC SOP
5 8
UNIT : mm
1
4
5.0+0.3 6.2+0.3 4.4+0.2
1.5+0.1
0.11
0.2+0.1
0.4+0.1
1.27
0.15
0.3 MIN
P/N: PM0167
REV 1.2, JAN 05, 1996
6
MX171
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
7


▲Up To Search▲   

 
Price & Availability of MX171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X