Part Number Hot Search : 
ZC832BTA STK62 133BZC 94005K K2962 IMD10A STK672 CBC3150
Product Description
Full Text Search
 

To Download MOC8030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTODARLINGTON OPTOCOUPLERS Preliminary (NO BASE CONNECTION)
MOC8030 MOC8050
DESCRIPTION
The MOC8030 and MOC8050 are photodarlington-type optically coupled optocouplers. The devices have a gallium arsenide infrared emitting diode coupled with a silicon darlington phototransistor.
PACKAGE DIMENSIONS
PIN 1 ID.
FEATURES
* High BVCEO -Minimum 80 V 6 * High current transfer ratio -300% (MOC8030) -500% (MOC8050) * No base connection for improved noise immunity * Underwriters Laboratory (UL) recognized File# E90700
0.270 (6.86) 0.240 (6.10)
SEATING PLANE
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
0.200 (5.08) 0.115 (2.92)
APPLICATIONS
* * * * * Appliances, measuring instruments I/O interface for computers Programmable controllers Portable electronics Interfacing and coupling systems of different potentials and impedance * Solid state relays
ANODE 1 6 N/C
0.154 (3.90) 0.100 (2.54) 0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20)
CATHODE 2
5 COLLECTOR
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15
0.300 (7.62) TYP
N/C 3
4 EMITTER
NOTE All dimensions are in inches (millimeters)
ABSOLUTE MAXIMUM RATINGS
Parameter TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature Total Device Power Dissipation @ TA = 25C Derate above 25C Input-Output Isolation Voltage EMITTER DC/Average Forward Input Current Reverse Input Voltage LED Power Dissipation @ TA = 25C Derate above 25C DETECTOR Collector-Emitter Voltage Detector Power Dissipation @ TA = 25C Derate above 25C Continuous Collector Current
(TA = 25C Unless otherwise specified.) Symbol TSTG TOPR TSOL PD VISO IF VR PD VCEO PD IC Value -55 to +150 -55 to +100 260 for 10 sec 250 2.94 5300 60 3 120 1.41 80 150 1.76 150 Units C C C mW mW/C Vac(rms) mA V mW mW/C V mW mW/C mA
3/13/00
200035A
PHOTODARLINGTON OPTOCOUPLERS Preliminary (NO BASE CONNECTION)
MOC8030 MOC8050
ELECTRICAL CHARACTERISTICS
(TA = 25C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter EMITTER Input Forward Voltage Input Capacitance Reverse Leakage Current DETECTOR Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current Test Conditions (IF = 10 mA) (VF = 0, f = 1 MHz) (VR = 3.0 V) (IC = 1.0 mA) (IE = 100 A) (VCE = 60 V) Symbol VF CIN IR BVCEO BVECO ICEO 80 5 1 Min Typ** 1.15 18 0.05 10 Max 2 Unit V pF A V V A
TRANSFER CHARACTERISTICS
DC Characteristic Current Transfer Ratio, Collector-Emitter Test Conditions MOC8030 (IF = 10 mA, VCE = 1.5 V) MOC8050 (IF = 10 mA, VCE = 1.5 V) Symbol CTR Min 300 500 Typ** Max Units %
TRANSFER CHARACTERISTICS
Characteristic SWITCHING TIMES Turn-on Time Turn-off Time (VCC= 10 V, RL = 100!, IF = 5 mA) toff 95 s Test Conditions Symbol ton Min Typ** 3.5 Max Units s
ISOLATION CHARACTERISTICS
Characteristic Input-Output Isolation Voltage Isolation Resistance Isolation Capacitance Note ** Typical values at TA = 25C Test Conditions (II-O "#1 A, 1 min.) (II-O "#1 A, 1 min.) (VI-O = 500 VDC) (f = 1 MHz) Symbol VISO RISO CISO Min 7500 5300 1011 0.5 Typ** Max Units Vac(pk) Vac(rms) ! pf
3/13/00
200035A
PHOTODARLINGTON OPTOCOUPLERS Preliminary (NO BASE CONNECTION)
MOC8030 MOC8050
CTR - CURRENT TRANSFER RATIO (NORMALIZED) CTR - CURRENT TRANSFER RATIO (NORMALIZED)
10
TA = 0C, 25C TA = 70C TA = 100C TA = -55C 1
1
NORMALIZED TO: CTR @ IF = 10 mA TA = 25C VCE = 5 V 0.1 0.1 1 10 100
NORMALIZED TO: CTR @ IF = 10 mA TA = 25C VCE = 10 V 0.1 -80 -60 -40 -20 0 20 40 60 80 100 120
IF - LED INPUT CURRENT (mA)
TA - AMBIENT TEMPERATURE (C)
Fig. 1 Output Current vs. Input Current
Fig. 2 Current Transfer Ratio vs. Ambient Temperature
IC - COLLECTOR CURRENT (NORMALIZED)
14
NORMALIZED TO: IF = 1 mA VCE = 5 V
ICEO - COLLECTOR-EMITTER DARK CURRENT (nA)
16
10000 NORMALIZED TO: TA = 25C VCE = 10 V
1000
12
IF = 10 mA
10 IF = 5 mA
100
8
10
6
1
4
IF = 2 mA
2
0.1
IF = 1 mA
0 0 1 2 3 4 5 6 7 8 9 10
0.01
0
20
40
60
80
100
VCE- COLLECTOR -EMITTER VOLTAGE (V)
TA - AMBIENT TEMPERATURE (C)
Fig. 3 Collector Current vs. Collector-Emitter Voltage
Fig. 4 Dark Current vs. Ambient Temperature
1000 RL = 1 k! VCC = 10 V 100
1000
TOFF - TIME (ms)
TON - TIME (ms)
RL = 100 !
100
RL = 1 k!
10
RL = 10 !
RL = 100 ! 10 RL = 10 !
1
VCC = 10 V 1 0.1 0.1 1 10 100 0.1 1 10 100
IF - LED INPUT CURRENT (mA)
IF - LED INPUT CURRENT (mA)
Fig. 5 Turn-On Time vs. Input Current
Fig. 6 Turn-Off Time vs. Input Current
3/13/00
200035A
PHOTODARLINGTON OPTOCOUPLERS Preliminary (NO BASE CONNECTION)
MOC8030 MOC8050
ORDERING INFORMATION
Option
S SD W 300 300W 3S 3SD
Order Entry Identifier
.S .SD .W .300 .300W .3S .3SD
Description
Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
QT Carrier Tape Specifications ("D" Taping Orientation)
12.0 0.1 4.90 0.20 4.0 0.1 0.30 0.05 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 16.0 0.3 10.30 0.20
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
Corporate Headquarters QT Optoelectronics 610 North Mary Avenue Sunnyvale, CA 94086 (408) 720-1440 Phone (408) 720-0848 Fax European Sales QT Optoelectronics "Le Levant" 2, rue du Nouveau Bercy F-94277-CHARENTON-LE PONT Cedex FRANCE 33 [0] 1.45.18.78.78 Phone 33 [0] 1.43.75.77.57 Fax
North American Sales QT Optoelectronics 16775 Addison Rd.,Suite 200 Addison, TX 75001 (972) 447-1300 Phone (972) 447-0784 Fax Asia/Pacific Sales QT Optoelectronics B613, 6th Floor East Wing, Wisma Tractors Jalan SS16/1, Subang Jaya 47500 Petaling Jaya Selangor Darul Eshan, Malaysia 603/735-2417 Phone 603/736-3382 Fax
European Sales Quality Technologies Deutschland GmbH Max-Huber-Strasse 8 D-85737 Ismaning, Germany 49 [0] 89/96.30.51 Phone 49 [0] 89/96.54.74 Fax European Sales Quality Technologies (U.K) Ltd. 10, Prebendal Court, Oxford Road Aylesbury, Buckinghamshire HP19-3EY United Kingdom 44 [0] 1296/30.44.99 Phone 44 [0] 1296/39.24.32 Fax
www.qtopto.com
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 * France 33 [0] 1.45.18.78.78 * Germany 49 [0] 89/96.30.51 * United Kingdom 44 [0] 1296 394499 * Asia/Pacific 603-7352417
3/13/00
200035A


▲Up To Search▲   

 
Price & Availability of MOC8030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X