Part Number Hot Search : 
JANTX1 M67713 80N60 H216C 317EMP 1N4532 TF0072A 4ADGG
Product Description
Full Text Search
 

To Download MMBT5771 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5771 / MMBT5771
Discrete POWER & Signal Technologies
2N5771
MMBT5771
C
E C BE
TO-92 SOT-23
Mark: 3R
B
PNP Switching Transistor
This device is designed for very high speed saturate switching at collector currents to 100 mA. Sourced from Process 65. See PN4258 for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
15 15 4.5 200 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N5771 350 2.8 125 357
Max
*MMBT5771 225 1.8 556
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
(c) 1997 Fairchild Semiconductor Corporation
2N5771 / MMBT5771
PNP Switching Transistor
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CES V(BR)CBO V(BR)EBO ICBO ICES IEBO Collector-Emitter Breakdown Voltage* Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current I C = 3.0 mA, IB = 0 I C = 100 A, VBE = 0 I C = 100 A, I E = 0 I E = 100 A, IC = 0 VCB = 8.0 V, IE = 0 VCE = 8.0 V, VBE = 0 VCE = 8.0 V, VBE = 0, TA= 125C VEB = 4.5 V, IC = 0 15 15 15 4.5 10 10 5.0 1.0 V V V V nA nA A A
ON CHARACTERISTICS*
hFE DC Current Gain I C = 1.0 mA, VCE = 0.5 V I C = 10 mA, VCE = 0.3 V I C = 10mA,VCE = 0.3V,TA = -55C I C = 50 mA, VCE = 1.0 V I C = 1.0 mA, IB = 0.1 mA I C = 10 mA, IB = 1.0 mA I C = 50 mA, IB = 5.0 mA I C = 1.0 mA, IB = 0.1 mA I C = 10 mA, IB = 1.0 mA I C = 50 mA, IB = 5.0 mA 35 50 20 40 120
VCE(sat)
Collector-Emitter Saturation Voltage
VBE(sat)
Base-Emitter Saturation Voltage
0.75
0.15 0.18 0.6 0.8 0.95 1.5
V V V V V V
SMALL SIGNAL CHARACTERISTICS
Ccb Ceb hfe Collector-Base Capacitance Emitter-Base Capacitance Small-Signal Current Gain VCB = 5.0 V, IE = 0, f = 140 kHz VBE = 0.5 V, IC = 0, f = 140 kHz I C = 10 mA, VCE = 10 V, f = 100 MHz 3.0 3.5 8.5 pF pF MHz
SWITCHING CHARACTERISTICS
ts ton toff Storage Time Turn-On Time Turn-Off Time I C = 10 mA, VCC = 1.5 V, I B1 = IB2 = 1.0 mA I C = 10 mA, VCC = 1.5 V, I B = 1.0 mA I C = 10 mA, VCC = 1.5 V, I B1 = IB2 = 1.0 mA 20 15 20 ns ns ns
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
2N6427 / MMBT6427
Discrete POWER & Signal Technologies
N
2N6427 MMBT6427
C
E C B
TO-92
E
SOT-23
Mark: 1V
B
NPN Darlington Transistor
This device is designed for applications requiring extremely high current gain at collector currents to 1.0 A. Sourced from Process 05. See MPSA14 for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
40 40 12 1.2 -55 to +150
Units
V V V A C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N6427 625 5.0 83.3 200
Max
*MMBT6427 350 2.8 357
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
2N6427 / MMBT6427
NPN Darlington Transistor
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICEO ICBO IEBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current IC = 10 mA, IB = 0 IC = 100 A, IE = 0 IE = 10 A, IC = 0 VCE = 25 V, IB = 0 VCB = 30 V, IE = 0 VEB = 10 V, IC = 0 40 40 12 1.0 50 50 V V V A nA nA
ON CHARACTERISTICS
hFE DC Current Gain* I C = 10 mA, VCE = 5.0 V I C = 100 mA, VCE = 5.0 V I C = 500 mA, VCE = 5.0 V I C = 50 mA, IB = 0.5 mA I C = 500 mA, IB = 0.5 mA I C = 500 mA, IB = 0.5 mA I C = 50 mA, VCE = 5.0 mA 10,000 20,000 14,000 100,000 200,000 140,000 1.2 1.5 2.0 1.75
VCE(sat) VBE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage
V V V V
SMALL SIGNAL CHARACTERISTICS
Cobo Cibo Output Capacitance Input Capcitance VCB = 10 V, IE = 0, f = 1.0 MHz VBE = 1.0 V, IC = 0, f = 1.0 MHz 7.0 15 pF pF
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of MMBT5771

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X