Part Number Hot Search : 
LLZ5254B 0NPBF L15PF LTC17 4AUP1G P6SMB350 2DD1621T AD590IH
Product Description
Full Text Search
 

To Download MMBT5179 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPS5179 / MMBT5179 / PN5179
Discrete POWER & Signal Technologies
MPS5179
MMBT5179
C
PN5179
E C B
TO-92
E
SOT-23
Mark: 3C
B
C
E
TO-92
B
NPN RF Transistor
This device is designed for use in low noise UHF/VHF amplifiers with collector currents in the 100 A to 30 mA range in common emitter or common base mode of operation, and in low frequency drift, high ouput UHF oscillators. Sourced from Process 40.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
12 20 2.5 50 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
PN/MPS5179 350 2.8 357 *MMBT5179 225 1.8 556
Units
mW mW/C C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
(c) 1997 Fairchild Semiconductor Corporation
5179, Rev B
MPS5179 / MMBT5179 / PN5179
NPN RF Transistor
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
VCEO(sus) V(BR)CBO V(BR)EBO ICBO Collector-Emitter Sustaining Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current IC = 3.0 mA, IB = 0 IC = 1.0 A, IE = 0 IE = 10 A, IC = 0 VCB = 15 V, IE = 0 VCB = 15 V, TA = 150C 12 20 2.5 0.02 1.0 V V V A A
ON CHARACTERISTICS
hFE VCE(sat) VBE(sat) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage IC = 3.0 mA, VCE = 1.0 V IC = 10 mA, IB = 1.0 mA IC = 10 mA, IB = 1.0 mA 25 250 0.4 1.0 V V
SMALL SIGNAL CHARACTERISTICS
fT Ccb hfe rb'Cc NF Current Gain - Bandwidth Product Collector-Base Capacitance Small-Signal Current Gain Collector Base Time Constant Noise Figure IC = 5.0 mA, VCE = 6.0 V, f = 100 MHz VCB = 10 V, IE = 0, f = 0.1 to 1.0 MHz IC = 2.0 mA, VCE = 6.0 V, f = 1.0 kHz IC = 2.0 mA, VCB = 6.0 V, f = 31.9 MHz IC = 1.5 mA, VCE = 6.0 V, RS = 50, f = 200 MHz 900 2000 1.0 25 3.0 300 14 5.0 ps dB MHz pF
FUNCTIONAL TEST
Gpe PO Amplifier Power Gain Power Output VCE = 6.0 V, IC = 5.0 mA, f = 200 MHz VCB = 10 V, IE = 12 mA, f 500 MHz 15 20 dB mW
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
Spice Model
NPN (Is=69.28E-18 Xti=3 Eg=1.11 Vaf=100 Bf=282.1 Ne=1.177 Ise=69.28E-18 Ikf=22.03m Xtb=1.5 Br=1.176 Nc=2 Isc=0 Ikr=0 Rc=4 Cjc=1.042p Mjc=.2468 Vjc=.75 Fc=.5 Cje=1.52p Mje=.3223 Vje=.75 Tr=1.588n Tf=135.6p Itf=.27 Vtf=10 Xtf=30 Rb=10)
MPS5179 / MMBT5179 / PN5179
NPN RF Transistor
(continued)
DC Typical Characteristics
VCESAT- COLLECTOR-EMITTER VOLTAGE (V)
DC Current Gain vs Collector Current
250 h FE - DC CURRENT GAIN
125 C
Collector-Emitter Saturation Voltage vs Collector Current
0.2 = 10
200 150 100
- 40 C
0.15
125 C
25 C
0.1
25 C
50 0 0.001
V CE = 5V
0.01 I C - COLLECTOR CURRENT (A) 0.1
0.05
- 40 C
0.1
1 10 I C - COLLECTOR CURRENT (mA)
P 40
20 30
V BE(ON) BASE-EMITTER ON VOLTAGE (V)
VBESAT- BASE-EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1.2 1
- 40 C
Base-Emitter ON Voltage vs Collector Current
1
0.8
- 40 C 25 C
0.8 0.6 0.4 0.1 IC
25 C 125 C
0.6
125 C
= 10
0.4
V CE = 5V
0.1 1 10 I C - COLLECTOR CURRENT (mA) 50
1 10 - COLLECTOR CURRENT (mA)
20 30
0.2 0.01
Collector-Cutoff Current vs Ambient Temperature
I CBO- COLLECTOR CURRENT (nA) 100
V
10
CB
= 20V
1
0.1
25
50 75 100 125 T A - AMBIENT TEMPERATURE (C)
150
MPS5179 / MMBT5179 / PN5179
NPN RF Transistor
(continued)
AC Typical Characteristics
POWER DISSIPATION vs AMBIENT TEMPERATURE
PD - POWER DISSIPATION (mW) 350 300 250 SOT-23 200 150 100 50 0 0 25 50 75 100 TEMPERATURE ( C) 125 150
TO-92
Test Circuit
50 pF
(NOTE 2)
175 pF 500 mHz Output into 50
RFC
(NOTE 1)
NOTE 1: 2 turns No. 16 AWG wire, 3/8 inch OD, 1 1/4 inch long NOTE 2: 9 turns No. 22 AWG wire, 3/16 inch OD, 1/2 inch long
1000 pF
1000 pF
2.2 K
RFC
- VCC
VCC
FIGURE 1: 500 MHz Oscillator Circuit


▲Up To Search▲   

 
Price & Availability of MMBT5179

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X