Part Number Hot Search : 
1N4732AD MC4120 1N4732AD MB1505 SMCJ10CA 39SF512 045280 CHUMA8PT
Product Description
Full Text Search
 

To Download MMBT2907A-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2907A
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * Epitaxial Planar Die Construction Complementary NPN Type Available (MMBT2222A) Ideal for Medium Power Amplification and Switching
SOT-23 Dim
A C B B E
TOP VIEW E
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B
C
Mechanical Data
* * * * * * * * Case: SOT-23, Molded Plastic Case Material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking (See Page 2): K2F Ordering & Date Code Information: See Page 2 Weight: 0.008 grams (approx.)
D G H
C D E G H
K J L
M
J K L M a
C
B
E
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMBT2907A -60 -60 -5.0 -600 300 417 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30040 Rev. 4 - 2
1 of 3
MMBT2907A
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEX IBL Min -60 -60 -5.0 3/4 3/4 3/4 75 100 100 100 50 3/4 3/4 Max 3/4 3/4 3/4 -10 -50 -50 3/4 3/4 3/4 300 3/4 -0.4 -1.6 -1.3 -2.6 8.0 30 3/4 Unit V V V nA mA nA nA Test Condition IC = -10mA, IE = 0 IC = -10mA, IB = 0 IE = -10mA, IC = 0 VCB = -50V, IE = 0 VCB = -50V, IE = 0, TA = 125C VCE = -30V, VEB(OFF) = -0.5V VCE = -30V, VEB(OFF) = -0.5V IC = -100A, VCE = IC = -1.0mA, VCE = IC = -10mA, VCE = IC = -150mA, VCE = IC = -500mA, VCE = -10V -10V -10V -10V -10V
DC Current Gain
hFE
3/4
Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Current Gain-Bandwidth Product SWITCHING CHARACTERISTICS Turn-On Time Delay Time Rise Time Turn-Off Time Storage Time Fall Time
VCE(SAT) VBE(SAT)
V V
IC = -150mA, IB = -15mA IC = -500mA, IB = -50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA VCB = -10V, f = 1.0MHz, IE = 0 VEB = -2.0V, f = 1.0MHz, IC = 0 VCE = -20V, IC = -50mA, f = 100MHz
Cobo Cibo fT
3/4 -- 200
pF pF MHz
toff td tr toff ts tf
3/4 3/4 3/4 3/4 3/4 3/4
45 10 40 100 80 30
ns ns ns ns ns ns VCC = -6.0V, IC = -150mA, IB1 = IB2 = -15mA VCC = -30V, IC = -150mA, IB1 = -15mA
Ordering Information (Note 3)
Device MMBT2907A-7 Notes: Packaging SOT-23 Shipping 3000/Tape & Reel
2. Short duration test pulse used to minimize self-heating effect. 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K2F
K2F = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4 2002 N May 5 2003 P Jun 6 2004 R Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
DS30040 Rev. 4 - 2
YM
2 of 3
MMBT2907A
30 20 C, CAPACITANCE (pF)
Cibo
10
5.0
Cobo
1.0 -0.1
-1.0
-10
-30
REVERSE VOLTS (V) Fig. 1 Typical Capacitance
VCE COLLECTOR-EMITTER VOLTAGE (V)
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 1
IC = 1mA IC = 10mA IC = 100mA IC = 30mA IC = 300mA
0.01
0.1
10
100
IB BASE CURRENT (mA) Fig. 2 Typical Collector Saturation Region
DS30040 Rev. 4 - 2
3 of 3
MMBT2907A


▲Up To Search▲   

 
Price & Availability of MMBT2907A-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X