Part Number Hot Search : 
13003 TSC128D HM304 LM555CN F39W60CP CH493DPT 11110 CH493DPT
Product Description
Full Text Search
 

To Download MMBF5460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5460 / 2N5461 / 2N5462 / MMBF5460 / MMBF5461
Discrete POWER & Signal Technologies
2N5460 2N5461 2N5462
MMBF5460 MMBF5461
G
D G S
TO-92
D
SOT-23
Mark: 6E / 61U
S
P-Channel General Purpose Amplifier
This device is designed primarily for low level audio and general purpose applications with high impedance signal sources. Sourced from Process 89.
Absolute Maximum Ratings*
-
TA = 25C unless otherwise noted
Symbol
VDG VGS IGF TJ ,Tstg Drain-Gate Voltage Gate-Source Voltage Forward Gate Current
Parameter
Value
- 40 40 10 -55 to +150
Units
V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N5460 625 5.0 83.3 200
Max
*MMBF5460 350 2.8 357
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
a 1997 Fairchild Semiconductor Corporation
2N5460 / 2N5461 / 2N5462 / MMBF5460 / MMBF5461
P-Channel General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)GSS IGSS VGS(off) Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage IG = 10 A, VDS = 0 VGS = 20 V, VDS = 0 VGS = 20 V, VDS = 0, TA = 100C VDS = 15 V, ID = 1.0 A 2N5460 2N5461 2N5462 VDS = 15 V, ID = 0.1 mA 2N5460 VDS = 15 V, ID = 0.2 mA 2N5461 VDS = 15 V, ID = 0.4 mA 2N5462 40 5.0 1.0 6.0 7.5 9.0 4.0 4.5 6.0 V nA A V V V V V V
VGS
Gate-Source Voltage
0.75 1.0 1.8 0.5 0.8 1.5
ON CHARACTERISTICS
IDSS Zero-Gate Voltage Drain Current* VDS = 15 V, VGS = 0 2N5460 2N5461 2N5462 - 1.0 - 2.0 - 4.0 - 5.0 - 9.0 - 16 mA mA mA
SMALL SIGNAL CHARACTERISTICS
gfs Forward Transfer Conductance VDS = 15, VGS = 0, f = 1.0 kHz 2N5460 2N5461 2N5462 VDS = 15, VGS = 0, f = 1.0 kHz VDS = 15, VGS = 0, f = 1.0 MHz VDS = 15, VGS = 0, f = 1.0 MHz VDS = 15 V, VGS = 0, RG = 1.0 megohm, f = 100 Hz, BW = 1.0 Hz VDS = 15 V, VGS = 0, f = 100 Hz, BW = 1.0 Hz 1000 1500 2000 5.0 1.0 1.0 4000 5000 6000 75 7.0 2.0 2.5 mhos mhos mhos mhos pF pF dB
gos Ciss Crss NF
Output Conductance Input Capacitance Reverse Transfer Capacitance Noise Figure
en
Equivalent Short-Circuit Input Noise Voltage
60
115
nV/OHz
*Pulse Test: Pulse Width 300 ms, Duty Cycle 2%
2N5460 / 2N5461 / 2N5462 / MMBF5460 / MMBF5461
P-Channel General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Transfer Characteristics
Transfer Charactersitics
Common Drain-Source
Parameter Interactions
Leakage Current vs. Voltage
Channel Resistance vs. Temperature
2N5460 / 2N5461 / 2N5462 / MMBF5460 / MMBF5461
P-Channel General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Output Conductance vs. Drain Current
Transconductance vs. Drain Current
Noise Voltage vs. Frequency
Capacitance vs. Voltage
TO-92 Tape and Reel Data and Package Dimensions
TO-92 Packaging Configuration: Figure 1.0
TAPE and REEL OPTION
FSCINT Label sample
FAIRCHILD SEMICONDUCTOR CORPORATION LOT:
CBVK741B019
QTY:
HTB:B 10000
See Fig 2.0 for various Reeling Styles
NSID:
PN2222N
SPEC:
D/C1:
D9842
SPEC REV: QA REV:
B2
FSCINT Label
(FSCINT)
5 Reels per Intermediate Box F63TNR Label Customized Label 375mm x 267mm x 375mm Intermediate Box
F63TNR Label sample
LOT: CBVK741B019 FSID: PN222N D/C1: D9842 D/C2: QTY1: QTY2: QTY: 2000 SPEC: SPEC REV: CPN: N/F: F
Customized Label
(F63TNR)3
TO-92 TNR/AMMO PACKING INFROMATION
Packing Reel Style A E Ammo M P Quantity 2,000 2,000 2,000 2,000 EOL code D26Z D27Z D74Z D75Z
AMMO PACK OPTION
See Fig 3.0 for 2 Ammo Pack Options
Unit weight = 0.22 gm Reel weight with components = 1.04 kg Ammo weight with components = 1.02 kg Max quantity per intermediate box = 10,000 units
FSCINT Label 327mm x 158mm x 135mm Immediate Box Customized Label 5 Ammo boxes per Intermediate Box F63TNR Label 333mm x 231mm x 183mm Intermediate Box
Customized Label
(TO-92) BULK PACKING INFORMATION
EOL CODE J18Z J05Z NO EOL CODE DESCRIPTION TO-18 OPTION STD TO-5 OPTION STD TO-92 STANDARD STRAIGHT LEADCLIP DIMENSION NO LEAD CLIP NO LEAD CLIP NO LEADCLIP QUANTITY 2.0 K / BOX 1.5 K / BOX 2.0 K / BOX
BULK OPTION
See Bulk Packing Information table Anti-static Bubble Sheets
FSCINT Label
2000 units per EO70 box for std option
114mm x 102mm x 51mm Immediate Box
5 EO70 boxes per intermediate Box 530mm x 130mm x 83mm Intermediate box Customized Label
FSCINT Label 10,000 units maximum per intermediate box for std option
September 1999, Rev. B
TO-92 Tape and Reel Data and Package Dimensions, continued
TO-92 Reeling Style Configuration: Figure 2.0
Machine Option "A" (H) Machine Option "E" (J)
Style "A", D26Z, D70Z (s/h)
Style "E", D27Z, D71Z (s/h)
TO-92 Radial Ammo Packaging Configuration: Figure 3.0
FIRST WIRE OFF IS COLLECTOR ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON TOP FIRST WIRE OFF IS EMITTER ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON BOTTOM
ORDER STYLE D74Z (M)
ORDER STYLE D75Z (P)
FIRST WIRE OFF IS EMITTER (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON BOTTOM
FIRST WIRE OFF IS COLLECTOR (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON TOP
September 1999, Rev. B
TO-92 Tape and Reel Data and Package Dimensions, continued
TO-92 Tape and Reel Taping Dimension Configuration: Figure 4.0
Hd P Pd
b Ha H1 HO d L L1 W1 S WO W2 W
t
t1 P1 F1 P2 DO ITEM DESCRIPTION PO Base of Package to Lead Bend Component Height Lead Clinch Height Component Base Height Component Alignment ( side/side ) Component Alignment ( front/back ) Component Pitch Feed Hole Pitch Hole Center to First Lead Hole Center to Component Center Lead Spread Lead Thickness Cut Lead Length Taped Lead Length Taped Lead Thickness Carrier Tape Thickness SYMBOL b Ha HO H1 Pd Hd P PO P1 P2 F1/F2 d L L1 t t1 W WO W1 W2 DO S DIMENSION 0.098 (max) 0.928 (+/- 0.025) 0.630 (+/- 0.020) 0.748 (+/- 0.020) 0.040 (max) 0.031 (max) 0.500 (+/- 0.020) 0.500 (+/- 0.008) 0.150 (+0.009, -0.010) 0.247 (+/- 0.007) 0.104 (+/- 0 .010) 0.018 (+0.002, -0.003) 0.429 (max) 0.209 (+0.051, -0.052) 0.032 (+/- 0.006) 0.021 (+/- 0.006) 0.708 (+0.020, -0.019) 0.236 (+/- 0.012) 0.035 (max) 0.360 (+/- 0.025) 0.157 (+0.008, -0.007) 0.004 (max)
User Direction of Feed
TO-92 Reel Configuration: Figure 5.0
Carrier Tape Width Hold - down Tape Width Hold - down Tape position Feed Hole Position Sprocket Hole Diameter Lead Spring Out
Note : All dimensions are in inches.
ELECT ROSTATIC SEN SITIVE D EVICES
D4
D1 ITEM DESCRIPTION SYSMBOL MINIMUM MAXIMUM
F63TNR Label Customized Label
D2
Reel Diameter Arbor Hole Diameter (Standard) (Small Hole) Core Diameter Hub Recess Inner Diameter Hub Recess Depth Flange to Flange Inner Width W1 Hub to Hub Center Width W3 Note: All dimensions are inches
D1 D2 D2 D3 D4 W1 W2 W3
13.975 1.160 0.650 3.100 2.700 0.370 1.630
14.025 1.200 0.700 3.300 3.100 0.570 1.690 2.090
W2
D3
July 1999, Rev. A
TO-92 Tape and Reel Data and Package Dimensions
TO-92 (FS PKG Code 92, 94, 96)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.1977
January 2000, Rev. B
SOT-23 Tape and Reel Data and Package Dimensions
SOT-23 Packaging Configuration: Figure 1. 0
Customized La bel
Packaging Description:
SOT-23 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a m ultilayer film (Heat Activated Adhesive in na ture) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled pa in standard option are shipped with rts 3,000 units per 7" or 177cm diameter reel. The reels are dark blue in color an is made of polystyrene plastic (antid static coated). Other option comes in 10,000 units per 13" or 330cm diameter reel. This and s ome other options are described in the P ackaging Information table. These full reels are individually labeled and placed inside as tanda intermediate made of recyclable corrugated rd brown pap with a Fairchil d logo printing. One pizza box er contains eight reels maximum. And thes intermediate e boxes are placed inside a labeled shipping box which comes in different sizes depending on t e nu h mber of parts shippe d.
Antistatic Cover Tape
Human Readable Label
Embossed Carrier Tape
3P
SOT-23 Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Standard (no flow code ) TNR 3,000 7" Dia 187x107x183 24,000 0.0082 0.1175 D87Z TNR 10,000 13" 343x343x64 30,000 0.0082 0.4006
3P
3P
3P
SOT-23 Unit Orientation
343mm x 342mm x 64mm Intermediate box for L87Z Option Human Readable Label
Human Readable Label sample
H uman readable Label
SOT-23 Tape Leader and Trailer Configuration: Figure 2. 0
187mm x 107mm x 183mm Intermediate Box for Stand Option ard
Carrier Tape Cover Tape
Components Trailer Tape 300mm minimum or 75 empty poc kets Leader Tape 500mm minimum or 125 empty pockets
September 1999, Rev. C
SOT-23 Tape and Reel Data and Package Dimensions, continued
SOT-23 Embossed Carrier Tape Configuration: Figure 3.0
P0 T E1 P2 D0 D1
F E2 B0 Wc
W
Tc K0
P1
A0
User Direction of Feed
Dimensions are in millimeter Pkg type SOT-23 (8mm)
A0
3.15 +/-0.10
B0
2.77 +/-0.10
W
8.0 +/-0.3
D0
1.55 +/-0.05
D1
1.125 +/-0.125
E1
1.75 +/-0.10
E2
6.25 min
F
3.50 +/-0.05
P1
4.0 +/-0.1
P0
4.0 +/-0.1
K0
1.30 +/-0.10
T
0.228 +/-0.013
Wc
5.2 +/-0.3
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0 Sketch B (Top View)
Typical component center line
Sketch C (Top View)
Component lateral movement
SOT-23 Reel Configuration: Figure 4.0
Component Rotation
W1 Measured at Hub
Dim A Max
Dim A max
Dim N
See detail AA
7" Diameter Option
B Min Dim C See detail AA W3
Dim D min
13" Diameter Option
W2 max Measured at Hub DETAIL AA
Dimensions are in inches and millimeters
Tape Size
8mm
Reel Option
7" Dia
Dim A
7.00 177.8 13.00 330
Dim B
0.059 1.5 0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2 512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2 0.795 20.2
Dim N
2.165 55 4.00 100
Dim W1
0.331 +0.059/-0.000 8.4 +1.5/0 0.331 +0.059/-0.000 8.4 +1.5/0
Dim W2
0.567 14.4 0.567 14.4
Dim W3 (LSL-USL)
0.311 - 0.429 7.9 - 10.9 0.311 - 0.429 7.9 - 10.9
8mm
13" Dia
September 1999, Rev. C
SOT-23 Tape and Reel Data and Package Dimensions, continued
SOT-23 (FS PKG Code 49)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.0082
September 1998, Rev. A1
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrench QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. D


▲Up To Search▲   

 
Price & Availability of MMBF5460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X