Part Number Hot Search : 
1N5144 93A0687Q MIC4420 74LVT574 4U016 M3202 V640EBTI C74HC3
Product Description
Full Text Search
 

To Download MMBF5457LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MMBF5457LT1/D
JFET General Purpose Transistor
N-Channel
2 SOURCE 3 GATE
MMBF5457LT1
3
1 DRAIN
1 2
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage Reverse Gate-Source Voltage Gate Current Symbol VDS VDG VGS(r) IG Value 25 25 25 10 Unit Vdc Vdc Vdc mAdc CASE 318 - 08, STYLE 10 SOT- 23 (TO - 236AB)
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RqJA TJ, Tstg 556 - 55 to +150 Unit mW mW/C C/W C
DEVICE MARKING
MMBF5457LT1 = 6D
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Gate-Source Breakdown Voltage (IG = 10 Adc, VDS = 0) Gate Reverse Current (VGS = 15 Vdc, VDS = 0) (VGS = 15 Vdc, VDS = 0, TA = 100C) Gate Source Cutoff Voltage (VDS = 15 Vdc, ID = 10 nAdc) Gate Source Voltage (VDS = 15 Vdc, ID = 100 Adc) V(BR)GSS IGSS -- -- VGS(off) VGS 0.5 -- -- -- -- - 2.5 1.0 200 - 6.0 -- Vdc Vdc 25 -- -- Vdc nAdc
ON CHARACTERISTICS
Zero-Gate-Voltage Drain Current(2) (VDS = 15 Vdc, VGS = 0) 1. FR- 5 = 1.0 0.75 0.062 in. 2. Pulse Test: Pulse Width 630 ms, Duty Cycle 10%. IDSS 1.0 -- 5.0 mAdc
Thermal Clad is a trademark of the Bergquist Company
Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1996
1
MMBF5457LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
SMALL-SIGNAL CHARACTERISTICS
Forward Transfer Admittance(2) (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Reverse Transfer Admittance (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Input Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) 2. Pulse Test: Pulse Width 630 ms, Duty Cycle 10%. |Yfs| |yrs| Ciss Crss 1000 -- -- -- -- 10 4.5 1.5 5000 50 7.0 3.0 mhos mhos pF pF
TYPICAL CHARACTERISTICS
5 VDS = 15 V VGS = 0 RS = 1 MW 14 12 NF, NOISE FIGURE (dB) 10 8 6 4 2 0 0.01 0.1 1.0 f, FREQUENCY (kHz) 10 100 0 0.001 0.01 0.1 1.0 RS, SOURCE RESISTANCE (Megohms) 10 VDS = 15 V VGS = 0 f = 1 kHz
NF, NOISE FIGURE (dB)
4
3
2
1
Figure 1. Noise Figure versus Frequency
Figure 2. Noise Figure versus Source Resistance
1.2
1.2 VGS(off) 1.0 I D , DRAIN CURRENT (mA) 0.8 0.6 0.4 0.2 0
^ -1.2 V
VGS = 0 V 1.0 - 0.2 V I D , DRAIN CURRENT (mA) 0.8
VGS(off)
^ -1.2 V
VDS = 15 V
- 0.4 V - 0.6 V - 0.8 V - 1.0 V 0 10 15 20 VDS, DRAIN - SOURCE VOLTAGE (VOLTS) 5 25
0.6 0.4 0.2 0 - 1.2
- 0.8 - 0.4 VGS, GATE - SOURCE VOLTAGE (VOLTS)
0
Figure 3. Typical Drain Characteristics
Figure 4. Common Source Transfer Characteristics
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBF5457LT1
TYPICAL CHARACTERISTICS
5 VGS = 0 V I D , DRAIN CURRENT (mA) I D , DRAIN CURRENT (mA) 4 VGS(off) 3
5 VGS(off) 4
^ - 3.5 V
^ - 3.5 V
-1 V
3 VDS = 15 V 2
2 -2 V -3 V 0 0 10 15 20 VDS, DRAIN - SOURCE VOLTAGE (VOLTS) 5 25
1
1
0 -5
-3 -2 -1 -4 VGS, GATE - SOURCE VOLTAGE (VOLTS)
0
Figure 5. Typical Drain Characteristics
Figure 6. Common Source Transfer Characteristics
10
10
I D , DRAIN CURRENT (mA)
-1 V 6 -2 V 4 -3 V 2 -4 V -5 V 0 0 10 15 20 VDS, DRAIN - SOURCE VOLTAGE (VOLTS) 5 25
I D , DRAIN CURRENT (mA)
8
VGS(off)
^ - 5.8 V
VGS = 0 V 8
VGS(off)
^ - 5.8 V
6 VDS = 15 V 4
2
0 -7
-6
-5 -4 -3 -2 -1 VGS, GATE - SOURCE VOLTAGE (VOLTS)
0
Figure 7. Typical Drain Characteristics
Figure 8. Common Source Transfer Characteristics
Note: Graphical data is presented for dc conditions. Tabular data is given for pulsed conditions (Pulse Width = 630 ms, Duty Cycle = 10%). Under dc conditions, self heating in higher IDSS units reduces IDSS.
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
MMBF5457LT1
INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
SOT-23 SOT-23 POWER DISSIPATION
The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows: PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 225 milliwatts. PD = 150C - 25C 556C/W = 225 milliwatts
The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBF5457LT1
PACKAGE DIMENSIONS
A L
3
BS
1 2
STYLE 10: PIN 1. DRAIN 2. SOURCE 3. GATE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0180 0.0236 0.0350 0.0401 0.0830 0.0984 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.45 0.60 0.89 1.02 2.10 2.50 0.45 0.60
V
G
C D H K J
DIM A B C D G H J K L S V
CASE 318-08 ISSUE AE SOT-23 (TO-236AB)
Motorola Small-Signal Transistors, FETs and Diodes Device Data
5
MMBF5457LT1
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
6
MMBF5457LT1/D Motorola Small-Signal Transistors, FETs and Diodes Device Data


▲Up To Search▲   

 
Price & Availability of MMBF5457LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X