Part Number Hot Search : 
RG10GGF C00RP HC1G0 HFC02 HC1G0 1N6019B UPA1874 D187X
Product Description
Full Text Search
 

To Download MMBD1401A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD1401A / 1403A / 1404A / 1405A
MMBD1401A / 1403A / 1404A / 1405A
CONNECTION DIAGRAMS
3
1401A
3
3
1403A
3
1
A29
1 2 NC 3 1404A 1 3 1405A 2
2
2
SOT-23
1
MARKING MMBD1401A A29 MMBD1404A A33 MMBD1403A A32 MMBD1405A A34
1
2
1
2
High Voltage General Purpose Diode
Sourced from Process 2V.
Absolute Maximum Ratings*
Symbol
W IV IO IF if if(surge) Working Inverse Voltage Average Rectified Current DC Forward Current Recurrent Peak Forward Current
TA = 25C unless otherwise noted
Parameter
Value
175 200 600 700 1.0 2.0 -55 to +150 150
Units
V mA mA mA A A C C
Tstg TJ
Peak Forward Surge Current Pulse width = 1.0 second Pulse width = 1.0 microsecond Storage Temperature Range Operating Junction Temperature
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
MMBD1401A-1405A* 350 2.8 357
Units
mW mW/C C/W
*Device mounted on glass epoxy PCB 1.6" X 1.6" X 0.06"; mounting pad for the collector lead min. 0.93 in2
(c)1999 Fairchild Semiconductor Corporation
MMBD1401A-1405A, Rev. A
MMBD1401A / 1403A / 1404A / 1405A
High Voltage General Purpoise Diode
(continued)
Electrical Characteristics
Symbol
BV IR VF
TA = 25C unless otherwise noted
Parameter
Breakdown Voltage Reverse Current Forward Voltage MMBD1401A / 1403A MMBD1404A / 1405A MMBD1401A / 1403A MMBD1404A / 1405A Diode Capacitance Reverse Recovery Time
Test Conditions
IR = 100 A VR = 120 V VR = 175 V IF = 10 mA IF = 50 mA IF = 200 mA IF = 200 mA IF = 300 mA IF = 300 mA VR = 0, f = 1.0 MHz IF = IR = 30 mA, IRR = 1.0 mA, RL = 100
Min
250
Max
40 100 800 920 1.1 1.0 1.25 1.1 2.0 50
Units
V nA nA mV mV V V V V pF nS
760
CO TRR
Typical Characteristics
IR - REVERSE CURRENT (nA)
REVERSE VOLTAGE vs REVERSE CURRENT BV - 1.0 to 100 uA
V VRR - REVERSE VOLTAGE (V)
REVERSE CURRENT vs REVERSE VOLTAGE IR - 55 to 205 V
50 40 30 20 10 0 55 75 95 115 135 155 175 195 V R - REVERSE VOLTAGE (V)
Ta= 25C
325
Ta= 25C
300
275
3
5
10 20 30 50 I R - REVERSE CURRENT (uA)
100
GENERAL RULE: The Reverse Current of a diode will approximately double for every ten (10) Degree C increase in Temperature
REVERSE CURRENT vs REVERSE VOLTAGE IR - 180 to 255 V
IIR - REVERSE CURRENT (nA) R
FORWARD VOLTAGE vs FORWARD CURRENT VF - 1.0 to 100 uA
VF - FORWARD VOLTAGE (mV) F V
100 90 80 70 60 50 40 30 20 180 200 220 240 VR - REVERSE VOLTAGE (V) 255
Ta= 25C
450 400 350 300 250 1
Ta= 25C
GENERAL RULE: The Reverse Current of a diode will approximately double for every ten Degree C increase in Temperature
2
3 5 10 20 30 50 IF - FORWARD CURRENT (uA)
100
MMBD1401A-1405A, Rev. A
MMBD1401A / 1403A / 1404A / 1405A
High Voltage General Purpoise Diode
(continued)
Typical Characteristics
(continued)
FORWARD VOLTAGE vs FORWARD CURRENT VF - 0.1 to 10 mA
V F V F - FORWARD VOLTAGE (mV)
FORWARD VOLTAGE vs FORWARD CURRENT VF - 10 to 800 mA
V VFF - FORWARD VOLTAGE (mV)
725 Ta= 25C 700 650 600 550 500 450 0.1
1.4 1.3 1.2 1.1 1 0.9 0.8
Ta= 25C
0.2 0.3 0.5 1 2 3 5 I F - FORWARD CURRENT (mA)
10
0.7 10
20
30 50 100 200 300 IF - FORWARD CURRENT (mA)
500
800
Forward Voltage vs Ambient Temperature VF - 1.0 uA - 10 mA (-40 to + 80 Deg C)
V VFF - FORWARD VOLTAGE (mV)
CAPACITANCE vs REVERSE VOLTAGE VR - 0 to 15 V
1.3
Ta= 25C
800
Ta= -40C
CAPACITANCE (pF)
1.2 1.1 1 0.9 0.8
600
Ta= 25C
400
Ta= +80C
200 0.001 0.003 0.01 0.03 0.1 0.3 1 I F - FORWARD CURRENT (mA) 3 10
0 2 4 6 8 10 REVERSE VOLTAGE (V) 12 14 15
REVERSE RECOVERY TIME vs REVERSE RECOVERY CURRENT (Irr)
REVERSE RECOVERY (nS) 50 500 I - CURRENT (mA) 400 300 200 100 0
Average Rectified Current (Io) & Forward Current (I F) versus Ambient Temperature (T A )
IR -F OR WA RD
40
CU RR EN TS
30
IF = IR = 30 mA Rloop = 100 Ohms
Y Io - A ST VER AT AGE E REC -m TIFIE D CU A RRE NT mA
TE AD
20
1
1.5 2 2.5 Irr - REVERSE RECOVERY CURRENT (mA)
3
0
50 100 150 o TA - AMBIENT TEMPERATURE ( C)
MMBD1401A-1405A, Rev. A
MMBD1401A / 1403A / 1404A / 1405A
High Voltage General Purpose Diode
(continued)
Typical Characteristics
(continued)
POWER DERATING CURVE
500 PD - POWER DISSIPATION (mW)
400
DO-35 Pkg
300 SOT-23 Pkg
200
100
0
0
50 100 150 IO - AVERAGE TEMPERATURE ( oC)
200
MMBD1401A-1405A, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of MMBD1401A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X