Part Number Hot Search : 
29002 HD74LS1 BCM5248 AQV210 KBJ406G FR3711 FR3711 IAS012YG
Product Description
Full Text Search
 

To Download MM74HC14M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC14 Hex Inverting Schmitt Trigger
September 1983 Revised February 1999
MM74HC14 Hex Inverting Schmitt Trigger
General Description
The MM74HC14 utilizes advanced silicon-gate CMOS technology to achieve the low power dissipation and high noise immunity of standard CMOS, as well as the capability to drive 10 LS-TTL loads. The 74HC logic family is functionally and pinout compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.
Features
s Typical propagation delay: 13 ns s Wide power supply range: 2-6V s Low quiescent current: 20 A maximum (74HC Series) s Low input current: 1 A maximum s Fanout of 10 LS-TTL loads s Typical hysteresis voltage: 0.9V at VCC = 4.5V
Ordering Code:
Order Number MM74HC14M MM74HC14SJ MM74HC14MTC MM74HC14N Package Number M14A M14D MTC14 N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Logic Diagram
Top View
(c) 1999 Fairchild Semiconductor Corporation
DS005105.prf
www.fairchildsemi.com
MM74HC14
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC ) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C (Note 4)
VCC 2.0V 4.5V 6.0V Maximum 2.0V 4.5V 6.0V VT- Negative Going Threshold Voltage Maximum Minimum 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V VH Hysteresis Voltage Minimum 2.0V 4.5V 6.0V Maximum 2.0V 4.5V 6.0V VOH Minimum HIGH Level Output Voltage VIN = VIL |IOUT | = 20 A VIN = VIL |IOUT | = 4.0 mA |IOUT | = 5.2 mA VOL Maximum LOW Level Output Voltage VIN = VIH |IOUT | = 20 A VIN = VIH |IOUT | = 4.0 mA |IOUT | = 5.2 mA IIN ICC Maximum Input Current Maximum Quiescent Supply Current VIN = VCC or GND VIN = VCC or GND IOUT = 0 A 4.5V 6.0V 6.0V 6.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) -40 +85 C 2 0 Max Units 6 VCC V V
-0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 25 mA 50 mA -65C to +150C 600 mW 500 mW
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VT+ Parameter Positive Going Threshold Voltage Conditions Minimum
TA = 25C Typ 1.2 2.7 3.2 1.2 2.7 3.2 0.7 1.8 2.2 0.7 1.8 2.2 0.5 0.9 1.0 0.5 0.9 1.0 2.0 4.5 6.0 4.2 5.7 0 0 0 0.2 0.2 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 2.0
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 20 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 40
Units V V V V V V V V V V V V V V V V V V V V V V V V V V V V A A
Note 4: For a power supply of 5V 10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
www.fairchildsemi.com
2
MM74HC14
AC Electrical Characteristics
VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns Symbol tPHL, tPLH Parameter Maximum Propagation Delay Conditions Typ 12 Guaranteed Limit 22 Units ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol Parameter Conditions VCC 2.0V 4.5V 6.0V tTLH, tTHL Maximum Output Rise and Fall Time CPD CIN Power Dissipation Capacitance (Note 5) Maximum Input Capacitance 5 10 10 10 pF
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
TA = 25C Typ 60 13 11 30 8 7 27 125 25 21 75 15 13
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 156 31 26 95 19 16 188 38 32 110 22 19
Units ns ns ns ns ns ns pF
tPHL, tPLH Maximum Propagation Delay
2.0V 4.5V 6.0V (per gate)
Typical Performance Characteristics
Input Threshold, VT+, VT-, vs Power Supply Voltage Propagation Delay vs Power Supply
3
www.fairchildsemi.com
MM74HC14
Typical Applications
Low Power Oscillator
Note: The equations assume t1+ t2 >> tpd0 + tpd1
www.fairchildsemi.com
4
MM74HC14
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Package Number M14A
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
5
www.fairchildsemi.com
MM74HC14
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
www.fairchildsemi.com
6
MM74HC14 Hex Inverting Schmitt Trigger
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of MM74HC14M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X